Part Number Hot Search : 
MMSZ52 01200 LI581 PR1007 LM257606 ASF140 46010 SPT5330
Product Description
Full Text Search
 

To Download DA03D0303A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sb01s/d series 1w dc/dc converter, smd-package, high isolation ds_sb01s/d_07232012 e-mail: dcdc@delta.com.tw http://www.delta.com.tw/dcdc p1 features ? efficiency up to 81% ? smd package with industry standard pinout ? high isolation voltage 3000 vdc ? operating temperature range ?40 to +85c ? low ripple and noise ? lead free, rohs compliant ? moisture sensitivity level (msl) 3 ? 3 years product warranty the sb01s/d series are miniature, smd package, isolated 1w dc/dc converters with 3,000vdc isolation. it offers short circuit protection and allows a wide operating temperature range of ?40c to +85c. these isolated dc/dc converters are the lat est offering from a world leader in power systems technology and manufacturing D delta electronics, inc. with creative design technology and optimization of component placement, these converters possess outstanding electrical and thermal performance, as well as extremely high reliability under highly stressful operating conditions model list output current input current efficiency (typ.) input voltage (range) output voltage max. min. @max. load @no load load regulation max. capacitive load @max. load model number vdc vdc ma ma ma(typ.) ma(typ.) % (max.) uf % sb01s0505a 5 200 4 281 10 33 71 sb01s0512a 12 84 1.5 258 7 4.7 78 sb01s0515a 15 67 1 258 7 4.7 78 sb01d0505a 5 100 2 277 10 10* 72 sb01d0512a 12 42 0.8 255 7 2.2* 78 sb01d0515a 5 (4.5 ~ 5.5) 15 34 0.7 258 30 7 2.2* 79 sb01s1205a 5 200 4 117 8 33 71 sb01s1212a 12 84 1.5 106 5 4.7 79 sb01s1215a 15 67 1 104 5 4.7 80 sb01d1205a 5 100 2 112 8 10* 74 sb01d1212a 12 42 0.8 105 5 2.2* 80 sb01d1215a 12 (10.8 ~ 13.2) 15 34 0.7 104 12 5 2.2* 81 sb01s2405a 5 200 4 58 8 33 71 sb01s2412a 12 84 1.5 53 5 4.7 78 sb01s2415a 15 67 1 53 5 4.7 79 sb01d2405a 5 100 2 57 8 10* 72 sb01d2412a 12 42 0.8 53 5 2.2* 79 sb01d2415a 24 (21.6 ~ 26.4) 15 34 0.7 53 7 5 2.2* 80 * for each output
ds_sb01s/d_07232012 e-mail: dcdc@delta.com.tw http://www.delta.com.tw/dcdc input characteristics parameter model min. typ. max. unit 5v input models 4.5 5 5.5 12v input models 10.8 12 13.2 input voltage range 24v input models 21.6 24 26.4 5v input models -0.7 --- 9 12v input models -0.7 --- 18 input surge voltage (1 sec. max.) 24v input models -0.7 --- 30 vdc reverse polarity input current --- --- 0.3 a input filter internal capacitor internal power dissipation all models --- --- 550 mw output characteristics parameter conditions min. typ. max. unit output voltage accuracy --- 1.5 4.0 % output voltage balance dual output, balanced loads --- 0.1 1.0 % line regulation for vin change of 1% --- 1.2 1.5 % load regulation io=20% to 100% see model selection guide ripple & noise (20mhz) --- 75 100 mv p-p ripple & noise (20mhz) over line, load & temp. --- --- 150 mv p-p ripple & noise (20mhz) --- --- 15 mv rms temperature coefficient --- 0.01 0.02 %/ short circuit protection 0.5 second max. general characteristics parameter conditions min. typ. max. unit i/o isolation voltage (rated) 60 seconds 3000 --- --- vdc i/o isolation resistance 500 vdc 10 --- --- g ? i/o isolation capacitance 100khz, 1v --- 60 100 pf switching frequency 50 100 150 khz mtbf (calculated) mil-hdbk-217f@25 , ground benign 2,000,000 --- --- hours moisture sensitivity level (msl) ipc/jedec j-std-020d level 3 recommended input fuse 5v input models 12v input models 24v input models 500ma slow-blow type 200ma slow-blow type 100ma slow-blow type environmental specifications parameter conditions min. max. unit operating temperature range (with derating) ambient -40 +85 case temperature --- +90 storage temperature range -50 +125 humidity (non condensing) --- 95 % rel. h cooling free-air convection lead temperature (1.5mm from case for 10sec.) --- 300 p2
ds_sb01s/d_07232012 e-mail: dcdc@delta.com.tw http://www.delta.com.tw/dcdc power derating curve output power (%) notes 1 specifications typical at ta=+25 , resistive load, nominal input voltage and rated output current unless otherwise noted. 2 ripple & noise measurement bandwidth is 0-20mhz. 3 these power converters require a minimum output loading to maintain specified regulation, operation under no-load conditions wi ll not damage these modules; however they may not meet all specifications listed. 4 all dc/dc converters should be externally fused at the front end for protection. 5 specifications subject to change without notice. mechancial drawing mechanical dimensions connecting pin patterns ? all dimensions in mm (inches) ? tolerance: x.x0.25 (x.xx0.01) x.xx0.13 ( x.xxx0.005) ? pins 0.05 (0.002) pin connections physical outline pin single output dual output case size : 15.3x8.0x6.75mm (0.60x0.31x0.27 inches) 1 -vin -vin case material : molding (flammability to ul 94v-0 rated) 2 +vin +vin 3 na na weight : 2.2g 5 -vout common 6 na -vout 7 na na 8 +vout +vout 10 na na 11 na na 12 na na na : not available for electrical connection p3 15.3 [0.6] 8.0 [0.31] 7.0 0.5 [0.28 0.02] 0.25 0.60 [0.02] [0.01] 1 23 5 12 11 10 8 6 7 1.3 2.54 [0.1] 5.08 [0.2] [0.05] 9.2 [0.36] 7.0 [0.28] 0.25 [0.01] 11.2 [0.44] [0.2] 5.08 6.75 [0.27] a s seating plane 0.15 s 0 ~ 4 r 0 . 5 ( magnification of a ) 1.7 [0.07] 12.7 [0.50] 10.8 [0.43] 5.08 [0.20] 1.0 [0.04] 2.54 [0.10]
ds_sb01s/d_07232012 e-mail: dcdc@delta.com.tw http://www.delta.com.tw/dcdc part numbering system s b 01 s 05 05 a form factor family series watt number of outputs input voltage output voltage option code d-dip a~z 01:1w s - single 03:3.3v 03:3.3v a - std. functions p-sip 02:2w d- dual 05: 5v 05: 5v s-smd 03:3w 12:12v 12:12v 04:4w 24: 24v 15: 15v 06:6w 48:48v 24: 24v warranty delta offers a three(3) years limited warranty. complete warranty information is listed on our web site or is available upon re quest from delta. information furnished by delta is believed to be accurate and reliable. however, no responsibility is assumed by delta for its use, nor for any infringements of patents or other rights of third parties, which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of delta. delta reserves the right to revise these specifications at any time, without notice. p4


▲Up To Search▲   

 
Price & Availability of DA03D0303A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X