Part Number Hot Search : 
11SRW 77M035A MR851G 24121 060NTR H8S2320 HA456 EL5281
Product Description
Full Text Search
 

To Download CDBAT1100-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 1 rev :a qw -jb042 comchip t echnology co., l td. company reserves the right to improve product design , functions and reliability without notice. d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) 2 0 1 0 / d o - 2 1 4 a c 0 . 0 2 0 ( 0 . 5 0 ) 0 . 0 9 0 ( 2 . 3 0 ) 0 . 1 8 1 ( 4 . 6 0 ) 0 . 1 7 3 ( 4 . 4 0 ) 0 . 0 8 3 ( 2 . 1 0 ) 0 . 0 4 6 ( 1 . 1 6 ) 0 . 0 3 4 ( 0 . 8 6 ) 0 . 0 4 5 ( 1 . 1 5 ) 0 . 0 3 0 ( 0 . 7 5 ) 0 . 0 4 5 ( 1 . 1 5 ) 0 . 0 3 0 ( 0 . 7 5 ) parameter unit maximum ratings (at t a=25c, unless otherwise noted) non-repetitive peak reverse voltage a verage forward current operating junction temperature range storage temperature sym bol c d b at 1 2 0 - h f c d b at 1 4 0 - h f c d b at 1 6 0 - h f v rm i f(a v) i fsm t j t stg 20 40 1.0 30 -55 to +125 -55 ~ +150 60 v a a c c electrical characteristics (at t a=25c, unless otherwise noted) c d b at 11 0 0 - h f 100 peak forward surge current @8.3ms single half sine-wave -55 to +150 notes: (1) pulse test width pw=300usec, 1% duty cycle. (2) mounted on p .c. board with 0.2*0.2(5.0*5.0mm) copper pad areas. forward current: 1.0a reverse voltage: 20 to 100v rohs device features -low power loss, high ef ficiency . -high current capability , low vf mechanical data -polarity: laser cathode band marking. -w eight: 0.02 gram (approx). halogen free -plastic package has underwriters laboratory flammability classification 94v -0. -case: packed with frp substrate and epoxy underfilled. -t erminals: pure t in plated (lead-free), solderable per mil-std-750, method 2026. cdba t120-hf thru. cdba t1 100-hf circuit diagram - lead less chip form, no lead damage. s m d s c h o t t k y b a r r i e r r e c t i f i e r s parameter unit reverse peak reverse current (note1) forward voltage (note1) sym bol t y p . m a x . ma v oc/w conditions cdba t160-hf junction to lead (note 2) i rrm v f 0.20 0.34 0.41 0.47 0.38 0.48 0.60 v r =max.v rrm , t a=25c i f =0.1a i f =0.5a i f =1.0a i f =0.1a i f =0.5a i f =1.0a cdba t1 100-hf i f =0.1a i f =0.5a i f =1.0a m i n . 0.50 0.70 0.45 0.63 0.76 0.85 t ype junction capacitance pf cj v r =4v , f=1.0mhz 0.02 28 1 10 thermal resistance r ja junction to ambient (note 2) 88 r jl oc/w cdba t120-hf cdba t140-hf / - - - - - - x -packing : 3,000 pieces per 7 reel. - - - - - - - - - - - - - - - -
ra ting and characteristic cur ves (cdba t120-hf thru. cdba t1 100-hf) page 2 qw -jb042 fig.1- forward current derating curve 0 a v e r a g e f o r w a r d r e c t i f i e d c u r r e n t , ( a ) lead temperature, (c) 0 1 0 0 1 8 0 fig.2- maximum non-repetitive peak forward surge current p e a k f o r w a r d s u r g e c u r r e n t , ( a ) number of cycles at 60hz fig.3- t ypical instantaneous forward characteristics i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) forward voltage, (v) 8 0 1 2 0 1 4 0 1 . 0 fig.4- t ypical reverse characteristics 0 . 0 0 1 i n s t a n t a n e o u s r e v e r s e v o l t a g e , ( m a ) percent of rated peak reverse voltage, (%) 0 . 1 1 . 0 6 0 1 6 0 fig.5- t ypical junction capacitance 1 0 j u n c t i o n c a p a c i t a n c e , ( p f ) reverse voltage, (v) 1 0 1 0 0 4 0 0 0 . 1 1 0 0 rev :a resistive or inductive load p .c.b mounted on 0.2*0.2(5.0*5.0mm) 0 . 0 1 0 1 0 0 2 0 4 0 6 0 8 0 1 1 0 0 1 0 comchip t echnology co., l td. c d b a t 1 2 0 - h f t h r u c d b a t 1 4 0 - h f 0 0 . 8 1 . 0 0 . 1 0 . 3 0 . 6 0 . 0 0 1 0 . 0 1 1 0 1 . 1 0 copper pad areas c d b a t 1 6 0 - h f t h r u c d b a t 1 1 0 0 - h f 0 . 5 s m d s c h o t t k y b a r r i e r r e c t i f i e r s 8 . 3 m s s in g le h a lf s in e - w a v e 0 5 10 20 25 15 30 1 10 10 0 1 . 0 0 o t j = 1 0 0 c o t j = 2 5 c c d b a t 1 2 0 - h f ~ 1 4 0 - h f c d b a t 1 6 0 - h f c d b a t 1 1 0 0 - h f 0 . 9 0 . 7 0 . 5 0 . 4 0 . 2 t a = 2 5 c o t j = 2 5 c f = 1 m h z v s i g = 5 0 m v p - p company reserves the right to improve product design , functions and reliability without notice.
s m d s c h o t t k y b a r r i e r r e c t i f i e r s b c d d d 2 d 1 e f p p 0 p 1 s y m b o l w w 1 ( m m ) ( i n c h ) 0 . 1 8 5 0 . 0 0 4 0 . 0 9 4 0 . 0 0 4 0 . 0 5 0 0 . 0 0 4 0 . 0 5 9 0 . 0 0 4 1 2 . 9 9 2 0 . 0 7 9 1 . 9 6 9 m i n . 0 . 5 1 2 0 . 0 2 0 s y m b o l ( m m ) ( i n c h ) 0 . 0 6 9 0 . 0 0 4 0 . 2 1 7 0 . 0 0 2 0 . 3 1 5 0 . 0 0 4 0 . 1 5 7 0 . 0 0 4 0 . 0 7 9 0 . 0 0 4 0 . 4 7 2 0 . 0 1 2 0 . 5 6 7 m a x . 4 . 7 0 0 . 1 0 2 . 4 0 0 . 1 0 8 . 0 0 0 . 1 0 1 . 5 0 0 . 1 0 5 . 5 0 0 . 0 5 1 . 7 5 0 . 1 0 5 0 . 0 m i n . 1 3 . 0 0 . 5 0 1 . 2 6 0 . 1 0 4 . 0 0 0 . 1 0 2 . 0 0 0 . 1 0 1 2 . 0 0 0 . 3 0 1 4 . 4 m a x . 3 3 0 2 . 0 0 reel t aping specification o 1 2 0 t railer device leader 10 pitches (min) 10 pitches (min) ....... ....... ....... ....... ....... ....... ....... ....... end start d 1 d w 1 t c direction of feed i n d e x h o l e d e f b w p p 0 p 1 a a d 2 page 3 qw -jb042 rev :a comchip t echnology co., l td. company reserves the right to improve product design , functions and reliability without notice. ( d o - 2 1 4 a c ) 2 0 1 0 ( d o - 2 1 4 a c ) 2 0 1 0
s m d s c h o t t k y b a r r i e r r e c t i f i e r s page 4 qw -jb042 rev :a comchip t echnology co., l td. company reserves the right to improve product design , functions and reliability without notice. standard packaging c a s e t y p e 3 , 0 0 0 r e e l ( p c s ) reel size (inch) 7 r e e l p a c k 2 0 1 0 / d o - 2 1 4 a c suggested p ad layout a b c size (inch) 0.058min. (mm) 1.47min. 1.27 min. 2.60max. 0.050 min. 0. 10 2m ax . 2010/do-214ac 5.14ref . 0.202 ref . a b c d d marking code 2 part number marking code cdba t120-hf cdba t140-hf cdba t160-hf 4 6 cdba t1 100-hf 10


▲Up To Search▲   

 
Price & Availability of CDBAT1100-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X