Part Number Hot Search : 
70615 IFC125 EP3042 BR103 EA09312 MAGIC MC3425 KMOC30
Product Description
Full Text Search
 

To Download CBM100S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 CBM100S series 100 watt ac-dc power supply with pfc features * universal input range 90~264vac * full load with baseplate cooled and no fan required * wide operating temperature range * 17mm ultra low profile package * safety meets en60950-1 * built-in en55022 class b filter * active pfc meets en61000-3-2 * high efficiency up to 90% typical * no load input power consumption <0.5w * over temperature protection * over voltage protection * over current protection model voltage output output current ripple & noise note1 voltage accuracy note2 line reg. note3 load reg. note4 % eff. (typ.) note5 CBM100S120 +12v 8.4a 1.0% 1.0% 0.5% 1% 90% CBM100S240 +24v 4.2a 1.0% 1.0% 0.5% 1% 91% CBM100S280 +28v 3.6a 1.0% 1.0% 0.5% 1% 91% CBM100S360 +36v 2.8a 1.0% 1.0% 0.5% 1% 91% CBM100S480 +48v 2.1a 1.0% 1.0% 0.5% 1% 91.5%
2 specifications CBM100S series derating curve input specifications: ac input voltage ............................ ....................... 90~264vac frequency ...... 47 to 63hz inrush current ........................ 1 00a max. @240vac leakage current @ 264vac ... 3.5ma ma x. output specifications: isolation ... input to output = 424 2vdc total rated output power 100w hold-up time . 12ms typ. over voltage protection ... recycle ac inp ut to restart short circuit protection ....... hiccup mode(au to recovery) over current protection .... auto rec overy over temperature protection .... auto r ecovery temperature coefficient .... 0.05% / general specifications: note: operating ambient temperature ... ................. see derating c u r v e 1. CBM100S series: add a 0.1uf ceramic capacitor an d a 10uf e.l. storage temperature ................. -40~100 capacitor to output for ripple &noise measuring @20 mhz bw. humidity ............ 93% rh max. non c ondensing 2. voltage accuracy is set at 60% rated load. switching frequency ........................... ............ 130khz typical 3. line regulation is measured from high line to lo w line with rated load. mtbf ... mil-hdbk-217f, gb, 25 /115vac . 100khrs min. 4. load regulation is measured at 60%40% rated. no load input power consumption.......... ..<0.5w 5. typical efficiency with 230vac and full load at 25 altitude 2000m 6. power dissipation (p d ): p d =p i -p o =p o (1- )/ dimensions.....4.60x2.40x0.67 inches (116.80x61.00 x17.00mm) w eight ..23 6g (0. 52p o unds) safety and emc: emission and immunity . en55022 class b, fcc par t 15 class b en61000-6-3, en61000-3-2, en61000-3-3 en55024, en61000-6-1, en61204-3 safety .. iec60950-1, en60950-1, ul609 50-1 mechanical specification typical at 25 , 230vac and 75% rated load, unless otherwise speci fied


▲Up To Search▲   

 
Price & Availability of CBM100S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X