Part Number Hot Search : 
7516F FC6251 CAT9554A CS109HMS CM9107 F5H2201 RM25HG RF33761
Product Description
Full Text Search
 

To Download BYV28-6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BYV28-6 sintered glass junction ultrafast avalanche rectifier voltage 600v current : 3.1a feature sod-64 glass passivated high maximum operating temperature low leakage current excellent stability guaranteed avalanche energy absorption capability mechanical data case: sod-64 sintered glass case terminal: plated axial leads solderable per mil-std 202e, method 208c polarity: color band denotes cathode end mounting position: any dimensions in inches and (millimeters) maximum ratings and electrical characteristics (single-phase, half-wave, 60hz, resistive or induct ive load rating at 25 c, unless otherwise stated) symbol BYV28-6 units maximum recurrent peak reverse voltage v rrm 600 v maximum rms voltage v rms 420 v maximum dc blocking voltage v dc 600 v maximum average forward rectified current 3/8lead length at i =10mm i fav 3.1 a peak forward surge current at tp=10ms,half sinewave i fsm 90 a maximum forward voltage at forward current if=3.5a and 25 v f 1.25 v non-repetitive peak reverse avalanche energy (note 1) e rsm 20 mj maximum dc reverse current ta =25 c at rated dc blocking voltage ta =1 50 c i r 5.0 150.0 m a maximum reverse recovery time (note 2) trr 50 ns typical thermal resistance (n ote 3) rth(ja) 75 k/w storage and operating junction temperature tstg, tj -65 to +175 c note: 1. l=120mh,tj-tjmax prior to surge; inductive load switched off 2. reverse recovery condition if = 0.5a, ir =1.0a, irr =0.25a 3. device mounted on an epoxy-glass printed-circuit board, 1.5mm thick; thickness of cu-layer 40 m rev.a1 www.gulfsemi.com
ratings and characteristic curves BYV28-6 rev. a1 www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of BYV28-6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X