Part Number Hot Search : 
67078 20PFI MIC809JU P10A9 C330K 2SA16 STCN75DS N2540
Product Description
Full Text Search
 

To Download BKC320F2T10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  baby king cobra circular connectors positronic industries, inc www.connectpositronic.com www.positronicasia.com baby king cobra materials and finishes insulator: glass-filled nylon, ul 94v-0. contacts: precision machined copper alloy with gold over nickel plate. o ring: silicon, ul 94v-0 electrical characteristics contact current ratings size 20 contacts: 7.5 amperes nominal. initial contact resistance per iec 512-2, test 2b. size 20 contacts: 0.005 ohms, maximum. insulator resistance per iec 512-2, test 3a. insulator: 5 g ohms, minimum. proof voltage size 20 contacts: 1000 v r.m.s. working voltage size 20 contacts: 250 v r.m.s. climatic characteristics working temperature: -55c to +125c dust and water ingress: ip65 with overmolded assembles (consult factory for details) mechanical characteristics polarization: provided by insulator. fixed contacts: size 20 female contacts feature open entry 500 cycles design. contact retention in insulator: size 20 contacts: 27 n [6 lbs.] minimum. locking system: threaded or twist locking shroud ul : file e220614 bkc320: three (3) size 20 contacts bkc620: six (6) size 20 contacts catalog number : a-012 connector versions technical characteristics 1 1 www.connectpositronic.com miniature, economical & rugged circular connector systems
baby king cobra circular connectors positronic industries, inc www.connectpositronic.com www.positronicasia.com 1 ?16.00 [?0.630 ] 1 ?16.00 [?0.630 ] 1 ?14.56 [?0.573 ] 1 ?14.56 [?0.573 ] 1 ?16.80 [?0.661 ] ?16.80 [?0.661 ] 1 outline dimensions threaded locking system twist locking system cable cable cable cable male connector male connector female connector female connector flange mount flange mount flange mount flange mount 16.5 8 [0.653] 7.50 [0.295] 1 m14 x 1. 0 14.0 0 [0.551] 1 m14 x 1. 0 14.0 0 [0.551] 18.6 8 [0.735] 10.7 0 [0.421] 18.3 3 [0.722] 18.6 8 [0.735] 1.75 [0.069] 16.5 8 [0.653] 1.75 [0.069] 18.6 8 [0.735] 15.5 4 [0.612] 11.0 0 [0.433] typ. 19.5 4 [0.769] 11.0 0 [0.433]typ. 18.6 0 [0.732] 11.0 0 [0.433] typ. 19.5 4 [0.769] 11.0 0 [0.433] typ. 1.75 [0.069] 15.5 4 [0.612] 11.0 0 [0.433] typ. 1.75 [0.069] 19.5 4 [0.769] 11.0 0 [0.433] typ. 9.40 [0.370] across flats 9.40 [0.370] across flats 9.40 [0.370] across flats 9.40 [0.370] across flats 9.40 [0.370] across flats 9.40 [0.370] across flats 2 above dimensions are same for both bkc320 and bkc620 versions.
baby king cobra circular connectors positronic industries, inc www.connectpositronic.com www.positronicasia.com dust cover solder cup contacts / accessories accessories solder cup contacts male connector typical part number: bkc620m2t10 female connector typical part number: bkc620f2t20 typical part number: bkc620m2tw10 specify code m2tw in step 2 specify code f2tw in step 2 * applicable for bkc620 only. ** applicable for bkc620 and bkc320. typical part number: bkc620f2tw30 panel* * m2 csk screw* flange panel* * 5.75 +0.0 0 -0.10 [ 0.22 6 +0.000 -0.004 ] ?12.25 +0.1 0 -0.00 [ ?0.482 +0.004 -0.000 ] flange 4.90 +0.0 0 -0.10 [ 0.19 3 +0.000 -0.004 ] ?11.00 +0.1 0 -0.00 [ ?0.433 +0.004 -0.000 ] 14.8 5 [0.585 ] 4x?2.20 [?0.087 ] ?14.40 [?0.567 ] panel mounting option panel cutout connector with hood male or female rear panel mount stepped jam nut stepped jam nut front panel mount front mount (jam nut) twist lock cutout typical part number: typical part number: bkc320m2t1ft bkc620m2t1pf bkc320m2tw1pf bkc620m2tw1pf *screw and nut shown for reference only. **panel thickness 1.50 [0.059] max only. bkc320m2tw1p bkc620m2tw1p bkc320m2t1p bkc620m2t1p threaded lock cutout connector with flange rear mount cutout for threaded lock or twist lock materials: hood & clamp: nylon, ul 94v-0. screws: steel with zinc plate. materials: screws and nuts: steel with zinc plate. materials: dust cover: glass-filled nylon, ul 94v-0. cable note: hood design can accomodate jacketed cable ? between 4.50mm [0.177] to 6.00mm [0.236] ordering part numbers: (female dust cover part number) 5132-19-1 l=100[3.937] 5132-19-2 l=35[1.378] for male dust cover, please consult factory. the above part numbers to be ordered separately. ?1.1 9 [0.047]* * solder cup 5.00 [0.197] * 3.50 [0.138]* * 5.00 [0.197] * 3.00 [0.118]* * 5.00 [0.197] * 3.00 [0.118]* * ?1.1 9 [0.047]* * solder cup 4.50 [0.177] * 2.90 [0.114]* * 39.88 [1.570 ] 14.0 0 [0.551] panel mount nylon rope length l jacketed cable 3 unless otherwise specifed, dimensional tolerances are: 1) male contact mating diameters : 0.03 [0.001] 2) contact termination diameters : 0.08 [0.003] 3) all other diameters : 0.13 [0.005] 4) all other dimensions : 0.38 [0.015] for overmolded bkc series cable assembles. please contact sales. dimensions are in millimeters [inches]. all dimensions are subject to change.
baby king cobra circular connectors positronic industries, inc www.connectpositronic.com www.positronicasia.com step 4: environmental compliance option /aa : compliance per eu directive 2002/95/ec (rohs) example: bkc620m2t2p/aa. note : if rohs legislation is not required, this step will not be used. example: bkc620m2t2p. step 6 - special options consult factory for special options. step 1: connector version baby king cobra series - bkc620 : six (6) size 20 contacts. bkc320 : three (3) size 20 contacts. step 2: connector gender and type of contacts m2t1 : threaded male, solder cup, fxed contacts. (supplied without threaded locking shroud) f2t1 : threaded female, solder cup, fxed contacts. (supplied without threaded locking shroud) m2t2 : threaded male, solder cup, fxed contacts. (supplied with threaded locking shroud) f2t2 : threaded female, solder cup, fxed contacts. (supplied with threaded locking shroud) (m2t1 mates only with f2t2 or f2t1.) (f2t1 mates only with m2t2 or m2t1.) m2tw1 : twist male, solder cup, fxed contacts. (supplied without twist locking shroud) f2tw1 : twist female, solder cup, fxed contacts (supplied without twist locking shroud) m2tw3 : twist male, solder cup, fxed contacts. (supplied with twist locking shroud) f2tw3 : twist female, solder cup, fxed contacts. (supplied with twist locking shroud) (m2tw1 mates only with f2tw3 or f2tw1.) (f2tw1 mates only with m2tw3 or m2tw1.) step 3: mounting styles and hood 0 : none. p : panel mount with jam nut and without fange. (available in front mount version only) pf : panel mount with flange and without jam nut. (available in rear mount version only) j : hood. step 1 2 3 4 5 example bkc620 f2t1 pf /aa - xxx connector ordering information specify complete connector by following step 1 through step 5. typical connector assembly & ordering information positronic industries, inc. 423 n campbell ave, po box 8247 springfeld, mo 65801, usa telephone (417) 866-2322 fax (417) 866-4115 toll free (800) 641-4054 info@connectpositronic.com positronic industries, s.a.s. zone industrielle dengachies 46 route dengachies france 32020 auch cedex 9 telephone 33 (0) 5 6263 4491 fax 33 (0) 5 6263 5117 contact@connectpositronic.com positronic asia pte ltd. blk 3014a ubi road 1 #07-01 singapore 408703 telephone 65 6842 1419 fax 65 6842 1421 singapore@connectpositronic.com typical connector assembly threaded locking system jam nut front panel mount female connector male connector threaded locking shroud clamping screws cable clamp hood o ring positronic believes the data contained herein to be reliable. since the technical information is given free of charge, the user employs such information at his own discretion and risk. positronic assumes no responsibility for results obtained or damages incurred from use of such information in whole or in part. above views applicable for both bkc620 and bkc320 versions. m2t1 m2tw1 m2t2 m2tw3 f2t1 f2tw 1 f2t2 f2tw 3


▲Up To Search▲   

 
Price & Availability of BKC320F2T10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X