Part Number Hot Search : 
0U3BB MX98715A 21447 27512 18F67 B2RA1H 1ZKE11 IRF7807V
Product Description
Full Text Search
 

To Download BF245A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2002 march, 2002 ? rev. 1 483 publication order number: BF245A/d n ? channel ? depletion maximum ratings rating symbol value unit drain ? source voltage v ds 30 vdc drain ? gate voltage v dg 30 vdc gate ? source voltage v gs 30 vdc drain current i d 100 madc forward gate current i g(f) 10 madc total device dissipation @ t a = 25 c derate above 25 c p d 350 2.8 mw mw/ c storage channel temperature range t stg ? 65 to +150 c device package shipping ordering information BF245A to ? 92 to ? 92 case 29 style 23 5000 units/box 3 2 1 x= a or b y = year ww = work week marking diagram bf 245x yww http://onsemi.com bf245b to ? 92 5000 units/box
BF245A, bf245b http://onsemi.com 484 electrical characteristics (t a = 25 c unless otherwise noted) characteristic symbol min typ max unit off characteristics gate ? source breakdown voltage (i g = 1.0 adc, v ds = 0) v (br)gss 30 ? ? vdc gate ? source (v ds = 15 vdc, i d = 200 adc) BF245A, bf245b v gs 0.4 1.6 ? ? 2.2 3.8 vdc gate ? source cutoff voltage (v ds = 15 vdc, i d = 10 nadc) v gs(off) ? 0.5 ? ? 8.0 vdc gate reverse current (v gs = 20 vdc, v ds = 0) i gss ? ? 5.0 nadc on characteristics zero ? gate ? voltage drain current (v ds = 15 vdc, v gs = 0) BF245A bf245b i dss 2.0 6.0 ? ? 6.5 15 madc small ? signal characteristics forward transfer admittance (v ds = 15 vdc, v gs = 0, f = 1.0 khz) ? y fs ? 3.0 ? 6.5 mmhos output admittance (v ds = 15 vdc, v gs = 0, f = 1.0 khz) ? y os ? ? 40 ? mhos forward transfer admittance (v ds = 15 vdc, v gs = 0, f = 200 mhz) ? y fs ? ? 5.6 ? mmhos reverse transfer admittance (v ds = 15 vdc, v gs = 0, f = 200 mhz) ? y rs ? ? 1.0 ? mmhos input capacitance (v ds = 20 vdc, ? v gs = 1.0 vdc) c iss ? 3.0 ? pf reverse transfer capacitance (v ds = 20 vdc, ? v gs = 1.0 vdc, f = 1.0 mhz) c rss ? 0.7 ? pf output capacitance (v ds = 20 vdc, ? v gs = 1.0 vdc, f = 1.0 mhz) c oss ? 0.9 ? pf cut ? off frequency (note 1) (v ds = 15 vdc, v gs = 0) f (yfs) ? 700 ? mhz 1. the frequency at which g fs is 0.7 of its value at 1 khz.
BF245A, bf245b http://onsemi.com 485 figure 1. input admittance (y is ) figure 2. reverse transfer admittance (y rs ) common source characteristics admittance parameters (v ds = 15 vdc, t channel = 25 c) figure 3. forward transadmittance (y fs ) figure 4. output admittance (y os )
BF245A, bf245b http://onsemi.com 486 figure 5. s 11s figure 6. s 12s figure 7. s 21s figure 8. s 22s common source characteristics s ? parameters (v ds = 15 vdc, t channel = 25 c, data points in mhz)
BF245A, bf245b http://onsemi.com 487 figure 9. input admittance (y ig ) figure 10. reverse transfer admittance (y rg ) common gate characteristics admittance parameters (v dg = 15 vdc, t channel = 25 c) figure 11. forward transfer admittance (y fg ) figure 12. output admittance (y og )
BF245A, bf245b http://onsemi.com 488 figure 13. s 11g figure 14. s 12g figure 15. s 21g figure 16. s 22g common gate characteristics s ? parameters (v ds = 15 vdc, t channel = 25 c, data points in mhz)


▲Up To Search▲   

 
Price & Availability of BF245A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X