Part Number Hot Search : 
ISL6612 SMBJ170A P05N0 A100ERU DTC143Z 1S1829 71660 060PT
Product Description
Full Text Search
 

To Download B66388A2000T00113 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ferrites a ccessories coil former e 65 series/type: b66388a2000t001 date: january 2011 version: 2 content of header bars 1 and 2 of data sheet will be automatically entered in headers and footers! please fill in the table and then change the colour to "white" (or invisible). this ensures that the table disappears for the customer pdf. to update the data sheet, click on the symbol "preview" and then "close". please do not alter the header or footer when copying the content. identification/classification 1: (header 1 + top left header bar) ferrite accessories identification/classification 2: (header 2 + bottom left header bar) coil former e 65 ordering code: (top right header bar) b66388a2000t001 series/type: (top right header bar) e65 -1 sec - 4 core halves preliminary data (optional): (if necessary) preliminary data department: smp in fer d pd date: 2008-05-05  epcos ag 2011. reproduction, publication and dissemination of this data sheet, enclosures hereto and the information contained ther ei n without epcos' prior express consent is prohibited.
ferrites accessories b 66388a2000t001 coil former e 65 e65 - 1 sec - 4 core halves preliminary data smp in fer d pd january 2011   
     page 2 of 4       

  
    
 coil former material: polyphenylene sulphide (ul 94 v-0, insulation class to iec 85: f=max. operating temperature 155 c), nature color ryton r-4, [e 54 700 (m)], chevron philips chemical co lp sections a n mm2 l n mm a r value  terminals ordering code 1 435 246 19.5 b66388a2000t001
cautions and warnings smp in fer d pd january 2011 please read cautions and warnings and page 3 of 4 important notes at the end of this document . cautions and warnings mechanical stress and mounting ferrite cores have to meet mechanical requirements during assembly and for a growing number of applications. since ferrites are ceramic materials one has to be aware of their special behavior under mechanical load. just like any ceramic material, ferrite cores are brittle and sensitive to any shock, fast changing or tensile load. especially fast cooling rates under ultrasonic cleaning, high static and cyclic loads can cause cracks or failure of the ferrite cores. for detailed information see data book 2007, chapter ?general ? definitions, 8.1?. effects of core combination on al value stresses in the core affect not only the mechanical but also the magnetic properties. it is apparent that the initial permeability is dependent on the stress state of the core. the higher the stresses are in the core, the lower the value for the initial permeability. thus, the embedding medium should offer the greatest possible elasticity. for detailed information see data book 2007, chapter ?general ? definitions, 8.2?. heating up ferrites can run hot during operation at higher flux densities and higher frequencies. nizn-materials the magnetic properties of nizn-materials can change irreversibly when exposed to strong magnetic fields. processing notes ? the start of the winding process should be soft. otherwise, the flanges may be destroyed. ? excessive winding forces may damage the flanges or squeeze the tube so that the cores can no longer be mounted. ? excessive soldering time at high temperature (> 300 c) may affect coplanarity or pin arrangement. ? not following the processing notes for soldering of the j-leg terminals may cause solderability problems at the transformer because of contaminat ion with tin oxide (sno) from the tin bath or burned insulation from the wire. for detailed information see data book 2007, chapter ?processing notes, 2.2?. ? the dimensions of the pin hole arrangement are fixed and should be understood as an ideal recommendation for drilling the printed circuit board. in order to avoid problems when mounting the transformer, customers should make allowances for manufacturing tolerances in the drilling and pick-and-place processes by increasing the diameter of the pin holes.
important notes page 4 of 4 the following applies to all products named in this publication: 1. some parts of this publication contain statements about the suitability of our products for certain areas of application . these statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. we nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. as a rule, epcos is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. for these reasons, it is always ultimately incumbent on the customer to check and decide whether an epcos product with the properties described in the product specification is suitable for use in a particular customer application. 2. we also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. in customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. the warnings, cautions and product-specific notes must be observed. 4. in order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous) . useful information on this will be found in our material data sheets on the internet (www.epcos.com/material). should you have any more detailed questions, please contact our sales offices. 5. we constantly strive to improve our products. consequently, the products described in this publication may change from time to time . the same is true of the corresponding product specifications. please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. we also reserve the right to discontinue production and delivery of products . consequently, we cannot guarantee that all products named in this publication will always be available. the aforementioned does not apply in the case of individual agreements deviating from the foregoing for customer-specific products. 6. unless otherwise agreed in individual contracts, all orders are subject to the current version of the general terms of delivery for products and services in the electrical industry published by the german electrical and electronics industry association (zvei) . 7. the trade names epcos, baoke, alu-x, ceradiode, csmp, cssp, ctvs, deltacap, dssp, digisimic, miniblue, minicell, mkk, mlsc, motorcap, pcc, phasecap, phasecube, phasemod, phicap, siferrit, sifi, sikorel, silvercap, simdad, simic, simid, s ineformer, siov, sip5d, sip5k, thermofuse, windcap are trademarks registered or pending in europe and in other countries. further information will be found on the internet at www.epcos.com/trademarks.


▲Up To Search▲   

 
Price & Availability of B66388A2000T00113

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X