Part Number Hot Search : 
ATTINY4 C8051 PMD5001K MC54H 16LT1 UC1113F YGM3C514 B8H09R
Product Description
Full Text Search
 

To Download B0520LWRHG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  b0520lw,b0530w,b0540w 410mw, low v f smd schottk y barrier diode small signal diode ? surface device type mounting ? moisture sensitivity level 1 ? matte tin(sn) lead finish with nickel(ni) underplate ? pb free version and rohs compliant min max min max ? case : sod-123 small outline plastic package 1.50 1.70 0.059 0.067 3.55 3.85 0.140 0.152 0.45 0.65 0.018 0.026 2.60 2.80 0.102 0.11 1.05 1.25 0.041 0.049 0.08 0.15 0.003 0.006 dimensions unit (mm) unit (inch) features mechanical data ? green compound (halogen free) with suffix "g" on packing code and prefix "g" on date code ? high temperature soldering guaranteed: 260 c/10s ? weight :0.01 gram (approximately) 0.02 ref 0.50 ref a b c d e f g ? polarity : indicated by cathode band sod-123 ? terminal: matte tin plated, lead free., solderable per mil-std-202, method 208 guaranteed ? low power loss, high current capability, low v f ? marking code : sd, se, sf package part no. packing sod123 b0520lw rh 3k / 7" reel sod123 b0530w rh 3k / 7" reel sod123 b0540w rh 3k / 7" reel sod123 b0520lw rhg 3k / 7" reel sod123 b0530w rhg 3k / 7" reel sod123 b0540w rhg 3k / 7" reel maximum ratin g s and electrical characteristics maximum ratings units mw v v ma a c/w c -65 to + 125 type number notes:1. test condition : 8.3ms single half sine-wave superimposed on rated load (jedec method) notes:2. valid provided that electrodes are kept at ambient temperature se sf suggested pad layout sd 244 sd i o se sf ordering information marking i fsm t j , t stg power dissipation repetitive peak reverse voltage reverse voltage mean forward current @ t l =100c (lead temperature) symbol junction and storage temperature range b0520lw b0530w b0540w 20 30 40 14 p d v rrm applications pin configuration ? 0.5a surface mount schottky barrier rectifier 410 rating at 25 c ambient temperature unless otherwise specified. 500 thermal resistance (junction to ambient) (note 2) r ja 5.5 21 28 non-repetitive peak forward surge current (note 1) v r 1.22 0.048 2.36 0.093 0.91 0.036 0.165 4.19 version : d10
b0520lw,b0530w,b0540w 410mw, low v f smd schottky barrier diode small signal diode electrical characteristics units i r = 250 a i r = 130 a i r = 20 a i f = 100ma tj=25c i f = 500ma tj=25c i f = 1000ma tj=25c i f = 100ma tj=100c i f = 500ma tj=100c i f = 1000ma tj=100c v r = 10v tj=25c v r = 15v tj=25c v r = 20v tj=25c v r = 30v tj=25c v r = 40v tj=25c v r = 10v tj=100c v r = 20v tj=100c v r = 40v tj=100c junction capacitance v r =0v, f=1.0mhz pf c j i r v f 170 8-5 --13 --20 5- - forward voltage (maximum value) reverse leakage current (maximum value) 75 250 - type number symbol b0520lw b0530w b0540w - - 0.610 0.300 - v v( br ) reverse breakdown voltage (minimum value) -- v a -20- 10 20 - - 130 - -30- - 0.460 40 0.385 0.375 0.430 - - 0.220 - - - 0.330 - 0.510 0.620 - tape & reel specification reel width w1 14.4 max p1 2.00 0.05 overall tape thickness t 0.23 0.05 tape width w 8.00 0.20 e 1.75 0.10 punch hole position f 3.50 0.05 sprocke hole pitch reel outside diameter d 178 1 reel inner diameter d1 55 min 1.85 0.10 carrier length b 3.94 0.10 d 1.5 0.1 p0 4.00 0.10 embossment center feed hole width d2 13.0 0.20 sprocke hole position carrier depth c 1.50 0.10 sprocket hole item symbol dimension carrier width a top cover tape carieer tape any additional label (if required) tsc label t c d p 1 p 0 a b f w w1 d 1 d 2 d version : d10
b0520lw,b0530w,b0540w 410mw, low vf smd schottky barrier diode small signal diode ratin g and sharacteristic curves 0.01 0.1 1 10 0 0.2 0.4 0.6 0.8 1 i f forward current (ma) 400 450 fig 3 admissible power dissipation curve v f forward voltage (v) 1000 fig 4 typical junction capacitance fig 1 typical forward characteristics 0 0.25 0.5 0.75 1 0 25 50 75 100 125 150 io mean forward current (a) fig 2 forward current derating curve tl, lead temperature ( c) b0520lw b0530w b0540w 0 50 100 150 200 250 300 350 0 20 40 60 80 100 120 140 power dissipation (mw) ambient tempeatature ( o c) reverse voltage (v) 1 10 100 0 5 10 15 20 25 junction capacitance(pf) version : d10


▲Up To Search▲   

 
Price & Availability of B0520LWRHG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X