Part Number Hot Search : 
TC74LC LM2931 FT37AR1 C900603 TL431 2SD1210 1N4001 21A08
Product Description
Full Text Search
 

To Download AP9430GH-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power n-channel enhancement mode electronics corp. power mosfet low on-resistance bv dss 30v simple drive requirement r ds(on) 4m fast switching characteristic i d 75a rohs compliant & halogen-free description absolute maximum ratings symbol units v ds v v gs v i d @t c =25 a i d @t c =100 a i dm a p d @t c =25 w p d @t a =25 w t stg t j symbol value units rthj-c maximum thermal resistance, junction-case 2.5 /w rthj-a 62.5 /w data & specifications subject to change without notice storage temperature range operating junction temperature range -55 to 150 -55 to 150 thermal data parameter maximum thermal resistance, junction-ambient (pcb mount) 3 201010141 1 total power dissipation gate-source voltage + 20 continuous drain current, v gs @ 10v 4 75 continuous drain current, v gs @ 10v 56 pulsed drain current 1 parameter rating drain-source voltage 30 total power dissipation 2 AP9430GH-HF 50 halogen-free product 300 g d s to-252(h) the to-252 package is widely preferred for commercial-industrial surface mount applications and suited for low voltage applications such as dc/dc converters. g d s a dvanced power mosfets from apec provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness.
electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =250ua 30 - - v v gs =10v, i d =40a - - 4 m v gs =4.5v, i d =30a - - 7 m v gs(th) gate threshold voltage v ds =v gs , i d =250ua 1 - 3 v g fs forward transconductance v ds =10v, i d =40a - 70 - s i dss drain-source leakage current v ds =30v, v gs =0v - - 10 ua i gss gate-source leakage v gs =+ 20v, v ds =0v - - + 100 na q g total gate charge 2 i d =30a - 35 56 nc q gs gate-source charge v ds =24v - 6 - nc q gd gate-drain ("miller") charge v gs =4.5v - 20 - nc t d(on) turn-on delay time 2 v ds =15v - 10 - ns t r rise time i d =30a - 70 - ns t d(off) turn-off delay time r g =2.4 ? -35- ns t f fall time v gs =10v - 10 - ns c iss input capacitance v gs =0v - 2700 4320 pf c oss output capacitance v ds =25v - 400 - pf c rss reverse transfer capacitance f=1.0mhz - 350 - pf r g gate resistance f=1.0mhz - 1.2 - source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =40a, v gs =0v - - 1.2 v t rr reverse recovery time 2 i s =10a, v gs =0 v , - 35 - ns q rr reverse recovery charge di/dt=100a/s - 35 - nc notes: 1.pulse width limited by max. junction temperature 2.pulse test 4.package limitation current is 75a . this product is sensitive to electrostatic discharge, please handle with caution. use of this product as a critical component in life support or other similar systems is not authorized. apec does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. apec reserves the right to make changes without further notice to any products herein to improve reliability, function or design. 2 3.surface mounted on 1 in 2 copper pad of fr4 board AP9430GH-HF r ds(on) static drain-source on-resistance 2
AP9430GH-HF fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature fig 5. forward characteristic of fig 6. gate threshold voltage v.s. reverse diode junction temperature 3 0 40 80 120 160 0.0 1.0 2.0 3.0 4.0 5.0 6.0 v ds , drain-to-source voltage (v) i d , drain current (a) t c =150 o c 10v 7.0v 6.0v 5.0v v g =4.0v 0 40 80 120 160 200 240 0.0 2.0 4.0 6.0 8.0 10.0 v ds , drain-to-source voltage (v) i d , drain current (a) t c =25 o c 10v 7.0v 6.0v 5.0v v g = 4.0v 0.4 0.8 1.2 1.6 2.0 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) i d =40a v g =10v 0 10 20 30 40 0 0.2 0.4 0.6 0.8 1 1.2 1.4 v sd , source-to-drain voltage (v) i s (a) t j =25 o c t j =150 o c 3 4 5 6 246810 v gs , gate-to-source voltage (v) r ds(on) (m ) i d =30a t c =25 o c 0.0 0.4 0.8 1.2 1.6 -50 0 50 100 150 t j , junction temperature ( o c) normalized v gs(th) (v)
AP9430GH-HF fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. switching time waveform fig 12. gate charge waveform 4 1 10 100 1000 0.1 1 10 100 v ds ,drain-to-source voltage (v) i d (a) t c =25 o c s in g le puls e 100us 1ms 10ms 100ms dc 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 10 t , pulse width (s) normalized thermal response (r thjc ) p dm duty factor = t/t peak t j = p dm x r thjc + t c t t 0.02 0.01 0.05 0.1 0.2 duty factor = 0.5 single pulse 0 2 4 6 8 10 0 102030405060 q g , total gate charge (nc) v gs , gate to source voltage (v) i d =30a v ds =15v v ds =18v v ds =24v 0 1000 2000 3000 4000 1 5 9 13 17 21 25 29 v ds ,drain-to-source voltage (v) c (pf) f=1.0mhz c iss c oss c rss q v g 4.5v q gs q gd q g charge t d(on) t r t d(off) t f v ds v gs 10% 90% operation in this area limited by r ds(on)


▲Up To Search▲   

 
Price & Availability of AP9430GH-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X