Part Number Hot Search : 
12022 B3767 SA75A TL431P APT15 090130 00104 A220A
Product Description
Full Text Search
 

To Download 3SMAJ5913B11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  glass passivated junction terminals solderable per mil-std-750, method 2026 polarity is indicated by cathode band. packaging: standard 12mm tape (see eia 481) maximum temperature for soldering: 260 c for 10 seconds. maximum ratings @ 25 o c unless otherwise specified steady state power dissipation p d 3.0w operation and storage temperature t j , t stg -55 o c to +150 o c 2.forward current @ 200ma. 3.mounted on 5.0mm 2 (1oz thick) iand areas. lead temperature at t l =75 3sm a j591 3 b thru 3sm a j594 3 b mcc www. mccsemi .com do-214a c (sm a ) (lead frame) 3.0 watt surface mount silicon z ener diodes  
 omp onents 20736 marilla street chatsworth       
     tm micro commercial components maximum forward voltage (note: 3) 1 of 4 0 v f 1.5v(note: 2) 0.070" 0.090" 0.085" suggested solder pad layout      dimensions inches mm dim min max min max note a .079 .096 2.00 2.44 b .050 .064 1.27 1.63 c .002 .008 .05 .20 d --- .02 --- .51 e .030 .060 .76 1.52 f .065 .091 1.65 2.32 g .189 .220 4.80 5.59 h .157 .181 4.00 4.60 j .090 .115 2.25 2.92 h j e f g a b d c 3sm a j591 3 b thru 3sm a j594 3 b high specified maximum current (izm) when adequately heat sinking resistance r thj l 25  /w thermal junction to lead revision: a 2011/01/01 surface mount application mechanical data features 3.3v thru 56 volt voltage range low inductance , low profile mounting lead free finish/rohs compliant (note1) ("p"suffix designates compliant. see ordering information) note: 1. high temperature solder exemptions applied, see eu directive annex 7. o c moisture sensitivity level 1 epoxy meets ul 94 v-0 flammability rating
electrical characteristics (t l =30 c unless otherwise noted) (v f =1.5volts max @ i f =200madc for all types.) mcc note 1: tolerance and voltage designation - the type numbers listed indicate a tolerance of +/- 5%. 2.5 2 1.5 1 0.5 0 20 40 60 80 100 120 140 150 180 8 6 4 2 0 -2 -4 3 4 6 8 10 12 . 1- . 2- - 3 3 1 k k k k 3smaj5913b thru 3smaj5943b 4 www. mccsemi .com revision: a 2011/01/01
rating and characteristics curves 200 100 70 50 30 20 10 10 20 30 50 70 100 200 vz@izt vz, zener voltage ( volts ) 1k 500 200 100 50 20 10 5 2 1 0.5 1 2 5 10 20 50 100 200 500 vz = 150v 91v 62v 22v 12v 6.8v tj - 25 c iz(ms) = 0.1 iz(dc) iz, zener test current ( ma ) fig. 3-zener voltage-10 to 200 volts fig. 4-effect of zener current 200 100 70 50 30 20 10 7 5 3 2 5 7 10 20 30 50 70 100 iz ( dc ) =1ma 10ma 20ma iz (ms) = 0.1 iz (dc) vz, zener voltage ( volts ) 1k 500 300 200 100 50 30 20 10 .1 .2.3 5 1 2 3 5 10 20 50 100 rectangular nonrepetitive waveform tj = 25 c prior to initial pulse pw , pulse width ( ms ) 100 50 30 20 10 5 3 2 1 0.5 0.3 0.2 0.1 0 10 20 30 40 50 60 70 80 90 100 vz, zener voltage ( volts ) fig. 7 -v 12 thru 40 volts v, temperature coefficient(mvc) , dnamic impedance (ohms) pp, pea surge poer (atts) , dnamic impedance (ohms) i, ener current (ma) mcc . mccsemi .com micro commercial components 3 of 4 3smj5913b tru 3smj5943b reision: 20110101
mcc tm micro commercial components www. mccsemi .com 4 of 4 revision: a 2011/01/01 3 device packing part number-tp tape&reel: 7. 5 k p c s / r e e l ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.


▲Up To Search▲   

 
Price & Availability of 3SMAJ5913B11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X