Part Number Hot Search : 
REF19 SD120 40011 MMBT390 AD831 CS830 GE272K PCA9556
Product Description
Full Text Search
 

To Download 2N5664 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2N5664 2n5665 d escription with to-66 package high breakdown voltage applications high speed switching and linear amplifier high-voltage operational amplifiers switching regulators ,converters deflection stages and high fidelity amplifers pinning (see fig.2) pin description 1 base 2 emitter 3 collector absolute maximum ratings(ta=25 ) symbol parameter conditions value unit 2N5664 250 v cbo collector-base voltage 2n5665 open emitter 400 v 2N5664 200 v ceo collector-emitter voltage 2n5665 open base 300 v v ebo emitter-base voltage open collector 6 v i c collector current 5.0 a i b base current 1.0 a p t total power dissipation t c =25 52.5 w t j junction temperature 200  t stg storage temperature -65~200  thermal characteristics symbol parameter max unit r th j-c thermal resistance junction to case 5.0 /w fig.1 simplified outline (to-66) and symbol
savantic semiconductor product specification 2 silicon npn power transistors 2N5664 2n5665 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit 2N5664 200 v (br)ceo collector-emitter breakdown voltage 2n5665 i c =10ma ; i b =0 300 v v (br)ebo emitter-base breakdown voltage i e =10a ; i c =0 6 v 2N5664 i c =3a; i b =0.3a v cesat-1 collector-emitter saturation voltage 2n5665 i c =3a; i b =0.6a 0.4 v v cesat-2 collector-emitter saturation voltage i c =5a; i b =1a 1.0 v 2N5664 i c =3a; i b =0.3a v besat-1 base-emitter saturation voltage 2n5665 i c =3a; i b =0.6a 1.2 v v besat-2 base-emitter saturation voltage i c =5a; i b =1a 1.5 v 2N5664 v ce =200v;v be(off) =1.5v i ces collector cut-off current 2n5665 v ce =300v;v be(off) =1.5v 0.2 ma 2N5664 v cb =250v; i e =0 i cbo collector cut-off current 2n5665 v cb =400v; i e =0 1.0 ma 2N5664 40 h fe-1 dc current gain 2n5665 i c =0.5a ; v ce =2v 25 2N5664 40 120 h fe-2 dc current gain 2n5665 i c =1a ; v ce =5v 25 75 2N5664 15 h fe-3 dc current gain 2n5665 i c =3a ; v ce =5v 10 h fe-4 dc current gain i c =5a ; v ce =5v 5 c ob output capacitance i e =0 ; v cb =10v;f=1mhz 120 pf t on turn-on time v cc =30v;i c =1a;i b1 =-i b2 =30ma 0.25 s 2N5664 1.5 t off turn-off time 2n5665 v cc =30v;i c =1a;i b1 =-i b2 =50ma 2.0 s
savantic semiconductor product specification 3 silicon npn power transistors 2N5664 2n5665 package outline fig.2 outline dimensions


▲Up To Search▲   

 
Price & Availability of 2N5664

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X