Part Number Hot Search : 
20030 21CX14 MAX9118 D70N2L SEL1713K HT1016 MS2341 CMBA847
Product Description
Full Text Search
 

To Download 2EZ75D5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2ez series silicon zener diodes v z : 3.6 - 200 volts p d : 2 watts features : * complete voltage range 3.6 to 200 volts * high peak reverse power dissipation * high reliability * low leakage current mechanical data * case : do-41 molded plastic * epoxy : ul94v-o rate flame retardant * lead : axial lead solderable per mil-std-202, method 208 guaranteed * polarity : color band denotes cathode end * mounting position : any * weight : 0.339 gram maximum ratings and electrical characteristics rating at 25 c ambient temperature unless otherwise specified rating symbol value unit dc power dissipation at t l = 75 c (note1) p d 2.0 watts maximum forward voltage at i f = 200 ma v f 1.2 volts maximum thermal resistance junction to ambient air (note2) r q ja 60 k / w junction temperature range t j - 55 to + 175 c storage temperature range ts - 55 to + 175 c note : (1) t l = lead temperature at 3/8 " (9.5mm) from body (2) valid provided that leads are kept at ambient temperature at a distance of 10 mm from case. 0 25 50 75 100 125 150 175 t l, lead temperature ( c) 0.5 1.0 1.5 2.0 2.5 l = 3/8" (9.5mm) p d , maximum dissipation (watts) fig. 1 power temperature derating curve 0 wxyzx{|}~ ????? ?????????????????????????????????????? ???????? ????? ???????? ???? ??????? ??||????? ??????? ??????a?? ???a???a? ????????? ?????? ??? ??1 o ???????a??????????? ???????1 e????????11 d o c u m e n t i d i s s u e d d a t e r e v i s e d d a t e r e v i s i o n p a g e . d s - 1 2 1 6 2 3 2 0 0 8 / 0 2 / 1 0 2 0 1 0 / 0 3 / 1 0 e 2 m?w3fms kinter 131 6803 0058
electrical characteristics rating at = 25 c ambient temperature unless otherwise specified nominal zener maximum zener maximum reverse maximum dc type voltage impedance leakage current zener current v z @ i zt i zt z zt @ i zt z zk @ i zk i zk i r @ v r i zm (v) (ma) ( w ) ( w ) (ma) ( m a) (v) (ma) 2ez3.6d5 3.6 139 5.0 400 1.0 80 1.0 504 2ez3.9d5 3.9 128 5.0 400 1.0 30 1.0 468 2ez4.3d5 4.3 116 4.5 400 1.0 20 1.0 434 2ez4.7d5 4.7 106 4.5 550 1.0 5.0 1.0 386 2ez5.1d5 5.1 98.0 3.5 600 1.0 5.0 1.0 356 2ez5.6d5 5.6 89.5 2.5 500 1.0 5.0 2.0 324 2ez6.2d5 6.2 80.5 1.5 700 1.0 5.0 3.0 292 2ez6.8d5 6.8 73.5 2.0 700 1.0 5.0 4.0 266 2ez7.5d5 7.5 66.5 2.0 700 0.5 50 5.0 242 2ez8.2d5 8.2 61.0 2.3 700 0.5 50 6.0 220 2ez9.1d5 9.1 55.0 2.5 700 0.5 50 7.0 200 2ez10d5 10 50.0 3.5 700 0.25 50 7.6 182 2ez11d5 11 45.5 4.0 700 0.25 50 8.4 166 2ez12d5 12 41.5 4.5 700 0.25 1.0 9.1 152 2ez13d5 13 38.5 5.0 700 0.25 0.5 9.9 138 2ez14d5 14 35.7 5.5 700 0.25 0.5 10.6 130 2ez15d5 15 33.4 7.0 700 0.25 0.5 11.4 122 2ez16d5 16 31.2 8.0 700 0.25 0.5 12.2 114 2ez17d5 17 29.4 9.0 750 0.25 0.5 13.0 107 2ez18d5 18 27.8 10 750 0.25 0.5 13.7 100 2ez19d5 19 26.3 11 750 0.25 0.5 14.4 95 2ez20d5 20 25.0 11 750 0.25 0.5 15.2 90 2ez22d5 22 22.8 12 750 0.25 0.5 16.7 82 2ez24d5 24 20.8 13 750 0.25 0.5 18.2 76 2ez27d5 27 18.5 18 750 0.25 0.5 20.6 68 2ez30d5 30 16.6 20 1000 0.25 0.5 22.5 60 2ez33d5 33 15.1 23 1000 0.25 0.5 25.1 55 2ez36d5 36 13.9 25 1000 0.25 0.5 27.4 50 2ez39d5 39 12.8 30 1000 0.25 0.5 29.7 47 2ez43d5 43 11.6 35 1500 0.25 0.5 32.7 43 2ez47d5 47 10.6 40 1500 0.25 0.5 35.8 39 2ez51d5 51 9.8 48 1500 0.25 0.5 38.8 36 2ez56d5 56 9.0 55 2000 0.25 0.5 42.6 32 2ez62d5 62 8.1 60 2000 0.25 0.5 47.1 29 2ez68d5 68 7.4 75 2000 0.25 0.5 51.7 27 2EZ75D5 75 6.7 90 2000 0.25 0.5 56.0 24 2ez82d5 82 6.1 100 3000 0.25 0.5 62.2 22 2ez91d5 91 5.5 125 3000 0.25 0.5 69.2 20 2ez100d5 100 5.0 175 3000 0.25 0.5 76.0 18 2ez110d5 110 4.5 250 4000 0.25 0.5 83.6 17 2ez120d5 120 4.2 325 4500 0.25 0.5 91.2 15 2ez130d5 130 3.8 400 5000 0.25 0.5 98.8 14 2ez140d5 140 3.6 500 5500 0.25 0.5 106.4 13 2ez150d5 150 3.3 575 6000 0.25 0.5 114.0 12 2ez160d5 160 3.1 650 6500 0.25 0.5 121.6 11 2ez170d5 170 2.9 675 7000 0.25 0.5 130.4 11 2ez180d5 180 2.8 725 7000 0.25 0.5 136.8 10 2ez190d5 190 2.6 825 8000 0.25 0.5 144.8 10 2ez200d5 200 2.5 900 8000 0.25 0.5 152.0 9.0 note : ( 1 ) suffix " 5 " indicates 5.0% tolerance, suffix " 10 " indicates 10.0% tolerance. ( 2 ) " ez " will be omitted in marking on the diode 2ez series silicon zener diodes wxyzx{|}~ o ???????a??????????? ???????1 e????????11 d o c u m e n t i d i s s u e d d a t e r e v i s e d d a t e r e v i s i o n p a g e . d s - 1 2 1 6 2 3 2 0 0 8 / 0 2 / 1 0 2 0 1 0 / 0 3 / 1 0 e 2 p a g e 2 m?w3fms kinter 131 6803 0058


▲Up To Search▲   

 
Price & Availability of 2EZ75D5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X