Part Number Hot Search : 
N60S5 HB601R LC74783 C226M ICX429 SMB10 SN8P1989 GS816018
Product Description
Full Text Search
 

To Download 1747930000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product catalogue | pcb connection systems | pcb plug-in connectors | pitch 3.50 mm (0.138 inch) 2-row | socket connectors, tension spring connection | b2l 3.5 | b2l 3.5 - 1 - general ordering data order no. 1727710000 part designation b2l 3.5/20 sn sw version pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 20, 180, box ean 4032248037902 qty. 20 pc(s). system parameters conductor connection system tension clamp connection outgoing direction of conductor 180 pitch 3.5 mm pitch in inch 0.138 inch no. of poles 20 no. of rows 2 stripping length 7 mm l1 in mm 31.5 mm l1 in inch 1.24 inch electric shock protection to din vde 0470 ip 20 electric shock protection to din vde 0470 safe from finger touch
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 3.50 mm (0.138 inch) 2-row | socket connectors, tension spring connection | b2l 3.5 | b2l 3.5 - 2 - material data insulating material pbt colour black colour chart similar to ral 9011 insulating material group iiia flammability class ul 94 v-0 cti >= 200 contact base material copper alloy contact surface tinned connectable conductors clamping range, min. 0.08 mm2 clamping range, max. 1 mm2 awg, min. 28 awg, max. 18 solid, min. h05(07) v-u 0.2 mm2 solid, max. h05(07) v-u 1 mm2 flexible, min. h05(07) v-k 0.2 mm2 flexible, max. h05(07) v-k 1 mm2 with wire end ferrule, acc. to din 46 228/1, min. 0.13 mm2 with wire end ferrule, acc. to din 46 228/1, max. 0.34 mm2 w. plastic collar ferrule, din 46228 pt 4, min. 0.13 mm2 w. plastic collar ferrule, din 46228 pt 4, max. 0.34 mm2 din iec rating data rated voltage for overvoltage class/pollution severity ii/2 250 v rated voltage for overvoltage class/pollution severity iii/2 125 v rated voltage for overvoltage class/pollution severity iii/3 80 v rated impulse withstand voltage for overvoltage class/pollution severity ii/2 2.5 kv rated impulse withstand voltage for overvoltage class/pollution severity iii/2 2.5 kv rated impulse withstand voltage for overvoltage class/pollution severity iii/3 2.5 kv short-time withstand current resistance 3 x 1s with 77 a csa rating data rated voltage (use group d) 50 v rated current (use group d) 5 a awg conductor (field wiring), min. 28 awg conductor (field wiring), max. 18 ul 1059 rating data rated voltage (use group d) 150 v rated current (use group d) 10 a awg conductor, min. 22 awg conductor, max. 16
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 3.50 mm (0.138 inch) 2-row | socket connectors, tension spring connection | b2l 3.5 | b2l 3.5 - 3 - approvals approvals institutes classifications etim 2.0 nk etim 3.0 ec001284 eclass 4.1 27-26-07-01 eclass 5.0 27-26-07-01 eclass 5.1 27-26-07-01 similar products order no. part designation version 1006630000 b2l 3.5/04 sn or pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 4, 180, box 1920840000 b2l 3.5/04 sn sw pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 4, 180, box 1727560000 b2l 3.5/6 sn or pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 6, 180, box 1727640000 b2l 3.5/6 sn sw pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 6, 180, box 1727570000 b2l 3.5/8 sn or pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 8, 180, box 1727650000 b2l 3.5/8 sn sw pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 8, 180, box 1727580000 b2l 3.5/10 sn or pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 10, 180, box 1727660000 b2l 3.5/10 sn sw pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 10, 180, box 1727590000 b2l 3.5/12 sn or pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 12, 180, box 1727670000 b2l 3.5/12 sn sw pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 12, 180, box 1727600000 b2l 3.5/14 sn or pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 14, 180, box
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 3.50 mm (0.138 inch) 2-row | socket connectors, tension spring connection | b2l 3.5 | b2l 3.5 - 4 - 1727680000 b2l 3.5/14 sn sw pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 14, 180, box 1727610000 b2l 3.5/16 sn or pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 16, 180, box 1727690000 b2l 3.5/16 sn sw pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 16, 180, box 1727620000 b2l 3.5/18 sn or pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 18, 180, box 1727700000 b2l 3.5/18 sn sw pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 18, 180, box 1727630000 b2l 3.5/20 sn or pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 20, 180, box 1747850000 b2l 3.5/22 sn or pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 22, 180, box 1747930000 b2l 3.5/22 sn sw pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 22, 180, box 1747860000 b2l 3.5/24 sn or pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 24, 180, box 1747940000 b2l 3.5/24 sn sw pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 24, 180, box 1747870000 b2l 3.5/26 sn or pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 26, 180, box 1747950000 b2l 3.5/26 sn sw pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 26, 180, box 1747880000 b2l 3.5/28 sn or pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 28, 180, box 1747960000 b2l 3.5/28 sn sw pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 28, 180, box 1747890000 b2l 3.5/30 sn or pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 30, 180, box 1747970000 b2l 3.5/30 sn sw pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 30, 180, box 1747900000 b2l 3.5/32 sn or pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 32, 180, box
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 3.50 mm (0.138 inch) 2-row | socket connectors, tension spring connection | b2l 3.5 | b2l 3.5 - 5 - 1747980000 b2l 3.5/32 sn sw pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 32, 180, box 1747910000 b2l 3.5/34 sn or pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 34, 180, box 1747990000 b2l 3.5/34 sn sw pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 34, 180, box 1747920000 b2l 3.5/36 sn or pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 36, 180, box 1748000000 b2l 3.5/36 sn sw pcb plug-in connector, female connectors, tension clamp connection, clamping range, max.: 1 mm2, pitch: 3.50 mm, no. of poles: 36, 180, box


▲Up To Search▲   

 
Price & Availability of 1747930000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X