Part Number Hot Search : 
CVCO55B BZG03C11 CS161 T551103 2CL2FD 1A000 TA0038 10NB50
Product Description
Full Text Search
 

To Download XBS053V15R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/3 XBS053V15R-g schottky barrier diode, 500ma, 30v type packaging information ta = 2 5 product name device orientation XBS053V15R-g sod-523(halogen & antimony free) XBS053V15R sod-523 ta = 2 5 limits parameter symbol test conditions min. typ. max. unit v f1 i f =100ma - 0.28 - v forward voltage v f2 i f =500ma - 0.40 0.47 v reverse current i r v r =20v - - 100 a inter-terminal capacity ct v r =10v , f=1mhz - 12 - pf reverse recovery time *2 trr i f =i r =10ma , irr=1ma - 8 - ns *2 trr measurement circuit parameter symbol ratings unit repetitive peak reverse voltage v rm 30 v reverse voltage (dc) v r 20 v forward current (average) i f(av) 500 ma non continuous forward surge current *1 i fsm 5 a junction temperature tj 125 storage temperature range tstg -55 +150 *1 non continuous high amplitude 60hz half-sine wave. forward voltage : v f =0.40v (typ.) forward current : i f(av) =500ma repetitive peak reverse voltage : v rm =30v environmentally friendly : eu rohs compliant, pb free a bsolute maximum ratings applications rectification protection against reverse connection of battery electrical characteristics features bias device under test oscilloscope etr1607-003 pulse generatrix sod-523 unit : mm marking rule : 2 (product number) : assembl y lot numbe r product name cathode bar * the ?-g? suffix indicates that the products are halogen and antimony free as well as being fully rohs compliant. * the device orientation is fixed in its embossed tape pocket.
2/3 XBS053V15R-g (1) forward current vs. forward voltage (2) reverse current vs. reverse voltage 0.001 0.01 0.1 1 0 0.2 0.4 0.6 forward voltagev f (v) forward currenti f (a) ta=125 -25 25 75 0.001 0.01 0.1 1 10 100 0102030 reverse voltagev r (v) reverse currenti r (ma) ta=125 25 75 (3) forward voltage vs. operating temperature (4) reverse current vs. operating temperature 0.0 0.2 0.4 0.6 -50 0 50 100 150 operating temperatureta () forward voltagev f (v) if=0.5a 0.1a 0.01a 0.001 0.01 0.1 1 10 100 0 50 100 150 operating temperatureta () reverse currenti r (ma) vr=20v 10v 5v (5) inter-terminal capacity vs. reverse voltage (6) average forward current vs. operating temperature 0 25 50 75 100 0102030 reverse voltagev r (v) inter-terminal capacityct (pf) ta=25 0.0 0.3 0.5 0.8 1.0 0 50 100 150 operating temperatureta () average forward currentif av (a) typical performance characteristics forward current: i f (a) reverse current: i r ( a) reverse current: i r ( a) forward voltage: v f (v) inter-terminal capacity: c t (pf) average forward current: if av (a) forward voltage: v f (v) reverse voltage: v r (v) operating temperature: ta ( ) operating temperature: ta ( ) operating temperature: ta ( ) reverse voltage: v r (v)
3/3 XBS053V15R-g 1. the products and product specifications cont ained herein are subject to change without notice to improve performance characteristic s. consult us, or our representatives before use, to confirm that the informat ion in this datasheet is up to date. 2. we assume no responsibility for any infri ngement of patents, pat ent rights, or other rights arising from the use of any information and circuitry in this datasheet. 3. please ensure suitable shipping controls (including fail-safe designs and aging protection) are in force for equipment employing products listed in this datasheet. 4. the products in this datasheet are not devel oped, designed, or approved for use with such equipment whose failure of malfuncti on can be reasonably expected to directly endanger the life of, or cause significant injury to, the user. (e.g. atomic energy; aerospace; transpor t; combustion and associated safety equipment thereof.) 5. please use the products listed in this datasheet within the specified ranges. should you wish to use the products under conditions exceeding the specifications, please consult us or our representatives. 6. we assume no responsibility for damage or loss due to abnormal use. 7. all rights reserved. no part of this dat asheet may be copied or reproduced without the prior permission of torex semiconductor ltd.


▲Up To Search▲   

 
Price & Availability of XBS053V15R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X