Part Number Hot Search : 
GP1A91LC M38B79M3 MT1210 MSC71 MT1210 NSPY500S PA153 GRM32ER
Product Description
Full Text Search
 

To Download UPD166019T1F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  r07ds0730ej0100 rev.1.00 page 1 of 16 apr 25, 2012 preliminary data sheet ? pd166019t1f single p-channel high-side intelligent power device description the ? pd166019 device is a p-channel high-side switch with diagnostic feedback and embedded protection functions. due to the adoption of p-channel output switch this device dose not contains charge pump circuit and switching time is controllable by external resistance to in pin. features ? low noise by no built-in charge pump ? low on-state resistance: 13.5 m ? ? short circuit protection ? shutdown by short-circuit detection ? over temperature protection ? shutdown with auto-restart on cooling ? loss of gnd protection ? small multi-chip package: jedec 5-pin to-252 ? built-in diagnostic function ? defined fault signal in case of thermal shutdown and/or short circuit shutdown via in pin. ordering information part no. lead plating packing package ? pd166019t1f-e1-ay * 1 sn tape 2500 p/reel 5-pin to-252 (mp-3zk) note: * 1 pb-free (this product does not cont ain pb in the external electrode.) application ? light bulb (to 65 w) switching ? switching of all types of 14 v dc grounded lo ad, such as inductor, resistor and capacitor ? replacement of fuse and relay note: the information contained in this document is the one that was obtained when the document was issued, and may be subject to change. r07ds0730ej0100 rev.1.00 apr 25, 2012
? pd166019t1f preliminary r07ds0730ej0100 rev.1.00 page 2 of 16 apr 25, 2012 block diagram load gnd out gnd in v in r in r l v on v cc v cc v out i l temp sensor out voltage detector internal power supply low voltage (open) detector esd off sw control logic current detector current sense pin arrangement 1 tab (top view) 2345 v cc in out gnd v cc pin function pin no. pin name function 1 v cc supply voltage: pin1 and 5 must be externally connected 2 in input: activate the power switch by direct drive of output mosfet 3/tab out output to load: tab and pin 3 are internally connected 4 gnd ground pin note 5 v cc supply voltage: pin1 and 5 must be externally connected note: in case of necessity to eliminate the destruction by the soldering bridge to v cc : pin#5, insert a resistor r gnd (recommended 1 k? max) between gnd pin and system ground. in this condition, current flaws out to in pin. r in is recommended 2 k ? min. gnd to in current = (r gnd ? 1 ma ? 0.6 v) / r in
? pd166019t1f preliminary r07ds0730ej0100 rev.1.00 page 3 of 16 apr 25, 2012 absolute maximum ratings (ta = 25c, unless otherwise specified) item symbol rating unit test conditions v cc voltage v cc1 28 v v cc voltage for full short circuit protection v cc2 18 v v cc voltage (load dump) v cc3 40 v r 1 = 1 ? , r l = 1.5 ? , t d = 400 ms, in = low or high load current (short circuit current) i l(sc) self limited a power dissipation p d 59 w tc = 25c avalanche current i as 34 a l = 100 ? h channel temperature t ch ?40 to +150 c storage temperature t stg ?55 to +150 c electric discharge capability (human body model) v esd ? 2.0 kv aec-q100-022 std r = 1.5 k ? , c = 100 pf input voltage v in 0 to 28 v in pin, v in ? v cc , v cc reference, 1 min input current i in ?1.0 ma in pin recommended operating conditions item symbol min. typ. max. unit test conditions power supply voltage v cc 7 ? 16 v t ch = ?40 to 150c thermal characteristics item symbol min. typ. max. unit test conditions thermal resistance r th(ch-a) ? 45 55 c/w device on 50 mm ? 50 mm ? 1.5 mm epoxy pcb fr4 with 6 cm 2 of 70 ? m copper area
? pd166019t1f preliminary r07ds0730ej0100 rev.1.00 page 4 of 16 apr 25, 2012 electrical characteristics (v cc = 12 v, t ch = 25c, unless otherwise specified) item symbol min. typ. max. unit test conditions low level input current i il ? ? 20 ? a v in = 12 v, t ch = ?40 to 150c input voltage for turn-on v inon 4.5 ? ? v v on = 0.16 v, i l = 7.5 a, v cc reference input voltage for turn-off v inoff ? ? 1.5 v i l ? 1 ma, v cc reference ? ? 1.0 ? a t ch = 25c standby current i gndoff ? ? 1.0 ? a t ch = ?40 to 150c v in = 0 v ? ? 1.0 ? a t ch = 25c output leakage current i outoff ? ? 15 ? a t ch = ?40 to 150c v in = 0 v ? ? 1.0 ma t ch = 25c circuit current i gndon ? ? 1.5 ma t ch = ?40 to 150c v in = 12 v ? 10.5 13.5 m ? t ch = 25c on state resistance r on ? 17.5 23.0 m ? t ch = 150c v in = 12 v, i l = 7.5 a ? 13.5 21.0 m ? t ch = 25c on state resistance r on2 ? 23.0 35.0 m ? t ch = 150c v in = 4.5 v, i l = 7.5 a turn on delay time t don ? 2.2 10 ? s turn off delay time t doff ? 11.3 50 ? s rise time t r ? 4 20 ? s fall time t f ? 5 20 ? s r l = 2.2 ? , r in = 0 ? , t ch = ?40 to 150c protection function (v cc = 12 v, t ch = 25c, unless otherwise specified) item symbol min. typ. max. unit test conditions ? 96 135 t ch = ?40c 33 67 ? t ch = ?25c i l7,3(sc) * 1 19 50 ? t ch = 150c v cc = 7 v, v on ? 3 v ? 105 145 t ch = ?40c 42 96 ? t ch = ?25c i l9,3(sc) * 1 30 73 ? t ch = 150c v cc = 9 v, v on ? 3 v ? 143 190 t ch = ?40c 56 130 ? t ch = ?25c i l12,3(sc) * 1 42 105 ? t ch = 150c v cc = 12 v, v on ? 3 v ? 144 190 t ch = ?40c 75 131 ? t ch = ?25c short circuit detection current i l16,3(sc) 60 107 ? a t ch = 150c v cc = 16 v, v on ? 3 v thermal shutdown temperature t th 150 175 200 c thermal hysteresis ? t th ? 14 ? c resume temp: over 130c under voltage shutdown v cin(uv) 3.7 4.8 5.7 v under voltage restart v cin(st) ? 5.0 6.0 v output current in fault condition i ol 180 300 ? v in = 7 v, v cc = 7 v, t ch = ?40 to 150c note: * 1 not subject to production test, specified by design.
? pd166019t1f preliminary r07ds0730ej0100 rev.1.00 page 5 of 16 apr 25, 2012 function description driver circuit (on-off control) the high-side output, pch mosfet is turned on, if the in input voltage is higher than v inon . the high-side output, pch mosfet is turned off, if the in input voltage is below v inoff . switching characteristics is adju stable by external resistor to in pin. in out 100 gnd gate switch: normally on v cc r inoff v out 0 t on on off off v in v inon v inoff v cc v cc logic r inon 0 0 0 0 0 0 v cc v cc switching a resistive load switching lamps switching an inductive load v in v in 0 v in i l i l v out v out t 0 i l t 0 v cc v out t
? pd166019t1f preliminary r07ds0730ej0100 rev.1.00 page 6 of 16 apr 25, 2012 avalanche operation at inductive load switch off the output mos, pch mosfet is in aval anche when the inductive load is switched off. when the over-voltage is applied to v cc , the output mos, pch mosfet also works in avalanche operation. adjustable switching characteristics by external resistor switching characteristics is adjustable by the value of input resistance as following. t don , t r , t doff , t f - r in t don t r t doff t f 0 200 400 600 800 0 20406080100 r in [k] [s] [s] [s] t don , t r , t doff , t f - t ch (r in = 10 k ) t r t doff t f 0 50 100 150 ?50 0 50 100 150 channel temperature [c] ?50 0 50 100 150 channel temperature [c] t don , t r , t doff , t f - t ch (r in = 51 k ) t r t doff t f 0 200 400 in out 100 gnd gate switch: normally on v cc r inoff logic r inon t don t don diagnosis output via in pin the i ol current starts flawing via in pin, if the shut down occurred by the protectio n of short circuit or over temperature. in this condition, internal gate switch is turned-off and the i ol current switch is turned-on. this diagnosis signals is detectable by external circu it, resistor and comparator. 100 r inon r diag i ol off sw logic gate switch: off 0 on shutdown off off v cc v in r diag i ol r in = r diag + r inon v out t in out v cc
? pd166019t1f preliminary r07ds0730ej0100 rev.1.00 page 7 of 16 apr 25, 2012 short circuit protection case 1: turn on in an overloaded condition, which includes a short circuit condition. the device shut down automatically when i l > i l(sc) condition is detected. then the v in value is increased by the output of i ol current. shutdown is latched until the next reset via in input. short circuit detection depending on the external impedance i ol output (= i ol r in ) case 1 i l > i l(sc) v bat v cc i l(sc) v out v on v in 0 0 i l v out /v cc t (evaluation circuit) : cable impedance i l(sc) : short circuit detection current v in r in v out v on i ol i l v cc in out r l v bat case 2: short circuit during on-condition. the device shut down automatically when i l > i l(sc) condition is detected. then the v in value is increased by the output of i ol current. shutdown is latched until the next reset via in input. i ol output (= i ol r in ) depending on the external impedance v cc i l(sc) v in 0 0 i l v out t short circuit detection case 2 i l > i l(sc) at on condition (evaluation circuit) : cable impedance i l(sc) : short circuit detection current v in r in v out v on i ol i l v cc in out r l v bat
? pd166019t1f preliminary r07ds0730ej0100 rev.1.00 page 8 of 16 apr 25, 2012 typical short circuit detect ion current characteristics the short circuit detection current changes according v cc voltage and von voltage for the purpose of to be strength of the robustness under short circuit condition. i l(sc) - v on i l(sc) - v cc ta = 25c ta = 25c 0 50 100 150 200 0 5 10 15 20 v on [v] 51 01 52 0 v cc [v] v cc = 9 v v on = 3 v v on = 9 v v cc = 16 v i l(sc) [a] 0 50 100 150 200 i l(sc) [a] v cc = 7 v driving capability the ? pd166019 can drive above 215 m ? , equivalent with 65 w bulb as load resistibility include load itself, wire harness, contact resistance of connector, wiring resistibility of pcb at v cc = 9 to 16 v, t ch = 25c condition. over-temperature protection the output is switched off if over-temperature is det ected. the device switches on again after it cools down. t th t th t ch i ol output (= i ol r in ) v in 0 v out /i l t
? pd166019t1f preliminary r07ds0730ej0100 rev.1.00 page 9 of 16 apr 25, 2012 device behavior at low voltage condition if the supply voltage, v cc goes down under v cin(uv) , the device shuts down the output. if the supply voltage, v cc increase over v cin(st) , the device turns on the output automatically. the device keeps off-state if supply voltage, v cc does not increase over v cin(st) after under voltage shutdown. v in 0 0 v out /v cc v bat v out v cc v cin(uv) v cin(st) i l t loss of ground protection in case of complete loss of the device ground connection, but connected load ground, the device securely changes to off-state by low voltage detector. in loss of ground condition voltage of internal circuit is as below. thus rin should be bigger than 40 k ? to activate this function. internal circuit voltage = v cc ? i on ? (r in + 100 ? ) ? vf low voltage detection voltage: v cin(uv) even though there is possibility to keep on state if r in is lower than 40 k ? , output mosfet is secured in full on state by circuit design. v cc v cc in gnd internal circuit i on i on : circuit current, 300 a min 100 r in low voltage detector
? pd166019t1f preliminary r07ds0730ej0100 rev.1.00 page 10 of 16 apr 25, 2012 measurement condition switching waveform of out pin v in v out 10% t don 10% t r 90% 90% t doff t f 12 v 0 v truth table input voltage state output output current in fault condition v in ? v inoff off state off ? normal operation on ? over-temperature off (shut down), restart by t ch < t th ? ? t th i ol v in ? v inon short circuit off (shut down) i ol
? pd166019t1f preliminary r07ds0730ej0100 rev.1.00 page 11 of 16 apr 25, 2012 application example in principle v cc gnd in out load vbat pd166019 r gnd micro. gnd 5 v output port v cc input port r inoff r inon r diag *1 *1 *2 notes: *1 in case of necessity to elimin ate the destruction by the soldering brid ge to vcc: pin#5, insert a resistor r gnd (recommended 1 k ? max) between gnd pin and system ground. in this condition current flows out to in pin. r inon is recommended 2 k ? min. gnd to in current = (r gnd ? 1 ma ? 0.6 v) / r inon *2 if the load is inductive, it is recommended to co nnect a free-wheel diode be tween out pin and ground.
? pd166019t1f preliminary r07ds0730ej0100 rev.1.00 page 12 of 16 apr 25, 2012 typical characteristics low level input current vs. ambient temperature input voltage for turn-on vs. ambient temperature input voltage for turn-off vs. ambient temperature circuit current vs. ambient temperature on state resistance vs. ambient temperature on state resistance vs. ambient temperature 0 1 2 3 4 5 0 1 2 3 4 5 ambient temperature ta [c] input voltage for turn-on v inon [v] input voltage for turn-off v inoff [v] circuit current i gndon [ma] 00 10 20 30 10 20 30 on state resistance r on [m] ?30 ?10 0 ?20 ?2.0 ?0.5 ?1.0 0 ?1.5 ?50 50 150 200 0 100 ?50 50 150 200 0100 ambient temperature ta [c] ambient temperature ta [c] ?50 50 150 200 0 100 ?50 50 150 200 0100 ambient temperature ta [c] ambient temperature ta [c] ?50 50 150 200 0 100 ?50 50 150 200 0100 ambient temperature ta [c] low level input current i il [a] on state resistance r on2 [m] v cc = 12 v v cc = 12 v i l 1 ma v cc = 12 v v in = 4.5 v v on = 0.16 v i l = 7.5 a v cc = 12 v v in = 12 v
? pd166019t1f preliminary r07ds0730ej0100 rev.1.00 page 13 of 16 apr 25, 2012 under voltage shutdown vs. ambient temperature under voltage restart vs. ambient temperature output current in fault condition vs. ambient temperature on state resistance vs. input voltage 0 1 2 3 4 5 0 1 2 3 4 5 0 10 20 30 40 50 under voltage shutdown v cin(uv) [v] under voltage restart v cin(st) [v] ?500 ?400 ?200 0 ?300 ?100 output current in fault condition i ol [a] 06 8 24 input voltage v in [v] ambient temperature ta [c] ?50 50 150 200 0 100 ?50 50 150 200 0100 ambient temperature ta [c] ?50 50 150 200 0100 ambient temperature ta [c] on state resistance r on [m] v cc = 12 v ta = 25c v cc = 7 v v in = 7 v
? pd166019t1f preliminary r07ds0730ej0100 rev.1.00 page 14 of 16 apr 25, 2012 thermal characteristics 0.001 0.01 0.1 1 10 100 1000 pulse width pw [s] transient thermal resistance vs. pulse width 0.1 1 10 100 1000 transient thermal resistance r th [c/w] r th(ch-a) = 55.0c/w r th(ch-c) = 3.17c/w single avalanche current vs. inductive load 1.0e-05 1.0e-04 1.0e-03 1.0e-02 inductive load l [h] single avalanche current vs. inductive load 1 10 100 1000 single avalanche current i as [a] v dd = 20 v v gs = 20 v 0 r g = 25
? pd166019t1f preliminary r07ds0730ej0100 rev.1.00 page 15 of 16 apr 25, 2012 package dimensions (unit: mm) 5-pin to-252 (mp-3zk) 6.50.2 2.30.1 0.50.1 0.60.1 0 to 0.25 0.508 5.0 typ. 1.0 typ. 6.10.2 1.520.12 0.50.1 4.0 min. (4.4 typ.) 0.8 10.3 max. (9.8 typ.) 4.3 min. 1 6 2345 1.14 gauge plane seating plane no plating area note
? pd166019t1f preliminary r07ds0730ej0100 rev.1.00 page 16 of 16 apr 25, 2012 taping information this is one type (e1) of directi on of the device in the career tape. draw-out side ?e1 type marking information this figure indicates the marking items and arrangement. ho wever, details of the letterform, the size and the position aren?t indicated. 66019 pb-free plating marking internal administrative code lot code *1 week code (2 digit number) year code (last 1 digit number) note: *1. composition of the lot code
all trademarks and registered trademarks are t he property of their respective owners. c - 1 revision history ? pd166019t1f data sheet description rev. date page summary 1.00 apr 25, 2012 ? first edition issued
notice 1. all information included in this document is current as of the date this document is issued. such information, however, is s ubject to change without any prior notice. before purchasing or using any renesas electronics products listed herein, please confirm the latest product information with a renesas electronics sales office. also , please pay regular and careful attention to additional and different information to be disclosed by renesas electronics such as that disclosed through our website. 2. renesas electronics does not assume any liability for infringement of patents, copyrights, or other intellectual property ri ghts of third parties by or arising from the use of renesas electronics products or technical information described in this document. no license, express, implied or otherwise, is granted hereby under any paten ts, copyrights or other intellectual property rights of renesas electronics or others. 3. you should not alter, modify, copy, or otherwise misappropriate any renesas electronics product, whether in whole or in part . 4. descriptions of circuits, software and other related information in this document are provided only to illustrate the operat ion of semiconductor products and application examples. you are fully responsible for the incorporation of these circuits, software, and information in the design of your equipment. renesas electronics assumes no responsibility for any losses incurred by you or third parties arising from the use of these circuits, software, or information. 5. when exporting the products or technology described in this document, you should comply with the applicable export control l aws and regulations and follow the procedures required by such laws and regulations. you should not use renesas electronics products or the technology described in this document for any purpose rela ting to military applications or use by the military, including but not limited to the development of weapons of mass destruction. renesas electronics products and technology may not be used for or incorporate d into any products or systems whose manufacture, use, or sale is prohibited under any applicable domestic or foreign laws or regulations. 6. renesas electronics has used reasonable care in preparing the information included in this document, but renesas electronics does not warrant that such information is error free. renesas electronics assumes no liability whatsoever for any damages incurred by you resulting from errors in or omissions from the information incl uded herein. 7. renesas electronics products are classified according to the following three quality grades: "standard", "high quality", an d "specific". the recommended applications for each renesas electronics product depends on the product's quality grade, as indicated below. you must check the quality grade of each renesas electronics produ ct before using it in a particular application. you may not use any renesas electronics product for any application categorized as "specific" without the prior written consent of renesas electronics. fu rther, you may not use any renesas electronics product for any application for which it is not intended without the prior written consent of renesas electronics. renesas electronics shall not be in any way liable for any damages or losses incurred by you or third parties arising from the use of any renesas electronics product for an application categorized as "specific" or for which the product is not intended wh ere you have failed to obtain the prior written consent of renesas electronics. the quality grade of each renesas electronics product is "standard" unless otherwise expressly specified in a renesas electroni cs data sheets or data books, etc. "standard": computers; office equipment; communications equipment; test and measurement equipment; audio and visual equipment ; home electronic appliances; machine tools; personal electronic equipment; and industrial robots. "high quality": transportation equipment (automobiles, trains, ships, etc.); traffic control systems; anti-disaster systems; anti-crime systems; safety equipment; and medical equipment not specifically designed for life support. "specific": aircraft; aerospace equipment; submersible repeaters; nuclear reactor control systems; medical equipment or syst ems for life support (e.g. artificial life support devices or systems), surgical implantations, or healthcare intervention (e.g. excision, etc.), and any other applications or purposes that pose a direct thr eat to human life. 8. you should use the renesas electronics products described in this document within the range specified by renesas electronics , especially with respect to the maximum rating, operating supply voltage range, movement power voltage range, heat radiation characteristics, installation and other product characteristics. renesas el ectronics shall have no liability for malfunctions or damages arising out of the use of renesas electronics products beyond such specified ranges. 9. although renesas electronics endeavors to improve the quality and reliability of its products, semiconductor products have s pecific characteristics such as the occurrence of failure at a certain rate and malfunctions under certain use conditions. further, renesas electronics products are not subject to radiation resistance design . please be sure to implement safety measures to guard them against the possibility of physical injury, and injury or damage caused by fire in the event of the failure of a renesas electronics produc t, such as safety design for hardware and software including but not limited to redundancy, fire control and malfunction prevention, appropriate treatment for aging degradation or any other appropriate measu res. because the evaluation of microcomputer software alone is very difficult, please evaluate the safety of the final products or system manufactured by you. 10. please contact a renesas electronics sales office for details as to environmental matters such as the environmental compati bility of each renesas electronics product. please use renesas electronics products in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances, in cluding without limitation, the eu rohs directive. renesas electronics assumes no liability for damages or losses occurring as a result of your noncompliance with applicable laws and regulations. 11. this document may not be reproduced or duplicated, in any form, in whole or in part, without prior written consent of renes as electronics. 12. please contact a renesas electronics sales office if you have any questions regarding the information contained in this doc ument or renesas electronics products, or if you have any other inquiries. (note 1) "renesas electronics" as used in this document means renesas electronics corporation and also includes its majority-o wned subsidiaries. (note 2) "renesas electronics product(s)" means any product developed or manufactured by or for renesas electronics. http://www.renesas.com refer to "http://www.renesas.com/" for the latest and detailed information. renesas electronics america inc. 2880 scott boulevard santa clara, ca 95050-2554, u.s.a. tel: +1-408-588-6000, fax: +1-408-588-6130 renesas electronics canada limited 1101 nicholson road, newmarket, ontario l3y 9c3, canada tel: +1-905-898-5441, fax: +1-905-898-3220 renesas electronics europe limited dukes meadow, millboard road, bourne end, buckinghamshire, sl8 5fh, u.k tel: +44-1628-585-100, fax: +44-1628-585-900 renesas electronics europe gmbh arcadiastrasse 10, 40472 dsseldorf, germany tel: +49-211-65030, fax: +49-211-6503-1327 renesas electronics (china) co., ltd. 7th floor, quantum plaza, no.27 zhichunlu haidian district, beijing 100083, p.r.china tel: +86-10-8235-1155, fax: +86-10-8235-7679 renesas electronics (shanghai) co., ltd. unit 204, 205, azia center, no.1233 lujiazui ring rd., pudong district, shanghai 200120, china tel: +86-21-5877-1818, fax: +86-21-6887-7858 / -7898 renesas electronics hong kong limited unit 1601-1613, 16/f., tower 2, grand century place, 193 prince edward road west, mongkok, kowloon, hong kong tel: +852-2886-9318, fax: +852 2886-9022/9044 renesas electronics taiwan co., ltd. 13f, no. 363, fu shing north road, taipei, taiwan tel: +886-2-8175-9600, fax: +886 2-8175-9670 renesas electronics singapore pte. ltd. 1 harbourfront avenue, #06-10, keppel bay tower, singapore 098632 tel: +65-6213-0200, fax: +65-6278-8001 renesas electronics malaysia sdn.bhd. unit 906, block b, menara amcorp, amcorp trade centre, no. 18, jln persiaran barat, 46050 petaling jaya, selangor darul ehsan, malaysia tel: +60-3-7955-9390, fax: +60-3-7955-9510 renesas electronics korea co., ltd. 11f., samik lavied' or bldg., 720-2 yeoksam-dong, kangnam-ku, seoul 135-080, korea tel: +82-2-558-3737, fax: +82-2-558-5141 sales offices ? 2012 renesas electronics corporation. all rights reserved. colophon 1.1


▲Up To Search▲   

 
Price & Availability of UPD166019T1F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X