Part Number Hot Search : 
K10A60D MLX902 SMB11 RGF10M IL34C86N R12X09 1C333 AON6516
Product Description
Full Text Search
 

To Download T2301 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  copyright carl kammerling inter national ltd product specification brand c.k product range precision & carbofib tweezers catalogue number as listed date 20 / 1 1 /200 8 range description a range of professional quality tweezers 2301 2302 2307 2308 2308a 2309 2313a 2314 2315 2316 2317 2318 2319 2327 features precision tweezers precision tweezers for the intricat e gripping, positioning and holding tasks encountered in assembly and maintenance/repair work, commonly found in electronic and precision manufacturing industries. manufactured using the highest quality materials and production techniques carbofib twe ezers pa66/cf30 polyamide 66 reinforced with 30% carbon fibre esd compliant material heat stabilised very high rigidity, excellent tensile and flexural strength, fatigue and creep resistant low friction, self lubricating properties, excellent wear and abr asion properties heat resistant up to 1000 0 c good chemical resistance (oils, grease, fuels, non - polar solvents) not resistant to acids, alkalies, and hot water or steam very low coefficient of linear thermal expansion solder (soft and hard) can not adhere to the surface
copyright carl kammerling inter national ltd ceramic tweezers zirconia toughened alumina (zta) a superior combination of high strength (from the zirconia) and high hardness (from the alumina) relatively low density no open porosity very hard surface, good abrasion and wear resistance flexible and resistant to fracture excellent thermal properties and high temperature stability extreme corrosion resistance, nearly chemically inert 100% electrically insulating 2328 2330 2331 2334 2336 2339 2340 2341 2343 2345a 2349 2351 2354 2359 2360 2364 2381
copyright carl kammerling inter national ltd 2390 2391 2392 item number item description ean no commodity code carton qty T2301 precision universal tweezer 115mm 5013969424300 82032010 1 t2302 precision universal tweezer coated 115mm 5013969424409 82032010 1 t2307 precision universal tweezer 145mm 5013969424904 82032010 1 t2308 precision universal tweezer coated 145mm 5013 969425000 82032010 1 t2308a precision universal tweezer pvc coated 145mm 5013969883503 82032010 1 t2309 precision universal tweezer 140mm 5013969425109 82032010 1 t2313a precision universal tweezer cross pattern 160mm 5013969961201 82032010 1 t2314 pre cision universal tweezer 150mm 5013969425604 82032010 1 t2315 precision universal tweezer coated 150mm 5013969425703 82032010 1 t2316 precision tweezer 105mm 5013969425802 82032010 1 t2317 precision tweezer 105mm 5013969425901 82032010 1 t2318 precisio n tweezer 130mm 5013969426007 82032010 1 t2319 precision tweezer 120mm 5013969426106 82032010 1 t2327 precision radio tweezer 155mm 5013969111002 82032010 1 t2328 precision radio tweezer bent 155mm 5013969984125 82032010 1 t2330 precision tweezer 110mm 5013969983302 82032010 1 t2331 precision tweezer 115mm 5013969983401 82032010 1 t2334 precision positioning tweezer 120mm 5013969983708 82032010 1 t2336 precision positioning tweezer 120mm 5013969983906 82032010 1 t2339 precision tweezer 110mm 5013969 183801 82032010 1
copyright carl kammerling inter national ltd t2340 precision tweezer 110mm 5013969188806 82032010 1 t2341 precision tweezer 110mm 5013969212709 82032010 1 t2343 precision tweezer 130mm 5013969213102 82032010 1 t2345a precision ceramic tweezer 140mm 5013969815085 82032010 1 t234 9 precision tweezer cross pattern 120mm 5013969229905 82032010 1 t2351 precision positioning tweezer 115mm 5013969243505 82032010 1 t2354 precision positioning tweezer 115mm 5013969244403 82032010 1 t2359 precision positioning tweezer 150mm 501396928280 1 82032010 1 t2360 precision positioning tweezer 120mm 5013969282900 82032010 1 t2364 precision tweezer flat tip 105mm 5013969236101 82032010 1 t2381 precision tweezer 120mm 5013969982268 82032010 1 t2390 carbofib positioning tweezer 130mm 501396998234 3 82032010 1 t2391 carbofib positioning tweezer 130mm 5013969982350 82032010 1 t2392 carbofib positioning tweezer 130mm 5013969982367 82032010 1 technical product information specification material type fig type tip type material code coating T2301 universal fine, blunt, 2mm wide, finely milled inside c nickel t2302 universal fine, blunt, 2mm wide, finely milled inside c black t2307 universal blunt, 3.5mm wide, finely milled inside c nickel t2308 universal blunt, 3.5mm wide, finely milled inside c black t2308a universal blunt, 3.5mm wide, finely milled inside c pvc t2309 universal blunt, 2mm wide, fine cross cut inside c nickel t2313a cross pattern, reverse action fine, bent, 2.5mm wide c nickel t2314 universal pin guided fine, blunt, 2mm wide, finely milled inside c nickel t2315 universal pin guided fine, blunt, 2mm wide, finely milled inside c black t2316 precision fine, straight sa none t2317 precision fine, bent sa none t2318 precision fine, straight, extra long sa none t2319 precision fine, straight, extra long s none t2327 radio fine, blunt, 2mm wide, finely milled inside c nickel t2328 radio fine, blunt, bent, 2mm wide, finely milled inside c nickel t2330 precision superfine, bent sa none t2331 precision superfine, offset, bent sa none t2334 positioning for sot-package, monolithic chip, capacitors etc sa none t2336 positioning grooved, bent, for cylindrical devices up to 1mm dia sa none t2339 precision fine, straight sa none t2340 precision fine, sharp, straight sa none t2341 precision superfine, straight sa none t2343 precision fine, straight sa none t2345a ceramic fine, straight cer nickel t2349 cross pattern, reverse action for sot-package, monolithic chip, capacitors etc sa none t2351 positioning round inside, for cylindrical devices up to 1mm dia sa none t2354 positioning round inside, for cylindrical devices up to 2mm dia sa none t2359 positioning fine, bent, cross cut inside sa none t2360 positioning flat, round, straight sa none t2364 flat spatula flat sa none t2381 precision fine, curved sa none t2390 positioning fine cer nickel t2391 positioning fine, extra slim cer nickel t2392 positioning round, 2mm wide cer nickel
copyright carl kammerling inter national ltd c = hardened carbon steel sa = 316 stainles s steel s = stainless steel cer = ceramic (ceramic tips held on a nickel plated carbon steel bow standards compliance carbofib tweezers are el ectrostatically dissipative to din en 61340 5,1 & 5,2 user health and safety information none applicable r oh s /wee e compliance this product range does not fall within the scope of r oh s or wee e regulations material safety data none applicable warranty c.k tools a re guaranteed for life against imperfect materials or workmanship normal wear and tear or d amage c aused through inappropriate use is not covered country of origin germany dimensional details product only product on primary packaging item width mm depth mm height mm net w eight g width mm depth mm height mm gross weight g T2301 9 12 115 14 4 0 11 1 8 0 24 t2302 9 1 2 115 14 4 0 11 1 8 0 24 t2307 11 20 145 22 4 0 11 1 8 0 32 t2308 11 20 145 22 4 0 11 1 8 0 32 t2308a 13 17 145 28 4 0 17 203 40 t2309 11 20 140 16 4 0 11 1 8 0 26 t2313a 12 15 160 26 4 0 17 203 38 t2314 8 15 150 18 4 0 17 203 30 t2315 8 1 5 150 18 4 0 17 203 30 t2316 8 10 105 10 4 0 11 1 8 0 20 t2317 8 10 105 10 4 0 11 1 8 0 20 t2318 1 1 7 130 18 4 0 11 1 8 0 28
copyright carl kammerling inter national ltd t2319 9 11 120 12 4 0 11 1 8 0 22 t2327 10 1 5 155 18 4 0 17 203 30 t2328 10 1 5 155 18 4 0 17 203 30 t2330 10 5 110 11 4 0 11 1 8 0 21 t2331 10 8 115 12 40 11 180 22 t2334 10 5 120 16 40 11 180 26 t2336 10 5 120 14 40 11 180 24 t2339 10 5 115 14 40 11 180 24 t2340 10 5 110 11 40 11 180 21 t2341 10 5 110 12 40 11 180 22 t2343 10 5 130 19 40 11 180 29 t2345a 10 7 140 10 40 11 180 20 t234 9 10 15 120 14 40 11 180 24 t2351 10 5 115 15 40 11 180 25 t2354 10 5 115 1 4 40 11 180 24 t2359 10 7 150 18 40 17 203 30 t2360 10 7 120 14 40 11 180 24 t2364 10 5 105 14 40 11 180 24 t2381 10 7 120 21 40 11 180 31 t2390 10 7 130 17 40 11 180 27 t23 91 10 7 130 16 40 11 180 26 t2392 10 7 130 17 40 11 180 27 shelf box (secondary packaging) euro pallet data wi x hi item width mm depth mm height mm gross w eight g no of cartons on base number of rows high T2301 t2302 t23 07 t2308 t2308a t2309
copyright carl kammerling inter national ltd t2313a t2314 t2315 t2316 t2317 t2318 t2319 t2327 t2328 t2330 t2331 t2334 t2336 t2339 t2340 t2341 t2343 t2345a t2349 t2351 t2354 t2359 t2360 t2364 t2381 t2390 t2391 t2392
copyright carl kammerling inter national ltd packaging waste details primary packaging secondary packaging item plastic g use card g use plastic g use card g use T2301 10 box t2302 10 box t2307 10 box t2308 10 box t2308a 12 box t2309 10 box t2313a 12 box t2314 12 box t2315 12 box t2316 10 box t2317 10 box t2318 10 box t2319 10 box t2327 12 box t2328 12 box t2330 10 box t2331 10 box t2334 10 box t2336 10 box t2339 10 box t2340 10 box t2341 10 box t2343 10 box t2345a 10 bo x t2349 10 box t2351 10 box t2354 10 box t2359 1 2 box t2360 10 box t2364 10 box t2381 10 box t2390 10 box t2391 10 box
copyright carl kammerling inter national ltd t2392 10 box


▲Up To Search▲   

 
Price & Availability of T2301

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X