Part Number Hot Search : 
OV7141 63AYA6A MUPTB10 A1360 5KP28A MBR16100 MTD9N10D HCT08
Product Description
Full Text Search
 

To Download SR1620 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  r s e m i c o n d u c t o r r s e m i c o n d u c t o r 1-128 notes : 1.pulse test: 300 s pulse width,1% duty cycle 2.thermal resistance from junction to case features mechanical data maximum ratings and electrical characteristics case : jedec to -263 molded plastic body t erminals : solderable per mil -std -202,method 208 p olarity : as mark ed mounting p osition : any w eight : 0.08ounce, 2.24 gram (r atings at 25 c ambient temperature unless other wise specified ,single phase ,half wave ,resistive or inductive load. f or capacitive load,derate by 20%.) plastic pack age has under writers l aborator y flammability classification 94v -0 metal silicon junction ,majority carrier conductionguard ring for over voltage protection l ow power loss ,high efficiency high current capability ,l ow for ward voltage drop single rectifier constructionhigh surge capability f or use in low voltage ,high frequency inver ters, free wheeling ,and polarity protection applicationshigh temperature soldering guaranteed:260 c/10 seconds, 0.25"(6.35mm)from case component in accordance to r ohs 2002 / 95 / ec and weee 2002 / 96 / ec s r 1 6 2 0 t h r u s r 1 6 2 0 0 ( s i n g l e c h i p ) schottky barrier rectifier reverse voltage - 20 to 200 volts forward current - 16.0amperes maximum repetitive peak reverse voltage v rrm v olts v olts v olts v olts m a a mps a mps v rms v dc i (a v) i f sm t stg v f i r r jc maximum rms voltage maximum dc blocking voltage maximum instantaneous for ward voltage at 16.0 a t =25 c t =125 c c c t ypical thermal resistance (note 2) operating junction temperature range storage temperature range maximum instantaneous reverse current at rated dc blockingvoltage(note 1) p eak for ward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) -65 to+125 -65 to+150 -65 to+150 0 . 5 30 50 c/w c c t j 20 14 20 30 21 30 40 28 40 50 35 50 60 42 60 80 56 80 100 70 150 16.0 200.0 symbols units sr 1620 sr 1630 sr 1640 sr 1650 sr 1660 sr 1680 sr 16a0 maximum average for ward rectified current see f ig . 1 sr 16150 sr 16200 150 105 200 140 200 100 3 . 0 0 . 1 9 0 ( 4 . 8 3 ) 1 2 k 0 . 3 8 0 ( 9 . 6 5 ) 0 . 4 2 0 ( 1 0 . 6 7 ) 0 . 2 4 5 ( 6 . 2 2 ) m i n 0 . 5 6 0 ( 1 4 . 2 2 ) 0 . 6 3 9 ( 1 6 . 2 2 ) 0 . 0 2 7 ( 0 . 6 8 6 ) 0 . 0 3 7 ( 0 . 9 4 0 ) 0 . 0 9 5 ( 2 . 4 1 ) 0 . 0 8 3 ( 2 . 1 0 ) 0 . 3 2 0 ( 8 . 1 3 ) 0 . 3 6 0 ( 9 . 1 4 ) 0 . 0 9 0 ( 2 . 2 9 ) 0 . 1 3 1 ( 3 . 3 2 ) 0 . 1 3 4 ( 3 . 4 0 ) 0 . 1 1 0 ( 2 . 7 9 ) 0 . 0 1 8 ( 0 . 4 6 ) 0 . 0 1 4 ( 0 . 3 5 ) 0 . 0 4 5 ( 1 . 1 4 ) 0 . 0 5 5 ( 1 . 4 0 ) 0 . 0 4 7 ( 1 . 1 9 ) 0 . 0 5 5 ( 1 . 4 0 ) 0 . 1 6 0 ( 4 . 0 6 ) t o - 2 6 3 d 2 p a k dimensions in inches and (millimeters) f j s r 2 5 0 0 f j s r 1 6 0 6 jinan jingheng co., l td. no.51 heping road jinan p .r. china tel:86-531-86943657 f ax:86-531-86947096 www .jifusemicon.com 0 . 60 0.75 0.85 0.95 0.90
r at i n g s a n d c h a r a c t e r i s t i c c u r v e s s r 1 6 2 0 - s r 1 6 2 0 0 ( s i n g l e c h i p ) 1- 12 9 0.1 0.01 0.1 1.0 10 100 1.0 10 0 50 100 150 200 250 40 0.2 20 0 40 60 80 100 120 140 1.0 2.0 5.0 10 20 50 100 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 0.1 0.4 1.0 10 40 60 100 100 200 1000 2000 4000 fig.4-typical junction capacitance fig.5-maximum non-repetitive peak forward surge current fig.2-typical instantaneous forward characteristics fig.3-typical reverse characteristics c a p a c i t a n c e ( p f ) i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a m p e r e s ) i n s t a n t a n e o u s r e v e r s e c u r r e n t ( m a ) p e a k f o r w a r d s u r g e c u r r e n t ( a m p e r e s ) inst ant aneous forw ard vol t age (vol ts) percent of ra ted peak reverse vol t age reverse vol t age (vol ts) number of cycles a t 60hz pulse width=300 s 1% duty cycle sr1650-sr16200 sr1620-sr1640 t c =25 c t c =25 c t c =75 c t c =125 c t c =125 c 0 50 100 150 0 4.0 12 8.0 20 16 fig.1-forward current derating curve a v e r a g e f o r w a r d c u r r e n t ( a m p e r e s ) lead tempera ture ( c) sr1620 - sr1640 sr1650 - sr16200 single phase half wa ve 50hz inductive orresistive l oad 8.3ms single half sine- wa ve (jedec method) jinan jingheng co., l td. no.51 heping road jinan p .r. china tel:86-531-86943657 f ax:86-531-86947096 www .jifusemicon.com


▲Up To Search▲   

 
Price & Availability of SR1620

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X