Part Number Hot Search : 
SI3406X AD9640 AN5792 2E30A FWL10G 2SK551 FXP1800 UITE1
Product Description
Full Text Search
 

To Download SMMBTA06LT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2012 july, 2012 ? rev. 8 1 publication order number: mmbta05lt1/d mmbta05l, mmbta06l, smmbta06l driver transistors npn silicon features ? s prefix for automotive and other applications requiring unique site and control change requirements; aec ? q101 qualified and ppap capable ? these devices are pb ? free, halogen free/bfr free and are rohs compliant maximum ratings rating symbol value unit collector ? emitter voltage mmbta05lt1 mmbta06lt1, smmbta06lt1 v ceo 60 80 vdc collector ? base voltage mmbta05lt1 mmbta06lt1, smmbta06lt1 v cbo 60 80 vdc emitter ? base voltage v ebo 4.0 vdc collector current ? continuous i c 500 madc electrostatic discharge esd hbm class 3b mm class c cdm class iv thermal characteristics characteristic symbol max unit total device dissipation fr ? 5 board (note 1) t a = 25 c derate above 25 c p d 225 1.8 mw mw/ c thermal resistance, junction ? to ? ambient r  ja 556 c/w total device dissipation alumina substrate, (note 2) t a = 25 c derate above 25 c p d 300 2.4 mw mw/ c thermal resistance, junction ? to ? ambient r  ja 417 c/w junction and storage temperature t j , t stg ? 55 to +150 c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above the recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliability. 1. fr ? 5 = 1.0 0.75 0.062 in. 2. alumina = 0.4 0.3 0.024 in. 99.5% alumina. sot ? 23 case 318 style 6 2 3 1 marking diagrams 1h m   mmbta05lt1 collector 3 1 base 2 emitter 1gm m   mmbta06lt1, smmbta06l http://onsemi.com 1h, 1gm = specific device code m = date code*  = pb ? free package see detailed ordering and shipping information in the package dimensions section on page 5 of this data sheet. ordering information (note: microdot may be in either location) *date code orientation and/or overbar may vary depending upon manufacturing location.
mmbta05l, mmbta06l, smmbta06l http://onsemi.com 2 electrical characteristics (t a = 25 c unless otherwise noted) characteristic symbol min max unit off characteristics collector ? emitter breakdown voltage (note 3) (i c = 1.0 madc, i b = 0) mmbta05 mmbta06, smmbta06 v (br)ceo 60 80 ? ? vdc emitter ? base breakdown voltage (i e = 100  adc, i c = 0) v (br)ebo 4.0 ? vdc collector cutoff current (v ce = 60 vdc, i b = 0) i ces ? 0.1  adc collector cutoff current (v cb = 60 vdc, i e = 0) mmbta05 (v cb = 80 vdc, i e = 0) mmbta06, smmbta06 i cbo ? ? 0.1 0.1  adc on characteristics dc current gain (i c = 10 madc, v ce = 1.0 vdc) (i c = 100 madc, v ce = 1.0 vdc) h fe 100 100 ? ? ? collector ? emitter saturation voltage (i c = 100 madc, i b = 10 madc) v ce(sat) ? 0.25 vdc base ? emitter on voltage (i c = 100 madc, v ce = 1.0 vdc) v be(on) ? 1.2 vdc small ? signal characteristics current ? gain ? bandwidth product (note 4) (i c = 10 ma, v ce = 2.0 v, f = 100 mhz) f t 100 ? mhz 3. pulse test: pulse width  300  s, duty cycle  2.0%. 4. f t is defined as the frequency at which |h fe | extrapolates to unity. figure 1. switching time test circuits output turn-on time -1.0 v v cc +40 v r l * c s  6.0 pf r b 100 100 v in 5.0  f t r = 3.0 ns 0 +10 v 5.0  s output turn-off time +v bb v cc +40 v r l * c s  6.0 pf r b 100 100 v in 5.0  f t r = 3.0 ns 5.0  s *total shunt capacitance of test jig and connectors for pnp test circuits, reverse all voltage polarities
mmbta05l, mmbta06l, smmbta06l http://onsemi.com 3 figure 2. current gain bandwidth product vs. collector current figure 3. capacitance figure 4. switching time i c , collector current (ma) v r , reverse voltage (v) v ce = 2.0 v t a = 25 c t a = 25 c c ibo c obo 20 10 i c , collector current (ma) 200 100 50 20 10 100 t, time (ns) 50 200 500 1.0 k 500 v cc = 40 v i c /i b = 10 i b1 = i b2 t j = 25 c t s t f t r 5.0 7.0 30 70 300 700 30 70 t d @ v be(off) = 0.5 v c, capacitance (pf) 300 figure 5. dc current gain vs. collector current i c , collector current (ma) t a = 150 c v ce = 1.0 v f tau , current gain bandwidth product (mhz) 1000 100 10 1 10 100 1000 0.1 1 10 100 100 10 1 t a = 25 c t a = ? 55 c h fe , dc current gain 0.1 1 10 100 1000 1000 100 10 figure 6. collector emitter saturation voltage vs. collector current figure 7. base emitter saturation voltage vs. collector current i c , collector current (ma) i c , collector current (ma) 0.01 0.1 1 1 0.1 0.2 0.3 0.4 0.6 0.7 0.8 1.0 1.1 v ce(sat) , collector ? emitter saturation voltage (v) v be(sat) , base ? emitter saturation voltage (v) i c /i b = 10 0.5 0.9 i c /i b = 10 t a = 150 c t a = 25 c t a = ? 55 c 1.2 10 100 1000 t a = 150 c t a = 25 c t a = ? 55 c 1 0.1 10 100 1000
mmbta05l, mmbta06l, smmbta06l http://onsemi.com 4 figure 8. base emitter turn ? on voltage vs. collector current i c , collector current (ma) 1.1 v be(on) , base ? emitter voltage (v) v ce = 1 v figure 9. saturation region i b , base current (ma) t a = 25 c i c = 100 ma i c = 50 ma i c = 250 ma i c = 500 ma i c = 10 ma figure 10. base ? emitter temperature coefficient 100 500 0.5 i c , collector current (ma) ? 0.8 ? 1.2 ? 1.6 ? 2.0 ? 2.4 ? 2.8 10 r  vb for v be 1.0 2.0 5.0 20 50 200 figure 11. safe operating area v ce , collector emitter voltage (v) 100 10 1 0.1 10000 i c , collector current (ma) thermal limit 100 ms 1 s 10 ms 1 ms t a = 150 c t a = 25 c t a = ? 55 c 1 0.1 10 100 1000 1 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 1 0.1 10 100 0.01 1.0 0.8 0.6 0.4 0.2 0 v ce(sat) , collector ? emitter saturation voltage (v) r  vb , temperature coefficient (mv/ c) single pulse at t a = 25 c mmbta06l figure 12. safe operating area v ce , collector emitter voltage (v) 100 10 1 0.1 10000 i c , collector current (ma) 1000 100 10 1 1000 100 10 1 thermal limit 100 ms 1 s 10 ms 1 ms single pulse at t a = 25 c mmbta05l
mmbta05l, mmbta06l, smmbta06l http://onsemi.com 5 ordering information device package shipping ? mmbta05lt1g sot ? 23 (pb ? free) 3000 / tape & reel mmbta05lt3g sot ? 23 (pb ? free) 10,000 / tape & reel mmbta06lt1g sot ? 23 (pb ? free) 3000 / tape & reel SMMBTA06LT1G sot ? 23 (pb ? free) 3000 / tape & reel mmbta06lt3g sot ? 23 (pb ? free) 10,000 / tape & reel smmbta06lt3g sot ? 23 (pb ? free) 10,000 / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d.
mmbta05l, mmbta06l, smmbta06l http://onsemi.com 6 package dimensions sot ? 23 (to ? 236) case 318 ? 08 issue ap d a1 3 12 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. maximum lead thickness includes lead finish thickness. minimum lead thickness is the minimum thickness of base material. 4. dimensions d and e do not include mold flash, protrusions, or gate burrs.  mm inches  scale 10:1 0.8 0.031 0.9 0.035 0.95 0.037 0.95 0.037 2.0 0.079 view c l 0.25 l1  e e e b a see view c dim a min nom max min millimeters 0.89 1.00 1.11 0.035 inches a1 0.01 0.06 0.10 0.001 b 0.37 0.44 0.50 0.015 c 0.09 0.13 0.18 0.003 d 2.80 2.90 3.04 0.110 e 1.20 1.30 1.40 0.047 e 1.78 1.90 2.04 0.070 l 0.10 0.20 0.30 0.004 0.040 0.044 0.002 0.004 0.018 0.020 0.005 0.007 0.114 0.120 0.051 0.055 0.075 0.081 0.008 0.012 nom max l1 h 2.10 2.40 2.64 0.083 0.094 0.104 h e 0.35 0.54 0.69 0.014 0.021 0.029 c 0 ??? 10 0 ??? 10  style 6: pin 1. base 2. emitter 3. collector *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* on semiconductor and are registered trademarks of semiconductor co mponents industries, llc (scillc). scillc owns the rights to a numb er of patents, trademarks, copyrights, trade secrets, and other intellectual property. a list ing of scillc?s product/patent coverage may be accessed at ww w.onsemi.com/site/pdf/patent ? marking.pdf. scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and s pecifically disclaims any and all liability, including without limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. all operating parame ters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the right s of others. scillc products are not designed, intended, or a uthorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in whic h the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or us e scillc products for any such unintended or unauthorized appli cation, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unin tended or unauthorized use, even if such claim alleges that scil lc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyrig ht laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5817 ? 1050 mmbta05lt1/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of SMMBTA06LT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X