smaz5v1 thru smaz39 1 watt zener diode 5.1v - 39v volts features ? 1.0w power dissipation ? high surge capability ? ideally suited for automatic assembly ? standard v z tolerance is +/- 5% ? storage temperature range(t stg ): -65 to +150 0.070" 0.090 0.085 suggested solder pad layout do-214ac (smaj)( lead frame) dimensions inches mm dim min max min max note a .079 .096 2.00 2.44 b .050 .064 1.27 1.63 c .002 .008 .05 .20 d --- .02 --- .51 e .030 .060 .76 1.52 f .065 .091 1.65 2.32 g .189 .220 4.80 5.59 h .157 .181 4.00 4.60 j .090 .115 2.25 2.92 h j e f g a b d c omp onents 20736 marilla street chatsworth
mcc tm micro commercial components ? operating temperature range(t j ): -65 to +150 symbol value units zener current i zm pd/vz ma power dissipation @t a =50 o c p tot 1000 m w junction to terminal thermal resistance 125 o c/w r thja forward voltage@i f = 200ma vf v 1.2 r thjt 30 o c/w cathode band www. mccsemi .com 1 of 4 revision: c 2013/04/26 maximumratings ? lead free finish/rohs compliant (note1) ("p"suffix designates compliant. see ordering information) note: 1. high temperature solder exemptions applied, see eu directive annex 7. epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 ? halogen free available upon request by adding suffix "-hf"
mcc smaz5v1 - smaz39 tm micro commercial components i zm max (note 1) nom min max i zt (ma) max i zk (ma) max ua v ma smaz5v1 5.10 4.84 5.40 100 5.0 1.0 500 2.5 1.0 196 z5v1 smaz5v6 5.60 5.32 5.88 100 2.0 2.0 250 5.0 2.0 179 z5v6 smaz6v2 6.20 5.89 6.51 100 2.0 2.0 200 5.0 3.0 161 z6v2 smaz6v8 6.80 6.46 7.14 100 2.0 1.0 200 5.0 4.0 147 z6v8 smaz7v5 7.50 7.13 7.88 100 2.0 1.0 450 5.0 5.0 133 z7v5 smaz8v2 8.20 7.79 8.61 100 2.0 1.0 200 5.0 6.0 122 z8v2 smaz9v1 9.10 8.65 9.56 50 4.0 1.0 200 5.0 7.0 110 z9v1 smaz10 10.00 9.50 10.50 50 4.0 1.0 200 1.0 7.6 100 z10 smaz12 12.00 11.40 12.60 50 7.0 1.0 150 1.0 9.1 83 z12 SMAZ15 15.00 14.25 15.75 50 10.0 1.0 150 1.0 11.4 67 z15 smaz16 16.00 15.20 16.80 25 15.0 1.0 150 0.5 12.2 63 z16 smaz18 18.00 17.10 18.90 25 15.0 1.0 150 0.5 13.7 56 z18 smaz20 20.00 19.00 21.00 25 15.0 1.0 180 0.5 15.2 50 z20 smaz22 22.00 20.90 23.10 25 15.0 1.0 180 0.5 16.7 45 z22 smaz24 24.00 22.80 25.20 25 15.0 1.0 180 0.5 18.2 42 z24 smaz27 27.00 25.65 28.35 25 15.0 1.0 200 0.5 20.5 37 z27 smaz30 30.00 28.50 31.50 25 15.0 1.0 250 0.5 22.8 33 z30 smaz33 33.00 31.35 34.65 25 15.0 1.0 300 0.5 25.1 30 z33 smaz36 36.00 34.20 37.80 10 40.0 1.0 350 0.5 27.4 28 z36 smaz39 39.00 37.05 40.95 10 40.0 1.0 450 0.5 29.6 26 z39 z zt (ohms) zener voltage v z voltages reverse current marking part number i r (max) @ v r maximum zener impedance z zk (ohms) maximum zener impedance electrical characteristics @ 25 o c unless otherwise specified teseice nted n c inch 5 inch 2 inch www ccsei c 2 f eisin c 22
smaz5v1 - smaz39 mcc tm micro commercial components 0.001 0.01 0.1 1 10 100 1000 2000 1 10 100 500 v , zener regulation voltage (v) zt fig. 4 leakage current vs regulation voltage t = 125 c j 0.1 1 10 100 1000 1 10 100 500 v , zener regulation voltage (v) zt fi g . 5 differential resistance vs re g ulation volta g e i = 5.0ma zt i = 20ma zt i = 100m zt a i = 10ma zt 0 10 100 1000 1 10 100 200 c , junction capacitance (pf) j v , reverse voltage (v) r fi g . 2 junction capacitance vs reverse volta g e smaz5v6 smaz27 smaz12 0.1 1 10 20 0 0.5 1.0 1.5 2.0 2.5 i , peak forward current (a) fm v , peak forward voltage (v) fm fi g . 3 peak forward current vs peak forward volta g e t=25 c j 0 0.2 0.4 0.6 0.8 1.0 1 . 2 0 50 100 150 175 p peak power (w) pk t , ambient temperature c a fi g . 1 power dissipation vs ambient temperature www. mccsemi .com 3 of 4 revision c 20130426
mcc tm micro commercial components www. mccsemi .com 4 of 4 revision: c 2013/04/26 device packing part number-tp tape&reel: 7. 5 k p c s / r e e l ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. note : adding "-hf" suffix for halogen free, eg. part number-tp-hf
|