Part Number Hot Search : 
PJD882 2SA1687 C1005 3266P102 9C512 STPS140 LH5481 TA1541A
Product Description
Full Text Search
 

To Download SBT150-04J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SBT150-04J no.7792-1/3 applications ? high frequency rectification (switching regulators, converters, choppers). features ? guaranteed up to tj=150 c. ? low forward voltage (v f max=0.55v). ? short reverse recovery time. ? low switching noise. ? high reliability due to highly reliable planar structure. ? attachment workability is good by mica-less package. specifications absolute maximum ratings at ta=25 c parameter symbol conditions ratings unit repetitive peak reverse voltage v rrm 40 v nonrepetitive peak reverse surge voltage v rsm 44 v average output current i o 50hz resistive load, sine wave tc=101 c15a surge forward current i fsm 50hz sine wave, 1 cycle 100 a junction temperature tj --55 to +150 c storage temperature tstg --55 to +150 c electrical characteristics at ta=25 c ratings parameter symbol conditions min typ max unit reverse voltage v r i r =2ma, tj=25 c* 40 v forward voltage v f i f =6a, tj=25 c* 0.55 v reverse current i r v r =20v, tj=25 c* 0.2 ma interterminal capacitance c v r =10v, tj=25 c* 320 pf thermal resistance rth(j-c) junction-case : smoothed dc 4.0 c / w note) * : value per element ordering number : enn7792 31505sd ts im tb-00001302 any and all sanyo products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. consult with your sanyo representative nearest you before using any sanyo products described or contained herein in such applications. sanyo assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all sanyo products described or contained herein. sanyo electric co.,ltd. semiconductor company tokyo office tokyo bldg., 1-10, 1 chome, ueno, taito-ku, tokyo, 110-8534 japan SBT150-04J schottky barrier diode (twin type cathode common) 40v, 15a rectifier
SBT150-04J no.7792-2/3 package dimensions electrical connection unit : mm 1178a anode anode cathode 1.6 1.2 0.75 14.0 16.0 10.0 18.1 5.6 3.2 7.2 3.5 2.55 2.55 2.4 4.5 2.8 0.7 2.55 2.55 2.4 1 23 7.2 1 : anode 2 : cathode 3 : anode sanyo : to-220ml 0 1.0 10 0.4 1.2 0.8 1.6 5 7 2 3 5 7 2 3 5 7 2 3 5 2 3 0.01 0.1 tj=150 c 25 c i f -- v f it08496 0 10 1.0 100 7 5 7 3 2 5 7 3 2 3 2 10 20 30 40 50 i r -- v r (3) (1) 0 0 8 10 14 12 6 2 4 218 10 16 14 12 68 4 p f (av) -- i o it08498 (4) (3) (1) 0 0 3 4 6 5 2 1 40 50 30 20 10 p r (av) -- v rm (2) (4) (2) p r max at tj=150 c it08497 it08499 tj=150 c max 150 c typ 125 c typ 100 c typ forward voltage, v f -- v forward current, i f -- a reverse voltage, v r -- v reverse current, i r -- ma peak reverse voltage, v rm -- v average reverse power dissipation, p r (av) -- w average forward current, i o -- a average forward power dissipation, p f (av) -- w represented by max 180 360 q 360 180 360 v r (1)rectangular wav e q =60 (2)rectangular wav e q =120 (3)rectangular wav e q =180 (4)sine wav e q =180 (1)rectangular wav e q =300 (2)rectangular wav e q =240 (3)rectangular wav e q =180 (4)sine wav e q =180 sine wave sine wave rectangular wave q 360 v r rectangular wave
SBT150-04J no.7792-3/3 ps specifications of any and all sanyo products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. sanyo electric co., ltd. strives to supply high-quality high-reliability products. however, any and all semiconductor products fail with some probability. it is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. when designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. in the event that any or all sanyo products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of sanyo electric co. , ltd. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equipment, refer to the "delivery specification" for the sanyo product that you intend to use. information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. sanyo believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. this catalog provides information as of march, 2005. specifications and information herein are subject to change without notice. 0.01 23 7 7 0.1 0 52 23 37 1.0 5 40 120 100 80 60 20 id01041 rth(j-c) -- t transient thermal resistance, rth(j-c) -- c / w time, t -- s i fsm -- t surge forward current, i fsm (peak) -- a time, t -- s i s 20ms t 23 7 0.001 3 5 7 1.0 2 3 5 7 10 2 5237 5237 5237 5 0.01 0.1 1.0 10 id01042 current waveform 50hz sine wave c -- v r interterminal capacitance, c -- pf reverse voltage, v r -- v 1.0 10 2 100 2 2 3 5 1000 7 35 777 23 5 f=100khz id01040 (4) (3) 0246 100 110 120 160 150 140 130 90 80 70 8101418 16 20 12 tc -- i o (2) (1) it08500 case temperature, tc -- c average output current, i o -- a (1)rectangular wav e q =60 (2)rectangular wav e q =120 (3)rectangular wav e q =180 (4)sine wav e q =180 q 360 rectangular wave 180 360 sine wave


▲Up To Search▲   

 
Price & Availability of SBT150-04J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X