Part Number Hot Search : 
GPC130C 1E475 SMBJ100C B4815 LTC3638 4040D L324F X9316WP
Product Description
Full Text Search
 

To Download RMBS05100R0JS14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 50010 for technical questions, contact: sfer@vishay.com www.vishay.com revision: 16-feb-10 95 rmb, rmbs vishay sfernice molded precision wirewound resistors axial leads features ? 0.75 w to 3 w at 25 c ? nf c 83-210 ? cecc 40201-005 ? low temperature coefficient 50 ppm/c ? low ohmic values 15 m available ? excellent behavior against humidity ? electrical insulation ? mechanical strength ? accurate sizes ? termination = sn/ag/cu or pure matte tin according to the ohmic value ? compliant to rohs directive 2002/95/ec high stability and low temperature coefficient are the main feat ures of the precision wirewoun d resistors type rmb rmbs models just as maintenance parts. their performances can be compared wit h those of the best film resistors but they have in addition a greater power rating. rmbs styles meet the more severe requ irements of nf c 83-210 (all rmbs styles are approved) and characteristic u of mil-r-26 e (approximate size of rw 70 and 79 resistors) specifications. the two models rmb and rmbs have a similar construction. rmbs are submitted, in addition to a process which further incr eases the stability. on request, non-inductive resistors are available under the reference rmb ni. note ? undergoes european qualit y insurance system (cecc) dimensions in millimeters series and style a max. ? b max. e 0.1 weight g rmb0.75 rmbs0.5 7 2.5 0.6 0.3 rmb1.5 rmbs1 10.2 4 0.6 0.7 rmb3 rmbs2 16.2 6.4 0.8 1.5 25 min. 25 min. a ? b ? e technical specifications vishay sfernice series and style rmb0.75 rmb1.5 rmb3 rmbs0.5 rmbs1 rmbs 2 nf c 83-210 ---rp1rp2rp3 cecc 40201-005 --- a bc power rating at 25 c 0.75 w 1.5 w 3 w 0.5 w 1 w 2 w at 70 c 0.6 w 1.2 w 2.4 w 0.4 w 0.8 w 1.6 w ohmic range in relation to tolerance 5 % e24 0.1 to 2 k 0.1 to 6.81 k 0.051 to 13 k 0.1 to 2 k 0.1 to 6.81 k 0.015 to 13 k 2 % e48 0.1 to 2 k 0.1 to 6.81 k 0.08 to 12.3 k 0.1 to 2 k 0.1 to 6.81 k 0.078 to 12.4 k 1 % e96 0.1 to 2 k 0.1 to 6.81 k 0.1 to 12.4 k 0.1 to 2 k 0.1 to 6.81 k 0.1 to 12.4 k 0.5 % e96 0.4 to 2 k 0.4 to 6.81 k 0.3 to 12.4 k 0.4 to 2 k 0.4 to 6.81 k 0.3 to 12.4 k 0.1 % please consult vishay sfernice qualified ohmic range nf c 83-210 --- 1 to 174 1 to 590 1 to 1.3 k limiting element voltage not applicable 120 v 200 v not applicable 120 v 200 v critical resistance out of nominal ohmic range
www.vishay.com for technical questions, contact: sfer@vishay.com document number: 50010 96 revision: 16-feb-10 rmb, rmbs vishay sfernice molded precision wirewound resistors axial leads stability and power rating stability changes slightly according to power rating and ambient temperature. this fact is specially important for users needin g a life drift lower than the initial resistance tolerance. typica l drifts, after 2000 h life test made under the 90?/30? conditi ons and at a 25 c ambient temperature are: performance tests conditions requirements typical values and drifts mil-r-26 e nf c 83-210 rmb rmbs dielectric w/s voltage 500 v rms (0.1 % + 0.05 ) - (0.05 % + 0.01 ) (0.05 % + 0.01 ) short time overload 5 p n at 25 c/5 s (0.2 % + 0.05 ) 0.25 % + 0.05 (0.1 % + 0.01 ) (0.05 % + 0.01 ) climatic sequence nf c 83-210 - 55 c/+ 200 c 5 cycles - 0.25 % + 005 insulation r > 100 m (0.1 % + 0.01 ) > 10 4 m (0.05 % + 0.01 ) > 10 4 m humidity (steady state) nf c 83-210 56 days 95 % rh - 0.25 % + 0.05 insulation r > 100 m (0.1 % + 0.01 ) > 10 4 m (0.05 % + 0.01 ) > 10 4 m thermal shock load at 100 % p followed by cold temp. exposure at - 55 c (0.2 % + 0.05 ) - (0.2 % + 0.01 ) (0.1 % + 0.01 ) vibration mil-std-202 method 204 - test d: 20 g 10/2000 hz (0.2 % + 0.05 ) 0.25 % + 0.05 (0.01 % + 0.01 ) (0.01 % + 0.01 ) load life mil-std-202 method 108 pr 2000 h (0.5 % + 0.05 ) 0.25 % + 0.05 1000 h at 25 c (1 % + 0.01 ) (0.15 % + 0.01 ) moisture resistance mil-std-202 method 106 (0.2 % + 0.05 ) insulation resistance > 100 m - (0.1 % + 0.01 ) > 10 3 m (0.05 % + 0.01 ) > 10 3 m high temperature 1000 h at + 200 c (0.5 % + 0.05 ) 0.5 % + 0.05 insulation r > 1 g 1 % 0.3 % shock mil-std-202 100 g method 205 test c (0.1 % + 0.05 ) 0.25 % + 0.05 0.05 % 0.05 % temperature coefficient in the range - 55 c to + 200 c ohmic range requirements nf c 83-210 mil-r-26e typical values sfernice mil r n < 1 100 ppm/c 50 ppm/c 1 r n < 10 50 ppm/c r n 10 25 ppm/c + 0 c to - 20 ppm/c model style rmbs 0.5 rmbs 1 rmbs 2 r %/ r % model style rmb 0.75 rmb 1.5 rmb 3 r %/ r % p n 0.5 w 1 w 2 w 0.15 % p max. 1 w 2 w 3.5 w 1 % 1/2 p n 0.25 w 0.5 w 1 w 0.075 % p n 0.75 w 1.5 w 3 w 0.5 % 1/3 p n 0.4 w 0.75 w 1.5 w 0.3 %
rmb, rmbs molded precision wirewound resistors axial leads vishay sfernice document number: 50010 for technical questions, contact: sfer@vishay.com www.vishay.com revision: 16-feb-10 97 power rating temperature rise marking vishay sfernice trademark, model, style, cecc style (if applicable) nominal resistance (in ), tolerance (in %), manufacturing date. ambient temperature in c 125 100 75 50 37 25 0 0 50 100 150 200 250 275 300 350 rated power in % rated power in w 250 200 150 100 50 0 0 1 2 3 hot spot temperature inc rmb0 .75 rmb s0. 5 rmb1. 5 rmbs1 rmb3 rmb s2 ordering information rmb 105 r5000 j s00 rmbs 05 22r00 j s14 model style ohmic value tolerance packaging global part number information global model size option ohmic value tolerance packaging special rmb rmbs rmb: 075 105 300 rmbs: 05 10 20 n = non inductive winding the first four digits are significant figures and the last digit specifies the number of zeros to follow. r designates decimal point. 300r0 = 300 680r0 = 680 20301 = 20.3 k 88r88 = 88.88 ... f = 1 % j = 5 % standard packaging: rmb: size 075 and 105: s14 = bag, 100 pieces size 300: s09 = bag, 50 pieces rmbs: size 05 and 10: s14 = bag, 100 pieces size 20: s09 = bag, 50 pieces other packagings available as applicable ex = mex 05300r0 s b 1 m j0 0 r
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of RMBS05100R0JS14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X