Part Number Hot Search : 
60204 N10N65 TB656 LX100 GBJ10005 AN0140NB TDA6402 01002
Product Description
Full Text Search
 

To Download PC3H7BCJ000F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. recognized by ul1577 (double protection isolation), file no. e64380 (as model no. pc3h7 ) 2. approved by vde, din en60747-5-2 ( ? ) (as an option), file no. 40009162 (as model no. pc3h7 ) 3. package resin : ul flammability grade (94v-0) ( ? ) din en60747-5-2 : successor standard of din vde0884 features agency approvals/compliance 1. programmable controllers applications mini-flat half pitch package, general purpose photocoupler 1. 4-pin mini-flat half pitch package (lead pitch : 1.27mm) 2. double transfer mold package (ideal for flow soldering) 3. high collector-emitter voltage (v ceo : 80v) 4. current transfer ratio (ctr : min. 20% at i f =1ma, v ce =5v) 5. several ctr ranks available 6. isolation voltage between input and output (v iso(rms) : 2.5kv) 7. lead-free and rohs directive compliant description pc3h7j00000f series contains an ired optically coupled to a phototransistor. it is packaged in a 4-pin mini-flat package, half ptich type. input-output isolation voltage(rms) is 2.5kv. collector-emitter voltage is 80v and ctr is 20% to 400% at input current of 1ma. 1 sheet no.: d2-a01902en date jun. 30. 2005 ?sharp corporation notice the content of data sheet is subject to change without prior notice. in the absence of confirmation by device specification sheets, sharp takes no responsibility for any defects that may occur in equipment using any sharp devices shown in catalogs, data books, etc. contact sharp in order to obtain the latest device specification sheets before usin g any sharp device. pc3h7j00000f series ? 4-channel package type is also available. (model no. pc3q67j0000f ) pc3h7j00000f series
1 anode mark sharp mark "s" date code 2.6 0.3 1.27 0.25 2 3h7 4 3 4.4 0.2 0.4 0.1 5.3 0.3 (1.7) 0.2 0.05 7.0 + 0.2 ? 0.7 0.5 + 0.4 ? 0.2 0.1 0.1 2.0 0.2 epoxy resin internal connection diagram anode cathode emitter collector 1 1 2 3 4 2 4 3 2 sheet no.: d2-a01902en outline dimensions (unit : mm) *( ) : reference dimensions *( ) : reference dimensions pc3h7j00000f series 1 anode mark sharp mark "s" date code 2.6 0.3 1.27 0.25 2 3h7 4 3 4.4 0.2 0.4 0.1 5.3 0.3 (1.7) 0.2 0.05 7.0 + 0.2 ? 0.7 0.5 + 0.4 ? 0.2 0.1 0.1 2.0 0.2 epoxy resin 4 vde indenfication mark vde option product mass : approx. 0.05g plating material : sncu (cu : typ. 2%) product mass : approx. 0.05g
date code (2 digit) rank mark refer to the model line-up table country of origin japan a.d. 1990 1991 1992 1993 1994 1995 1996 1997 1998 1999 2000 2001 mark a b c d e f h j k l m n mark p r s t u v w x a b c mark 1 2 3 4 5 6 7 8 9 o n d month january february march april may june july august september october november december a.d 2002 2003 2004 2005 2006 2007 2008 2009 2010 2011 2012 2nd digit month of production 1st digit year of production 3 repeats in a 20 year cycle sheet no.: d2-a01902en pc3h7j00000f series
sheet no.: d2-a01902en electro-optical characteristics parameter conditions forward voltage reverse current terminal capacitance collector dark current transfer charac- teristics emitter-collector breakdown voltage collector current collector-emitter breakdown voltage collector-emitter saturation voltage isolation resistance floating capacitance min. ? ? ? ? 6 0.2 ? 5 10 10 ? ? ? typ. 1.2 ? 30 ? ? ? ? 0.1 1 10 11 0.6 4 3 max. 1.4 10 250 100 ? ? 4.0 0.2 ? 1.0 18 18 unit v v a pf na v ma v ? pf s s symbol v f i r c t i ceo bv ceo bv eco i c v ce (sat) c f t r t f r iso response time rise time fall time input output i f = 20ma v r = 4v v = 0, f = 1khz v ce = 50v, i f = 0 i c = 0.1ma, i f = 0 i e = 10 a, i f = 0 i f = 1ma, v ce = 5v dc500v, 40 to 60%rh v ce = 2v, i c = 2ma, r l = 100 ? v = 0, f = 1mhz i f = 20ma, i c = 1ma 80 (t a = 25?c) absolute maximum ratings (t a = 25?c) parameter symbol unit input forward current ma *1 peak forward current a power dissipation mw output collector-emitter voltage v emitter-collector voltage v collector current ma collector power dissipation mw total power dissipation mw *2 isolation voltage operating temperature ?c storage temperature ?c *3 soldering temperature i f i fm p v ceo v eco i c p c p tot v iso (rms) t opr t stg t sol ?c *1 pulse width 100 s, duty ratio : 0.001 *2 40 to 60%rh, ac for 1 minute, f=60hz *3 for 10s rating 50 1 70 reverse voltage v v r 6 80 6 50 150 170 ? 30 to + 100 ? 40 to + 125 260 2.5 kv 4 pc3h7j00000f series
sheet no.: d2-a01902en model line-up i c [ma] (i f = 1ma, v ce = 5v, t a = 25?c) with or without a b c d a or b b or c c or d a, b or c b, c or d a, b, c or d 0.2 to 4.0 0.35 to 0.7 0.5 to 1.0 0.8 to 1.6 1.2 to 2.4 0.35 to 1.0 0.5 to 1.6 0.8 to 2.4 0.35 to 1.6 0.5 to 2.4 0.35 to 2.4 din en60747-5-2 model no. package rank mark approved pc3h7yj0000f pc3h7y1j000f pc3h7y2j000f pc3h7y3j000f pc3h7y4j000f pc3h7y5j000f pc3h7y6j000f pc3h7y7j000f pc3h7y8j000f pc3h7y9j000f pc3h7y0j000f - taping 3 000pcs/reel pc3h7j00000f pc3h7aj0000f pc3h7bj0000f pc3h7cj0000f pc3h7dj0000f pc3h7abj000f PC3H7BCJ000F pc3h7cdj000f pc3h7acj000f pc3h7bdj000f pc3h7adj000f 5 please contact a local sharp sales representative to inquire about production status. pc3h7j00000f series
sheet no.: d2-a01902en total power dissipation p tot (mw) 0 50 100 150 200 250 170 ? 30 0 25 50 75 100 125 ambient temperature t a (?c) fig.4 total power dissipation vs. ambient temperature forward voltage v f (v) 75 ?c 25 ?c 0 ?c 0 0.5 1 1.5 2 1 10 100 ? 30 ?c 100 ?c 50?c forward current i f (ma) 0.1 fig.6 forward current vs. forward voltage pulse width 100 s t a = 25?c peak forward current i fm (ma) 10 000 1 000 100 10 10 ? 3 10 ? 2 10 ? 1 1 duty ratio fig.5 peak forward current vs. duty ratio forward current i f (ma) 0 10 20 30 40 50 ? 30 0 25 75 100 125 55 50 ambient temperature t a (?c) fig.1 forward current vs. ambient temperature 0 20 40 60 70 80 100 ? 30 0 25 75 100 125 55 50 ambient temperature t a (?c) diode power dissipation p (mw) fig.2 diode power dissipation vs. ambient temperature collector power dissipation p c (mw) 0 50 100 150 200 250 ? 30 0 25 50 75 100 125 ambient temperature t a (?c) fig.3 collector power dissipation vs. ambient temperature 6 pc3h7j00000f series
sheet no.: d2-a01902en collector dark current i ceo (a) ambient temperature t a (?c) 80 60 40 20 0 ? 30 100 10 ? 5 10 ? 6 10 ? 7 10 ? 8 10 ? 9 10 ? 10 10 ? 11 v ce = 50v fig.11 collector dark current vs. ambient temperature response time ( s) 0.1 100 1 000 10 1 0.01 0.1 1 10 100 t r t d t f t s load resistance r l (k ? ) v ce = 2v i c = 2ma t a = 25?c fig.12 response time vs. load resistance relative current transfer ratio ( % ) 0 150 100 50 ? 40 0 ? 20 20 40 60 80 100 ambient temperature t a (?c) i f = 1ma, v ce = 5v i f = 5ma, v ce = 5v fig.9 relative current transfer ratio vs. ambient temperature fig.10 collector - emitter saturation voltage vs. ambient temperature 7 collector current i c (ma) 0 50 40 30 20 10 0246810 collector-emitter voltage v ce (v) 1ma 5ma 10ma 20ma i f = 30ma p c (max) t a = 25?c fig.8 collector current vs. collector-emitter voltage fig.7 current transfer ratio vs. forward current pc3h7j00000f series current transfer ratio ctr ( % ) 0 500 400 300 200 100 0.1 1 10 100 forward current i f (ma) v ce = 5v t a = 25?c collector-emitter saturation voltage v ce (sat) (v) 0 0.16 0.14 0.12 0.1 0.08 0.06 0.04 0.02 ? 30 0 20 40 60 80 100 ambient temperature t a (?c) i f = 20ma i c = 1ma
sheet no.: d2-a01902en remarks : please be aware that all data in the graph are just for reference and not for guarantee. 8 10% input output input output 90% t s t d v cc r d r l t f t r please refer to the conditions in fig.12 v ce fig.13 test circuit for response time 0 10 8 6 4 2 0246810 forward current i f (ma) 7ma 5ma 3ma 1ma collector-emitter saturation voltage v ce (sat) (v) t a = 25?c i c = 0.5ma fig.14 collector-emitter saturation voltage vs. forward current pc3h7j00000f series
sheet no.: d2-a01902en design considerations while operating at i f <1.0ma, ctr variation may increase. please make design considering this fact. this product is not designed against irradiation and incorporates non-coherent ired. recommended foot print (reference) 1.5 1.27 0.8 6.3 (unit : mm) degradation in general, the emission of the ired used in photocouplers will degrade over time. in the case of long term operation, please take the general ired degradation (50% degradation over 5 years) into the design consideration. ? for additional design assistance, please review our corresponding optoelectronic application notes. 9 design guide design considerations pc3h7j00000f series
sheet no.: d2-a01902en manufacturing guidelines reflow soldering: reflow soldering should follow the temperature profile shown below. soldering should not exceed the curve of temperature profile and time. please don't solder more than twice. soldering method flow soldering : due to sharp's double transfer mold construction submersion in flow solder bath is allowed under the below listed guidelines. flow soldering should be completed below 260?c and within 10s. preheating is within the bounds of 100 to 150?c and 30 to 80s. please don't solder more than twice. hand soldering hand soldering should be completed within 3s when the point of solder iron is below 400?c. please don't solder more than twice. other notices please test the soldering method in actual condition and make sure the soldering works fine, since the impact on the junction between the device and pcb varies depending on the tooling and soldering conditions. 10 1234 300 200 100 0 0 (?c) terminal : 260?c peak ( package surface : 250?c peak) preheat 150 to 180?c, 120s or less reflow 220?c or more, 60s or less (min) pc3h7j00000f series
sheet no.: d2-a01902en solvent cleaning: solvent temperature should be 45?c or below immersion time should be 3 minutes or less ultrasonic cleaning: the impact on the device varies depending on the size of the cleaning bath, ultrasonic output, cleaning time, size of pcb and mounting method of the device. therefore, please make sure the device withstands the ultrasonic cleaning in actual conditions in advance of mass production. recommended solvent materials: ethyl alcohol, methyl alcohol and isopropyl alcohol in case the other type of solvent materials are intended to be used, please make sure they work fine in actual using conditions since some materials may erode the packaging resin. cleaning instructions presence of odc 11 pc3h7j00000f series this product shall not contain the following materials. and they are not used in the production process for this product. regulation substances : cfcs, halon, carbon tetrachloride, 1.1.1-trichloroethane (methylchloroform) specific brominated flame retardants such as the pbbos and pbbs are not used in this product at all. this product shall not contain the following materials banned in the rohs directive (2002/95/ec). ?ead, mercury, cadmium, hexavalent chromium, polybrominated biphenyls (pbb), polybrominated diphenyl ethers (pbde).
sheet no.: d2-a01902en 12 package specification tape and reel package package materials carrier tape : ps cover tape : pet (three layer system) reel : ps carrier tape structure and dimensions f k e i d j g l b h a c h 5? m ax. a 12.0 0.3 b 5.5 0.1 c 1.75 0.1 d 8.0 0.1 e 2.0 0.1 h 7.5 0.1 i 0.3 0.05 j 2.3 0.1 k 3.1 0.1 f 4.0 0.1 g 1.5 + 0.1 ? 0 l 1.6 + 0.1 ? 0 dimensions list (unit : mm) a c e g f b d a 330 b 13.5 1.5 c 100 1.0 d 13 0.5 e 23 1.0 f 2.0 0.5 g 2.0 0.5 dimensions list (unit : mm) pull-out direction [packing : 3 000pcs/reel] reel structure and dimensions direction of product insertion pc3h7j00000f series
?the circuit application examples in this publication are provided to explain representative applications of sharp devices and are not intended to guarantee any circuit design or license any intellectual property rights. sharp takes no responsibility for any problems rela- ted to any intellectual property right of a third party re- sulting from the use of sharp's devices. ?contact sharp in order to obtain the latest device specification sheets before using any sharp device. sharp reserves the right to make changes in the spec- ifications, characteristics, data, materials, structure, and other contents described herein at any time without notice in order to improve design or reliability. manufac- turing locations are also subject to change without no- tice. ?observe the following points when using any devices in this publication. sharp takes no responsibility for damage caused by improper use of the devices which does not meet the conditions and absolute maximum ratings to be used specified in the relevant specification sheet nor meet the following conditions: (i) the devices in this publication are designed for use in general electronic equipment designs such as: --- personal computers --- office automation equipment --- telecommunication equipment [terminal] --- test and measurement equipment --- industrial control --- audio visual equipment --- consumer electronics (ii) measures such as fail-safe function and redundant design should be taken to ensure reliability and safety when sharp devices are used for or in connection with equipment that requires higher reliability such as: - -- transportation control and safety equipment (i.e., aircraft, trains, automobiles, etc.) --- traffic signals --- gas leakage sensor breakers --- alarm equipment --- various safety devices, etc. (iii) sharp devices shall not be used for or in connec- tion with equipment that requires an extremely high lev- el of reliability and safety such as: --- space applications --- telecommunication equipment [trunk lines] --- nuclear power control equipment - -- medical and other life support equipment (e.g., scuba). ?if the sharp devices listed in this publication fall with- in the scope of strategic products described in the for- eign exchange and foreign trade law of japan, it is necessary to obtain approval to export such sharp de- vices. ?this publication is the proprietary product of sharp and is copyrighted, with all rights reserved. under the copyright laws, no part of this publication may be repro- duced or transmitted in any form or by any means, elec- tronic or mechanical, for any purpose, in whole or in part, without the express written permission of sharp. express written permission is also required before any use of this publication may be made by a third party. ?contact and consult with a sharp representative if there are any questions about the contents of this pub- lication. 13 sheet no.: d2-a01902en important notices pc3h7j00000f series [e183]


▲Up To Search▲   

 
Price & Availability of PC3H7BCJ000F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X