Part Number Hot Search : 
R71H47 4729A IRF513 0015474 BD720 RBU801M TN2905A 300205A
Product Description
Full Text Search
 

To Download PA01D0303A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pc02s/d series 2w dc/dc converter, sip-package ds_pc02s/d_10082012 e-mail: dcdc@delta.com.tw http://www.delta.com.tw/dcdc p1 features ? efficiency up to 83% ? sip package with industry standard pinout ? package dimension : 19.5 x 10.2 x 7.6 mm (0.77?x 0.4?x 0.3?) ? isolation voltage 1000 vdc ? operating temperature range -40c to +85c ? single and dual outputs ? >2 mhours mtbf ? lead free, rohs compliant ? 3 years product warranty the pc02s/d series are miniature, sip package, isolated 2w dc/dc converters with 1,000vdc isolation. it offers short circuit protection and allows a wide operating temperature range of ?40c to +85c. these isolated dc/dc converters are the latest offering from a world leader in power systems technology and manufacturing D delta electronics, inc model list output current input current efficiency (typ.) input voltage (range) output voltage max. min. @max. load @no load load regulation max. capacitive load @max. load model number vdc vdc ma ma ma(typ.) ma(typ.) % (max.) uf % pc02s0503a 3.3 500 10 452 11 73 pc02s0505a 5 400 8 526 11 76 pc02s0512a 12 165 3 495 7 80 pc02s0515a 15 133 2.5 499 7 470 80 pc02d0505a 5 200 4 519 10 77 pc02d0512a 12 83 1.5 504 7 79 pc02d0515a 5 (4.5 ~ 5.5) 15 66 1 501 60 7 390* 79 pc02s1203a 3.3 500 10 185 8 74 pc02s1205a 5 400 8 212 8 78 pc02s1212a 12 165 3 200 5 82 pc02s1215a 15 133 2.5 200 5 470 83 pc02d1205a 5 200 4 210 8 79 pc02d1212a 12 83 1.5 201 5 82 pc02d1215a 12 (10.8 ~ 13.2) 15 66 1 200 30 5 390* 82 pc02s2403a 3.3 500 10 92 8 74 pc02s2405a 5 400 8 108 8 77 pc02s2412a 12 165 3 101 5 81 pc02s2415a 15 133 2.5 101 5 470 82 pc02d2405a 5 200 4 105 8 79 pc02d2412a 12 83 1.5 102 5 81 pc02d2415a 24 (21.6 ~ 26.4) 15 66 1 100 15 5 3908 82 * for each output
ds_pc02s/d_10082012 e-mail: dcdc@delta.com.tw http://www.delta.com.tw/dcdc input characteristics parameter model min. typ. max. unit 5v input models 4.5 5 5.5 12v input models 10.8 12 13.2 input voltage range 24v input models 21.6 24 26.4 5v input models -0.7 --- 9 12v input models -0.7 --- 18 input surge voltage (1 sec. max.) 24v input models -0.7 --- 30 vdc reverse polarity input current --- --- 0.3 a input filter pi filter internal power dissipation all models --- --- 650 mw output characteristics parameter conditions min. typ. max. unit output voltage accuracy --- 1.0 3.0 % output voltage balance dual output, balanced loads --- 0.1 1.0 % line regulation for vin change of 1% --- 1.2 1.5 % load regulation io=20% to 100% see model selection guide ripple & noise (20mhz) --- 100 150 mv p-p ripple & noise (20mhz) over line, load & temp. --- --- 200 mv p-p ripple & noise (20mhz) --- --- 15 mv rms temperature coefficient --- 0.01 0.02 %/ short circuit protection 0.5 second max. general characteristics parameter conditions min. typ. max. unit i/o isolation voltage (rated) 60 seconds 1000 --- --- vdc i/o isolation resistance 500 vdc 1000 --- --- m ? i/o isolation capacitance 100khz, 1v --- 80 120 pf switching frequency 50 80 100 khz mtbf (calculated) mil-hdbk-217f@25 , ground benign 2,000,000 ----- ----- hours recommended outside input fuse 5v input models 12v input models 24v input models 1000ma slow-blow type 500ma slow-blow type 200ma slow-blow type environmental specifications parameter conditions min. max. unit operating temperature range (with derating) ambient -40 +85 case temperature --- +90 storage temperature range -50 +125 humidity (non condensing) --- 95 % rel. h cooling free-air convection lead temperature (1.5mm from case for 10sec.) --- 260 p2
ds_pc02s/d_10082012 e-mail: dcdc@delta.com.tw http://www.delta.com.tw/dcdc power derating curve output power (%) notes 1 specifications typical at ta=+25 , resistive load, nominal input voltage and rated output current unless otherwise noted. 2 ripple & noise measurement bandwidth is 0-20mhz. 3 these power converters require a minimum output loading to maintain specified regulation, operation under no-load conditions will not damage these modules; however they may not meet all specifications listed. 4 all dc/dc converters should be externally fused at the front end for protection. 5 specifications subject to change without notice. mechancial drawing mechanical dimensions pin connections pin single output dual output 1 +vin +vin 2 -vin -vin 4 -vout -vout 5 no pin common 6 +vout +vout ? all dimensions in mm (inches) ? tolerance: x.x0.25 (x.xx0.01) x.xx0.13 ( x.xxx0.005) ? pins 0.05(0.002) physical outline case size : 19.5x7.6x10.2mm (0.77x0.30x0.40 inches) case material : non-conductive black plastic (flammability to ul 94v-0 rated) weight : 2.7g p3 10.2 [0.40] 19.5 [0.77] bottom view 0.5 [0.02] 2.54 [0.10] 5.08 [0.20] 2x2.54 [2x0.10] 0.50 [0.02] 0.25 [0.01] 0.5 [0.02] 3.2 [0.13] 12 4 56 18.5 [0.73] 7.6 [0.30] 1.3 [0.05] 2.35 [0.09]
ds_pc02s/d_10082012 e-mail: dcdc@delta.com.tw http://www.delta.com.tw/dcdc part numbering system p c 02 s 05 05 a form factor family series watt number of outputs input voltage output voltage option code d-dip a~z 01:1w s - single 03:3.3v 03:3.3v a - std. functions p-sip 02:2w d- dual 05: 5v 05: 5v s-smd 03:3w 12:12v 12:12v 04:4w 24: 24v 15: 15v 06:6w 48:48v 24: 24v warranty delta offers a three(3) years limited warranty. complete warranty information is listed on our web site or is available upon re quest from delta. information furnished by delta is believed to be accurate and reliable. however, no responsibility is assumed by delta for its use, nor for any infringements of patents or other rights of third parties, which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of delta. delta reserves the right to revise these specifications at any time, without notice. p4


▲Up To Search▲   

 
Price & Availability of PA01D0303A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X