Part Number Hot Search : 
MT5C6408 SP3080E 74LV2 25P10 JHD162 25P10 D45H1 XRT5897
Product Description
Full Text Search
 

To Download MURATAMANUFACTURINGCOLTD-NFM60R30T222B1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  surface mount emi filters chip filters nfm60r series 188 cg01-j the nfm60r series is an eia standard 1206 size version of the nfm61r. its high rated current (6a) and low voltage drop due to small dc resistance (typ. 3 ~ 4m ) are suitable for dc power line use. the feedthrough capacitor provides excellent high-frequency characteristics. the series has excellent solder heat resistance. both flow and reflow soldering method can be employed. (only reflow soldering should be employed with the nfm60r20t152.) typical insertion loss characteristics part numbering system 0 10 20 30 40 50 insertion loss (db) 1 10 100 1000 2000 frequency (mhz) nfm60r 00 t 220 t1 chip emi class no. circuit capacitance packaging code filter series style t1 = tape b1 = bulk rated rated insulation dc operating dimensions: mm part number capacitance voltage current resistance resistance temp. range (a) (ohms min.) (ohms max) nfm60r00t220 22pf 30% nfm60r00t470 47pf % nfm60r00t101 100pf % nfm60r00t221 220pf % 25vdc 6 1000m .0057m 40? ~ +85? nfm60r10t471 470pf % nfm60r20t152 1500pf % nfm60r30t222 2200pf 50% 1.6 0.3 3.2 0.4 specifications 50 20 80 20 50 20 50 20 50 20 100 pf 220 pf 470 pf 1500 pf 2200 pf 22 pf 47 pf 1206 input (output) terminal ground terminal output (input) terminal 0.7 0.2 1.0 0.2 0.7 0.2 note: nfm60r20t152 is specially adapted for reflow soldering. the flow soldering method should not be used. available as standard through authorized murata electronics distributors.


▲Up To Search▲   

 
Price & Availability of MURATAMANUFACTURINGCOLTD-NFM60R30T222B1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X