Part Number Hot Search : 
MCP6241 HV841 DAC10FX FN3158 2815S SMB5925B LA4425PV OM5234
Product Description
Full Text Search
 

To Download MDDM1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  surface mount general rectifier reverse voltage - 50 to 1000 volts forward current - 1.0 ampere maximum ratings and electrical characteristics m1 volts volts volts symbols units amp amps volts v rrm v rms v dc i (av) i fsm v f 1.0 30.0 1.1 operating junction and storage temperature range maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current at t l =110 c peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage at 1.0a maximum dc reverse current t a =25 c at rated dc blocking voltage t a =100 c typical junction capacitance (note 1) note: 1.measured at 1mhz and applied reverse voltage of 4.0v d.c. 2.p.c.b. mounted with 0.2x0.2 ? (5.0x5.0mm) copper pad areas i r 5.0 50.0 r q ja c j t j , t stg 75.0 15.0 -50 to +150 pf c a m typical thermal resistance (note 2) c/w ratings at 25 c ambient temperature unless otherwise specified. single phase half-wave 60hz,resistive or inductive load,for capacitive load current derate by 20%. m2 m3 m4 m5 m6 m7 the plastic package carries underwriters laboratory flammability classification 94v-0 for surface mounted applications low reverse leakage built-in strain relief,ideal for automated placement high forward surge current capability high temperature soldering guaranteed: 250 c/10 seconds at terminals features mechanical data 50 35 50 100 70 100 200 140 200 400 280 400 600 420 600 800 560 800 1000 700 1000 dimensions in inches and (millimeters) case : jedec do-214ac molded plastic body terminals : solder plated, solderable per mil-std-750, method 2026 polarity : color band denotes cathode end mounting position : any weight :0.002 ounce, 0.07 grams do-214ac/sma 0.177(4.50) 0.157(3.99) 0.110(2.80) 0.100(2.54) 0.060(1.52) 0.030(0.76) 0.222(5.66) 0.194(4.93) 0.012(0.305) 0.006(0.152) 0.008(0.203)max. 0.096(2.42) 0.078(1.98) 0.067 (1.70) 0.051 (1.30) mdd electronic m1 thru m7 mdd catalog number
1.0 0.8 0.6 0.4 0.2 0 0 25 50 75 100 125 150 175 30 25 20 15 10 5.0 0.6 0.8 1.0 1.2 1.4 1.5 0.1 1.0 10 100 0.01 0.1 1 10 100 100 10 1 0.1 reverse voltage,volts t,pulse duration,sec. fig. 5-typical junction capacitance fig. 6-typical transient thermal impedance fig. 3-typical instantaneous forward characteristics number of cycles at 60 hz fig. 2-maximum non-repetitive peak forward surge current fig. 1- forward current derating curve average forward rectified current, amperes instantaneous forward current,amperes junction capacitance, pf peak forward surge current, amperes instantaneous forward voltage, volts single phase half wave 60hz resistive or inductive load 1 10 100 8.3ms single half sine-wave (jedec method) 0.01 0.1 1 20 10 t j =25 c 1 10 100 200 0 20 40 60 80 100 1,000 100 10 1 0.1 0.01 tj=100 c tj=25 c tj=150 c percent of peak reverse voltage,% fig. 4-typical reverse characteristics instantaneous reverse current, microamperes transient thermal impedance, c/w ambient temperature, c t j =25 c pulse width=300 m s 1%duty cycle mdd electronic ratings and characteristic curves m1 thru m7


▲Up To Search▲   

 
Price & Availability of MDDM1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X