Part Number Hot Search : 
NTE23 78M16 NTE2412 11801AFB RFR3607 344000 SK201 BSN254A
Product Description
Full Text Search
 

To Download MAL214699001E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  146 cti www.vishay.com vishay bccomponents revision: 01-oct-13 1 document number: 28403 for technical questions, contact: aluminumcaps1@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 aluminum capacitors smd (chip), high temperature, low impedance fig. 1 features ? extended useful life: up to 6000 h at 125 c ? polarized aluminum electrolytic capacitors, non-solid electrolyte, self healing ? smd-version with base plate, lead (pb)-free reflow solderable ? charge and discharge pr oof, no peak current limitation ? advanced temperature reflow soldering according to jedec ? j-std-020 ? vibration proof, 4-pin ve rsion and 6-pin version ? aec-q200 qualified ? high reliability ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 applications ? smd technology, for high te mperature refl ow soldering ? industrial and profe ssional applications ? automotive, general industrial, telecom ? smoothing, filtering, buffering marking ? rated capacitance (in f) ? rated voltage (in v) ? date code, in accordance with iec 60062 ? black mark or - sign indicating the cathode (the anode is identified by bevelled edges) ? code indicating group number (t) packaging supplied in blister tape on reel quick reference data description value nominal case sizes ? (l x w x h in mm) 10 x 10 x 10 to 18 x 18 x 21 rated capacitance range, c r 22 f to 4700 f tolerance on c r 20 % rated voltage range, u r 16 v to 63 v category temperature ra nge -55 c to +125 c endurance test at 125 c 1000 h to 5000 h useful life at 125 c 1500 h to 6000 h useful life at 40 c ? 1.8 x l r applied 150 000 h to 400 000 h shelf life at 0 v, 125 c 1000 h based on sectional specification iec 60384-18/cecc 32300 climatic category iec 60068 55/125/56 lower z lower z 150 crz 105 c 146 cti 125 c higher i r 140 crh 125 c
146 cti www.vishay.com vishay bccomponents revision: 01-oct-13 2 document number: 28403 for technical questions, contact: aluminumcaps1@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 2 - dimensional outline selection chart for c r , u r , and relevant nominal case sizes (l x w x h in mm) c r (f) u r (v) 16 25 35 50 63 22 ???? 10 x 10 x 10 33 ???? 10 x 10 x 10 47 ?? 10 x 10 x 10 10 x 10 x 10 10 x 10 x 10 68 ??? 10 x 10 x 10 10 x 10 x 10 100 ?? 10 x 10 x 10 10 x 10 x 10 10 x 10 x 12 10 x 10 x 12 12.5 x 12.5 x 13 150 ?? 10 x 10 x 10 10 x 10 x 12 12.5 x 12.5 x 13 220 ? 10 x 10 x 10 10 x 10 x 12 12.5 x 12.5 x 13 12.5 x 12.5 x 16 330 10 x 10 x 10 10 x 10 x 12 12.5 x 12.5 x 13 12.5 x 12.5 x 16 16 x 16 x 16 470 10 x 10 x 12 12.5 x 12.5 x 13 12.5 x 12.5 x 16 16 x 16 x 16 16 x 16 x 16 680 12.5 x 12.5 x 13 12.5 x 12.5 x 16 16 x 16 x 16 16 x 16 x 16 18 x 18 x 16 820 ???? 16 x 16 x 21 1000 12.5 x 12.5 x 16 16 x 16 x 16 16 x 16 x 16 16 x 16 x 21 18 x 18 x 21 18 x 18 x 16 1200 ?? 18 x 18 x 16 18 x 18 x 21 - 1500 16 x 16 x 16 16 x 16 x 16 16 x 16 x 21 - - 1800 ?? 18 x 18 x 21 - - 2200 16 x 16 x 16 16 x 16 x 21 - - - 18 x 18 x 16 - - - 2700 ? 18 x 18 x 21 - - - 3300 16 x 16 x 21 - - - - 18 x 18 x 16 - - - - 3900 18 x 18 x 21 - - - - 4700 18 x 18 x 21 - - - - 2-pin: w max. w max. s l max. l max. l1 max. l max. b 25v 220 u a4-h min. 0.4/max. 1.0 (2 x) h max. max. 0.3 d 4-pin: 25v 2200u l4-h min. 0.4/max. 1.0 (2 x) h max. d s b ? 10 mm ? 12.5 mm max. 0.3 w max. h max. d 6-pin: ? 16 mm s b 35v 1000u 3 r -h max. 0.3 min. 0.4/max. 1.0 (2 x) l1 max. l1 max.
146 cti www.vishay.com vishay bccomponents revision: 01-oct-13 3 document number: 28403 for technical questions, contact: aluminumcaps1@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 table 1 table 2 note ? detailed tape di mensions see section packaging dimensions in millimeters and mass nominal case size l x w x h case code l max. w max. h max. ? d b max. sl1 max. mass (g) 10 x 10 x 10 1010 10.5 10.5 10.5 10.0 1.0 3.5 12.1 ? 1.3 10 x 10 x 12 1012 10.5 10.5 12.5 10.0 1.0 3.5 12.1 ? 1.5 12.5 x 12.5 x 13 1213 12.9 12.9 14.0 12.5 1.3 3.6 14.9 ? 2.6 12.5 x 12.5 x 16 1216 12.9 12.9 16.5 12.5 1.3 3.6 14.9 ? 2.8 16 x 16 x 16 1616 16.6 16.6 17.5 16.0 1.3 6.5 18.6 ? 5.5 16 x 16 x 21 1621 16.6 16.6 22.0 16.0 1.3 6.5 18.6 ? 6.0 18 x 18 x 16 1816 19.0 19.0 17.5 18.0 1.3 6.5 21.0 ? 8.0 18 x 18 x 21 1821 19.0 19.0 22.0 18.0 1.3 6.5 21.0 ? 8.3 tape and reel dimensions in millimeters, packaging quantities nominal case size l x w x h case code pitch p 1 tape width w tape thickness t 2 reel diameter packaging quantity per reel 10 x 10 x 10 1010 16 24 11.6 380 500 10 x 10 x 12 1012 16 24 12.8 330 250 12.5 x 12.5 x 13 1213 20 24 16.2 380 250 12.5 x 12.5 x 16 1216 24 32 18.5 380 200 16 x 16 x 16 1616 28 44 18.9 380 150 16 x 16 x 21 1621 28 44 23.4 380 100 18 x 18 x 16 1816 32 44 18.9 380 125 18 x 18 x 21 1821 32 44 23.4 380 100
146 cti www.vishay.com vishay bccomponents revision: 01-oct-13 4 document number: 28403 for technical questions, contact: aluminumcaps1@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 mounting the capacitors are designed for automatic placement on to printed-circuit boards. optimum dimensions of soldering pads depend amongst others on soldering method , mounting accuracy, print layout and/or adjacent components. for recommended soldering pad dimensions, refer to fig. 3 and table 3. soldering soldering conditions are defined by the curve, temperature versus time, where th e temperature is that measured on the component during processing. for maximum conditions refer to fig. 4. any temperature versus time curve which does not exceed the specified maximum cu rves may be applied. as a general principle, temperatu re and duration shall be the minimum necessary required to ensure good soldering connections. however, the specified maximum curves should never be exceeded. fig. 3 - recommended soldering pad dimensions table 3 recommended soldering pad dimensions in millimeters case code a b c d e f 1010 4.4 2.5 4.0 - - - 1012 4.4 2.5 4.0 - - - 1213 6.3 2.5 4.0 4.2 5.0 5.6 1216 6.3 2.5 4.0 4.2 5.0 5.6 1616 7.8 9.6 4.7 - - - 1621 7.8 9.6 4.7 - - - 1816 8.8 9.6 4.7 - - - 1821 8.8 9.6 4.7 - - - aa c b aa c b e d f d case size ? d = 12.5 mm case size ? d 16 mm case size ? d 10 mm a a b c
146 cti www.vishay.com vishay bccomponents revision: 01-oct-13 5 document number: 28403 for technical questions, contact: aluminumcaps1@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 advanced soldering profile for lead (pb)-free reflow process ? according to jedec j-std-020 fig. 4 - maximum temperature load during reflow soldering table 4 notes ? temperature measuring point on to p of the case and on terminals. ? max. 2 runs with pause of min. 30 min in between. reflow soldering conditions for mal214699xxxe3 profile features case code 1010 to 1012 case code 1213 to 1216 case code 1616 to 1821 max. time from 25 c to t peak 300 s 300 s 300 s max. ramp-up rate to 150 c 3 k/s 3 k/s 3 k/s max. time from 150 c to 200 c (t 1 ) 150 s 150 s 150 s max. time from 190 c to 200 c (t 2 ) 110 s 110 s 110 s ramp up rate from 200 c to t peak 0.5 k/s to 3 k/s 0.5 k/s to 3 k/s 0.5 k/s to 3 k/s max. time above t liquidus (217 c) (t 3 ) 90 s 90 s 90 s max. time above 230 c (t 4 ) 70 s 65 s 60 s peak temperature t peak 260 c 250 c 245 c max. time above t peak minus 5 c 40 s 30 s 30 s ramp-down rate from t liquidus 3 k/s to 6 k/s 3 k/s to 6 k/s 3 k/s to 6 k/s t 1 200 190 150 25 217 230 t peak time (s) t (c) t 2 t 3 t 4
146 cti www.vishay.com vishay bccomponents revision: 01-oct-13 6 document number: 28403 for technical questions, contact: aluminumcaps1@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note ? unless otherwise specified, all electrical values in table 5 apply at t amb = 20 c, p = 86 kpa to 106 kpa, rh = 45 % to 75 % ordering example electrolytic capacitor 146 cti series 220 f/50 v; 20 % nominal case size: 12.5 mm x 12.5 mm x 13 mm; taped on reel ordering code: mal214699106e3 table 5 electrical data symbol description c r rated capacitance at 100 hz, tolerance 20 % i r rated rms ripple current at 100 khz, 125 c i l2 max. leakage current after 2 min at u r tan ? max. dissipation factor at 100 hz z max. impedance at 100 khz electrical data and ordering information u r (v) c r (f) nominal case size l x w x h (mm) i r 125 c 100 khz (ma) i l2 2 min (a) tan ? 100 hz z 100 khz 20 c ( ? ) z 100 khz -40 c ( ? ) ordering code mal2146... 16 330 10 x 10 x 10 750 53 0.16 0.150 1.35 99501e3 470 10 x 10 x 12 900 75 0.16 0.097 0.87 99502e3 680 12.5 x 12.5 x 13 1100 109 0.16 0.075 0.68 99503e3 1000 12.5 x 12.5 x 16 1300 160 0.16 0.058 0.52 99504e3 1500 16 x 16 x 16 1400 240 0.16 0.050 0.45 99505e3 2200 16 x 16 x 16 1400 352 0.18 0.050 0.45 99506e3 3300 16 x 16 x 21 1660 528 0.20 0.035 0.32 99507e3 3300 18 x 18 x 16 1500 528 0.20 0.050 0.45 99508e3 3900 18 x 18 x 21 1750 624 0.20 0.035 0.32 99509e3 4700 18 x 18 x 21 1750 752 0.22 0.035 0.32 99511e3 25 220 10 x 10 x 10 750 55 0.14 0.150 1.35 99601e3 330 10 x 10 x 12 900 83 0.14 0.097 0.87 99602e3 470 12.5 x 12.5 x 13 1100 118 0.14 0.075 0.68 99603e3 680 12.5 x 12.5 x 16 1300 170 0.14 0.058 0.52 99604e3 1000 16 x 16 x 16 1400 250 0.14 0.050 0.45 99605e3 1500 16 x 16 x 16 1400 375 0.14 0.050 0.45 99606e3 2200 16 x 16 x 21 1660 550 0.16 0.035 0.32 99607e3 2200 18 x 18 x 16 1500 550 0.16 0.050 0.45 99608e3 2700 18 x 18 x 21 1750 675 0.16 0.035 0.32 99609e3 35 47 10 x 10 x 10 750 17 0.12 0.150 1.35 99001e3 100 10 x 10 x 10 750 35 0.12 0.150 1.35 99002e3 150 10 x 10 x 10 750 53 0.12 0.150 1.35 99003e3 220 10 x 10 x 12 900 77 0.12 0.097 0.87 99004e3 330 12.5 x 12.5 x 13 1100 116 0.12 0.075 0.68 99005e3 470 12.5 x 12.5 x 16 1300 165 0.12 0.058 0.52 99006e3 680 16 x 16 x 16 1400 238 0.12 0.050 0.45 99007e3 1000 16 x 16 x 16 1400 350 0.12 0.050 0.45 99008e3 1200 18 x 18 x 16 1500 420 0.12 0.050 0.45 99009e3 1500 16 x 16 x 21 1660 525 0.12 0.035 0.32 99011e3 1800 18 x 18 x 21 1750 630 0.12 0.035 0.32 99012e3
146 cti www.vishay.com vishay bccomponents revision: 01-oct-13 7 document number: 28403 for technical questions, contact: aluminumcaps1@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 table 6 50 47 10 x 10 x 10 600 24 0.10 0.240 2.16 99101e3 68 10 x 10 x 10 600 34 0.10 0.240 2.16 99102e3 100 10 x 10 x 10 600 50 0.10 0.240 2.16 99103e3 100 10 x 10 x 12 700 50 0.10 0.170 1.53 99104e3 150 10 x 10 x 12 700 75 0.10 0.170 1.53 99105e3 220 12.5 x 12.5 x 13 900 110 0.10 0.120 1.08 99106e3 330 12.5 x 12.5 x 16 1100 165 0.10 0.085 0.76 99107e3 470 16 x 16 x 16 1300 235 0.10 0.072 0.65 99108e3 680 16 x 16 x 16 1300 340 0.10 0.072 0.65 99109e3 1000 16 x 16 x 21 1500 500 0.10 0.052 0.47 99111e3 1000 18 x 18 x 16 1300 500 0.10 0.070 0.63 99112e3 1200 18 x 18 x 21 1600 600 0.10 0.049 0.44 99113e3 63 22 10 x 10 x 10 400 14 0.10 0.430 3.90 99801e3 33 10 x 10 x 10 470 21 0.10 0.380 3.40 99802e3 47 10 x 10 x 10 470 30 0.10 0.380 3.40 99803e3 68 10 x 10 x 10 470 43 0.10 0.380 3.40 99804e3 100 10 x 10 x 12 550 63 0.10 0.290 2.61 99805e3 100 12.5 x 12.5 x 13 650 63 0.10 0.210 1.89 99806e3 150 12.5 x 12.5 x 13 650 95 0.10 0.210 1.89 99807e3 220 12.5 x 12.5 x 16 800 139 0.10 0.160 1.44 99808e3 330 16 x 16 x 16 1050 208 0.10 0.100 0.90 99809e3 470 16 x 16 x 16 1050 296 0.10 0.100 0.90 99811e3 680 18 x 18 x 16 1150 428 0.10 0.095 0.86 99812e3 820 16 x 16 x 21 1300 517 0.10 0.075 0.68 99813e3 1000 18 x 18 x 21 1400 630 0.10 0.072 0.65 99814e3 additional electrical data parameter conditions value voltage surge voltage for short period s iec 60384-18, subclause 4.14 u s ? 1.15 x u r reverse voltage for sh ort periods iec 60384-18, subclause 4.16; t a ? 105 c u rev ? 1 v current leakage current after 2 min at u r i l2 ? 0.01 x c r x u r inductance equivalent series inductance (esl) ? d = 10 mm typ. 8 nh ? d ? 12.5 mm typ. 11 nh resistance equivalent series resistance (esr) at 100 hz calculated from tan ? max. and c r (see table 5) esr = tan ? /2 ? fc r electrical data and ordering information u r (v) c r (f) nominal case size l x w x h (mm) i r 125 c 100 khz (ma) i l2 2 min (a) tan ? 100 hz z 100 khz 20 c ( ? ) z 100 khz -40 c ( ? ) ordering code mal2146...
146 cti www.vishay.com vishay bccomponents revision: 01-oct-13 8 document number: 28403 for technical questions, contact: aluminumcaps1@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 capacitance (c) fig. 5 - typical multiplier of capacitance as a function of ambient temperature dissipation factor (tan ? ) fig. 6 - typical multiplier of dissipation factor (tan ? ) as a function of ambient temperature equivalent series resistance (esr) fig. 7 - typical multiplier of esr as a function of frequency impedance (z) fig. 8 - typical impedance as a func tion of frequency fig. 9 - typical im pedance as a functi on of frequency c 0 = capacitance at 20 c, 100 hz - 60 - 40 - 20 0 20 40 60 80 100 120 1.2 1.1 1.0 0.9 0.8 t amb (c) c c 0 1 2 1 2 curve 1: 16 v curve 2: 63 v - 60 - 40 - 20 0 20 40 60 80 100 120 140 t amb (c) tan tan 0 10 1 0.1 tan 0 = typical tan at 20 c, 100 hz t amb = 20 c esr 0 = typical esr at 20 c, 100 hz 0.1 10 10 4 10 3 10 2 10 5 1 10 f (hz) esr esr 0 curve 1: 220-25-1010 curve 3: 470-25-1213 curve 4: 680-25-1216 curve 5: 1500-25-1616 curve 6: 2700-25-1821 curve 2: 330-25-1012 1 2 3 4 5 6 100 10 1 0.1 0.01 10 100 1000 10 000 100 000 f (hz) z ( ) 100 1000 10 1 0.1 0.01 10 100 1000 10 000 100 000 f (hz) z ( ) 1 2 3 4 5 6 curve 1: 68-63-1010 curve 3: 150-63-1213 curve 4: 220-63-1216 curve 5: 470-63-1616 curve 6: 1000-63-1821 curve 2: 100-63-1012
146 cti www.vishay.com vishay bccomponents revision: 01-oct-13 9 document number: 28403 for technical questions, contact: aluminumcaps1@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ripple current and useful life table 7 ripple current and useful life fig. 10 - multiplier of useful life as a function of ambient temperature and ripple current load endurance test duration and useful life as a function of case size nominal case size ? d x l (mm) case code endurance at 125 c (h) useful life at 125 c (h) useful life at 40 c 1.8 x i r applied (h) 10 x 10 x 10 1010 1000 1500 150 000 10 x 10 x 12 1012 1500 2000 200 000 12.5 x 12.5 x 13 1213 2500 3000 300 000 12.5 x 12.5 x 16 1216 3000 4000 325 000 16 x 16 x 16 1616 4000 5000 350 000 16 x 16 x 21 1621 5000 6000 400 000 18 x 18 x 16 1816 4000 5000 350 000 18 x 18 x 21 1821 5000 6000 400 000 3.8 3.7 3.6 3.5 3.4 3.3 3.2 3.0 2.8 2.6 2.4 2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.5 0.0 3.1 40 50 60 70 80 90 100 110 120 130 3.9 4.0 4.1 4.2 4.3 i a r i lifetime multiplier (1) 6.0 4.0 2.0 1.5 1.0 3.0 400 100 60 20 30 12 8.0 200 t amb (c) mbc242 i a = actual ripple current at 100 khz i r = rated ripple current at 100 khz, 125 c (1) u s eful life at 125 c and i r applied; s ee table 7
146 cti www.vishay.com vishay bccomponents revision: 01-oct-13 10 document number: 28403 for technical questions, contact: aluminumcaps1@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 table 8 table 9 multiplier of ripple current (i r ) as a function of frequency frequency (hz) i r multiplier u r = 16 v to 25 v u r = 35 v u r = 50 v to 63 v 50 0.60 0.45 0.40 100 0.70 0.65 0.60 300 0.80 0.80 0.75 1000 0.85 0.85 0.82 3000 0.90 0.90 0.90 10 000 0.95 0.95 0.95 30 000 0.97 0.97 0.97 100 000 1.00 1.00 1.00 test procedures and requirements test procedure (quick reference) requirements name of test reference mounting iec 60384-18, ? subclause 4.3 shall be performed prior to tests mentioned below; ? reflow soldering; ? for maximum temperature load ? refer to chapter mounting ? c/c: 5 % ? tan ? ? spec. limit ? i l2 ? spec. limit endurance iec 60384-18/ ? cecc 32300, ? subclause 4.15 t amb = 125 c; u r applied; ? for test duration see table 7 u r ? 16 v; ? c/c: 20 % ? tan ? ? 2 x spec. limit ? i l2 ? spec. limit useful life cecc 30301, ? subclause 1.8.1 t amb = 125 c; u r and i r applied; ? for test duration see table 7 ? c/c: 30 % ? tan ? ? 3 x spec. limit ? i l2 ? spec. limit ? no short or open circuit ? total failure percentage: ?? 1 % shelf life ? (storage at high ? temperature) iec 60384-18/ ? cecc 32300, ? subclause 4.17 t amb = 125 c; no voltage applied; ? 1000 h ? after test: u r to be applied for 30 min, ? 24 h to 48 h befo re measurement for requirements ? see endurance test above reverse voltage iec 60384-18/ ? cecc 32300, ? subclause 4.16 t amb = 125 c: ? 125 h at u = -0.5 v, ? followed by 125 h at u r ? c/c: 15 % ? tan ? ? 1.5 x spec. limit ? i l2 ? spec. limit
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of MAL214699001E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X