Part Number Hot Search : 
P4KE24 A3270 SD103 D8000 0SPBF 6601C V0DS00 IDT7130
Product Description
Full Text Search
 

To Download LD1117A12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev. a/lx LD1117A12/adj-ld1117a50/adj 1 a low dropout positive voltage regulator taitron components incorporated www.taitroncomponents.com page 1 of 21 tel: (800) - taitron (800) - 824 - 8766 (661) - 257 - 6060 fax: (800)-taitfax (800)-824-8329 (661)-257-6415 1a low dropout positive voltage regulator general description ? ld1117a is a three terminal low dropout positive voltage regulator. it provides current limiting and thermal s hut down and its circuit includes a trimmed bandgap reference to assure output voltage accuracy for both fixed output voltage version and adjustable output voltage version. current limit is trimmed to ensure specified output current and controlled short- circuit current.on-chip thermal shutdown provides protection against any combination of overload and ambient temperature that would create excessive junction temperature ? there are 7 fixed output voltages :1.2v, 1.5v,1.8v, 2.5v ,2.85v,3.3v an 5.0v. there are also an adjustble version provide output voltage from 1.25v to 12v with 2 external resisitors. they are suitable for applications that required supply current up to 1 a. ? ld1117a series are avai lable in sot-223 ,sot-89 ,to-220,dpak (to-252) and d 2 pak (to-263) packages features ? input voltage up to 20v ? output current up to 1a ? low drop output voltage:typical 1.15v at 1a output current ? output voltage accuracy : 1% for fixed output voltage 1.5v,1.8v, 2.5v ,2.85v, 3.3v,5.0v and adjustble output voltage version. 2% for fixed output voltage 1.2v ? trimmed current limit and on-chip thermal shutdown ? operation junction temperature: -40c to 125c ? rohs compliance and halogen free applications sot-89 sot-223 ? pc mother board ? graphic card ? nic/switch ? lcd monitor , dvd video player and printer ? telecom e q ui p ment and other peri p heral e q ui p ment to-220 dpak d 2 pak free datasheet http:///
1a low dropout positive voltage regulator rev. a/lx LD1117A12/adj -ld1117a50/adj www.taitroncomponents.com page 2 of 21 ordering information pin configuration sot-223 dpak sot-89 d 2 pak 1: gnd/adj 2: output 3: input 1: gnd/adj 2: output 3: input 1: gnd/adj 2: output 3: input 1: gnd/adj 2: output 3: input 1: gnd/adj 2: output 3: input to-220 free datasheet http:///
1a low dropout positive voltage regulator rev. a/lx LD1117A12/adj -ld1117a50/adj www.taitroncomponents.com page 3 of 21 marking information: pn marking code outline temperatue range rohs halogen free rohs halogen free packing type ld1117aadjh-08-tr30 ld1117aadjh-08-rg30 eh11a gh11a tape & reel LD1117A12h-08-tr30 LD1117A12h-08-rg30 eh18a gh18a tape & reel ld1117a15h-08-tr30 ld1117a15h-08-rg30 eh12a gh12a tape & reel ld1117a18h-08-tr30 ld1117a18h-08-rg30 eh13a gh13a tape & reel ld1117a25h-08-tr30 ld1117a25h-08-rg30 eh14a gh14a tape & reel ld1117a285h-08-tr30 ld1117a285h-08-rg30 eh15a gh15a tape & reel ld1117a33h-08-tr30 ld1117a33h-08-rg30 eh16a gh16a tape & reel sot-223 -40c to 125c ld1117a50h-08-tr30 ld1117a50h-08-rg30 eh17a gh17a tape & reel ld1117aadjk-08-tr30 ld1117aadjk-08-rg30 e17a g17a tape & reel LD1117A12k-08-tr30 LD1117A12k-08-rg30 e17g g17g tape & reel ld1117a15k-08-tr30 ld1117a15k-08-rg30 e17b g17b tape & reel ld1117a18k-08-tr30 ld1117a18k-08-rg30 e17c g17c tape & reel ld1117a25k-08-tr30 ld1117a25k-08-rg30 e17d g17d tape & reel ld1117a285k-08-tr30 ld1117a285k-08-rg30 e17h g17h tape & reel ld1117a33k-08-tr30 ld1117a33k-08-rg30 e17e g17e tape & reel sot-89 -40c to 125c ld1117a50k-08-tr30 ld1117a50k-08-rg30 e17f g17f tape & reel ld1117aadjt-08-tu ld1117aadjt-08-ug az1117t -adjea az1117t -adjga tube LD1117A12t-08-tu LD1117A12t-08-ug az1117t -1.2ea az1117t -1.2ga tube ld1117a15t-08-tu ld1117a15t-08-ug az1117t -1.5ea az1117t -1.5ga tube ld1117a18t-08-tu ld1117a18t-08-ug az1117t -1.8ea az1117t -1.8ga tube ld1117a25t-08-tu ld1117a25t-08-ug az1117t -2.5ea az1117t -2.5ga tube ld1117a285t-08-tu ld1117a285t-08-ug az1117t -2.85ea az1117t -2.85ga tube ld1117a33t-08-tu ld1117a33t-08-ug az1117t -3.3ea az1117t -3.3ga tube to-220 -40c to 125c ld1117a50t-08-tu ld1117a50t-08-ug az1117t -5.0ea az1117t -5.0ga tube free datasheet http:///
1a low dropout positive voltage regulator rev. a/lx LD1117A12/adj -ld1117a50/adj www.taitroncomponents.com page 4 of 21 pn marking code outline temperatue range rohs halogen free rohs halogen free packing type ld1117aadjd-08-tr30 ld1117aadjd-08-rg30 az1117d -adjea az1117d -adjga tape & reel ld1117aadjd-08-tu ld1117aadjd-08-ug az1117d -adjea az1117d -adjga tube LD1117A12d-08-tr30 LD1117A12d-08-rg30 az1117d -1.2ea az1117d -1.2ga tape & reel LD1117A12d-08-tu LD1117A12d-08-ug az1117d -1.2ea az1117d -1.2ga tube ld1117a15d-08-tr30 ld1117a15d-08-rg30 az1117d -1.5ea az1117d -1.5ga tape & reel ld1117a15d-08-tu ld1117a15d-08-ug az1117d -1.5ea az1117d -1.5ga tube ld1117a18d-08-tr30 ld1117a18d-08-rg30 az1117d -1.8ea az1117d -1.8ga tape & reel ld1117a18d-08-tu ld1117a18d-08-ug az1117d -1.8ea az1117d -1.8ga tube ld1117a25d-08-tr30 ld1117a25d-08-rg30 az1117d -2.5ea az1117d -2.5ga tape & reel ld1117a25d-08-tu ld1117a25d-08-ug az1117d -2.5ea az1117d -2.5ga tube ld1117a285d-08-tr30 ld1117a285d-08-rg30 az1117d -2.85ea az1117d -2.85ga tape & reel ld1117a285d-08-tu ld1117a285d-08-ug az1117d -2.85ea az1117d -2.85ga tube ld1117a33d-08-tr30 ld1117a33d-08-rg30 az1117d -3.3ea az1117d -3.3ga tape & reel ld1117a33d-08-tu ld1117a33d-08-ug az1117d -3.3ea az1117d -3.3ga tube ld1117a50d-08-tr30 ld1117a50d-08-rg30 az1117d -5.0ea az1117d -5.0ga tape & reel dpak -40c to 125c ld1117a50d-08-tu ld1117a50d-08-ug az1117d -5.0ea az1117d -5.0ga tube free datasheet http:///
1a low dropout positive voltage regulator rev. a/lx LD1117A12/adj -ld1117a50/adj www.taitroncomponents.com page 5 of 21 pn marking code outline temperatue range rohs halogen free rohs halogen free packing type ld1117aadjmc-08- tr30 ld1117aadjmc-08- rg30 az1117s -adjea az1117s -adjga tape & reel ld1117aadjmc-08-tu ld1117aadjmc-08-ug az1117s -adjea az1117s -adjga tube LD1117A12mc-08-tr30 LD1117A12mc-08-rg30 az1117s -1.2ea az1117s -1.2ga tape & reel LD1117A12mc-08-tu LD1117A12mc-08-ug az1117s -1.2ea az1117s -1.2ga tube ld1117a15mc-08-tr30 ld1117a15mc-08-rg30 az1117s -1.5ea az1117s -1.5ga tape & reel ld1117a15mc-08-tu ld1117a15mc-08-ug az1117s -1.5ea az1117s -1.5ga tube ld1117a18mc-08-tr30 ld1117a18mc-08-rg30 az1117s -1.8ea az1117s -1.8ga tape & reel ld1117a18mc-08-tu ld1117a18mc-08-ug az1117s -1.8ea az1117s -1.8ga tube ld1117a25mc-08-tr30 ld1117a25mc-08-rg30 az1117s -2.5ea az1117s -2.5ga tape & reel ld1117a25mc-08-tu ld1117a25mc-08-ug az1117s -2.5ea az1117s -2.5ga tube ld1117a285mc-08- tr30 ld1117a285mc-08- rg30 az1117s -2.85ea az1117s -2.85ga tape & reel ld1117a285mc-08-tu ld1117a285mc-08-ug az1117s -2.85ea az1117s -2.85ga tube ld1117a33mc-08-tr30 ld1117a33mc-08-rg30 az1117s -3.3ea az1117s -3.3ga tape & reel ld1117a33mc-08-tu ld1117a33mc-08-ug az1117s -3.3ea az1117s -3.3ga tube ld1117a50mc-08-tr30 ld1117a50mc-08-rg30 az1117s -5.0ea az1117s -5.0ga tape & reel d 2 pak -40c to 125c ld1117a50mc-08-tu ld1117a50mc-08-ug az1117s -5.0ea az1117s -5.0ga tube free datasheet http:///
1a low dropout positive voltage regulator rev. a/lx LD1117A12/adj -ld1117a50/adj www.taitroncomponents.com page 6 of 21 block diagram free datasheet http:///
1a low dropout positive voltage regulator rev. a/lx LD1117A12/adj -ld1117a50/adj www.taitroncomponents.com page 7 of 21 absolute maximum ratings symbol description ratings unit v in input voltage(note1) 20 v t j junction temperature ( note2 ) 150 c t stg storage temperature range -65 to 150 c t lead ( 10 sec) lead soldering temperature 260 c sot-223 120 sot-89 165 to-220 60 dpak 100 thermal resistance (no heatsink, note 3) d2pak 60 c/w esd (human body model) esd 2000 v esd (machine model) esd 250 v note 1: input voltage is recommended operating at 15v max. note2 : operating junction temperature is recommended at -40 c to 125 c. note3: p d(max) =(t j(max) -t a )/ ,p d(max): maximum power dissipation; t a : ambient temperature, t j(max): maximum junction temperature ; :the junction-to ambient thermal resistance. exceeding the maximum allowable power dissipation will result in die temperature and the regulator will go into thermal shutdown free datasheet http:///
1a low dropout positive voltage regulator rev. a/lx LD1117A12/adj -ld1117a50/adj www.taitroncomponents.com page 8 of 21 electrical characteristics for ld1117a-adj (v in 10v, t j =25c, unless otherwise specified) ld1117a-adj symbol description min. type. max. unit test conditions 1.238 1.250 1.262 v v in -v o =2v, i o =10ma v ref reference voltage 1.225 1.250 1.270 v 1.4v v in -v o 8v, 10ma i o 1a p d p d(max) , ? v line line regulation - 0.035 0.2 % 1.5v v in -v o 10v, i o =10ma ? v load load regulation - 0.2 0.4 % v in -v o =2v,10ma i o 1a i limit current limit 1.25 1.35 - a v in -v o =2v i adj adjust pin current - 60 120 ua - ? i adj adjust pin current change - 0.2 5 ua 1.4v v in -v o 10v, 10ma i o 1a i load minimum load current - 1.7 5 ma 1.5v v in -v o 10v,(adj only) i q quiescent current - 5 10 ma v in -v o =1.25v - 1.0 1.1 v ? v ref =1% , i o =100ma 1.08 1.18 v ? v ref =1% , i o =500ma v d dropout voltage 1.15 1.25 v ? v ref =1% , i o =1a en output noise voltage - 0.003 - % 10hz f 10khz,t a =25c psrr power supply ripple rejection ratio 60 75 - db v in -v o =3v, i o =1a, f=120hz c o =22uf tantalum - temperature stability - 0.5 - % - - long-term temperature stability - 0.3 % t a =125c,1000hrs sot-223 - 25 - - sot-89 - 30 - - to-220 - 10 - - dpak - 17 - - thermal resistance d 2 pak - 10 - c/w - for LD1117A12 (v in 10v, t j =25c, unless otherwise specified) LD1117A12 symbol description min. type. max. unit test conditions 1.176 1.2 1.224 v v in =3.2v, i o =10ma v o output voltage 1.152 1.2 1.248 v 3.0v v in 10v,10ma i o 1a ? v line line regulation - 1 6 mv 1.5v v in -v o 10v, i o =10ma ? v load load regulation - 1 10 mv v in -v o =2v,10ma i o 1a i limit current limit 1.25 1.35 - a v in -v o =2v i q quiescent current - 5 10 ma v in -v o =1.25v free datasheet http:///
1a low dropout positive voltage regulator rev. a/lx LD1117A12/adj -ld1117a50/adj www.taitroncomponents.com page 9 of 21 - 1.0 1.1 v ? v line , ? v load =1% , i o =100ma - 1.08 1.18 v ? v line , ? v load =1% , i o =500ma v d dropout voltage - 1.15 1.25 v ? v line , ? v load =1% , i o =1a en output noise voltage - 0.003 - % 10hz f 10khz,t a =25c psrr power supply ripple rejection ratio 60 75 - db v in -v o =3v, i o =1a, f=120hz c o =22uf tantalum - temperature stability - 0.5 - % - - long-term temperature stability - 0.3 % t a =125c,1000hrs sot-223 - 25 - - sot-89 - 30 - - to-220 - 10 - - dpak - 17 - - thermal resistance d 2 pak - 10 - c/w - for ld1117a15 (v in 10v, t j =25c, unless otherwise specified) ld1117a15 symbol description min. type. max. unit test conditions 1.485 1.5 1.515 v v in =3.5v, i o =10ma v o output voltage 1.470 1.5 1.530 v 3.0v v in 10v,10ma i o 1a ? v line line regulation - 1 6 mv 1.5v v in -v o 10v, i o =10ma ? v load load regulation - 1 10 mv v in -v o =2v,10ma i o 1a i limit current limit 1.25 1.35 - a v in -v o =2v i q quiescent current - 5 10 ma v in -v o =1.25v - 1.0 1.1 v ? v line , ? v load =1% , i o =100ma - 1.08 1.18 v ? v line , ? v load =1% , i o =500ma v d dropout voltage - 1.15 1.25 v ? v line , ? v load =1% , i o =1a en output noise voltage - 0.003 - % 10hz f 10khz,t a =25c psrr power supply ripple rejection ratio 60 75 - db v in -v o =3v, i o =1a, f=120hz c o =22uf tantalum - temperature stability - 0.5 - % - - long-term temperature stability - 0.3 % t a =125c,1000hrs sot-223 - 25 - - sot-89 - 30 - - to-220 - 10 - - dpak - 17 - - thermal resistance d 2 pak - 10 - c/w - free datasheet http:///
1a low dropout positive voltage regulator rev. a/lx LD1117A12/adj -ld1117a50/adj www.taitroncomponents.com page 10 of 21 for ld1117a18 (v in 10v, t j =25c, unless otherwise specified) ld1117a18 symbol description min. type. max. unit test conditions 1.782 1.8 1.818 v v in =3.8v, i o =10ma v o output voltage 1.746 1.8 1.854 v 3.2v v in 10v,10ma i o 1a ? v line line regulation - 1 6 mv 1.5v v in -v o 10v, i o =10ma ? v load load regulation - 1 10 mv v in -v o =2v,10ma i o 1a i limit current limit 1.25 1.35 - a v in -v o =2v i q quiescent current - 5 10 ma v in -v o =1.25v - 1.0 1.1 v ? v line , ? v load =1% , i o =100ma - 1.08 1.18 v ? v line , ? v load =1% , i o =500ma v d dropout voltage - 1.15 1.25 v ? v line , ? v load =1% , i o =1a en output noise voltage - 0.003 - % 10hz f 10khz,t a =25c psrr power supply ripple rejection ratio 60 75 - db v in -v o =3v, i o =1a, f=120hz c o =22uf tantalum - temperature stability - 0.5 - % - - long-term temperature stability - 0.3 % t a =125c,1000hrs sot-223 - 25 - - sot-89 - 30 - - to-220 - 10 - - dpak - 17 - - thermal resistance d 2 pak - 10 - c/w - for ld1117a25 (v in 10v, t j =25c, unless otherwise specified) ld1117a25 symbol description min. type. max. unit test conditions 2.475 2.5 2.525 v v in =4.5v, i o =10ma v o output voltage 2.450 2.5 2.550 v 3.9v v in 10v,10ma i o 1a ? v line line regulation - 1 6 mv 1.5v v in -v o 10v, i o =10ma ? v load load regulation - 1 10 mv v in -v o =2v,10ma i o 1a i limit current limit 1.25 1.35 - a v in -v o =2v i q quiescent current - 5 10 ma v in -v o =1.25v - 1.0 1.1 v ? v line , ? v load =1% , i o =100ma - 1.08 1.18 v ? v line , ? v load =1% , i o =500ma v d dropout voltage - 1.15 1.25 v ? v line , ? v load =1% , i o =1a en output noise voltage - 0.003 - % 10hz f 10khz,t a =25c psrr power supply ripple rejection ratio 60 75 - db v in -v o =3v, i o =1a, f=120hz c o =22uf tantalum - temperature stability - 0.5 - % - - long-term temperature stability - 0.3 % t a =125c,1000hrs free datasheet http:///
1a low dropout positive voltage regulator rev. a/lx LD1117A12/adj -ld1117a50/adj www.taitroncomponents.com page 11 of 21 sot-223 - 25 - - sot-89 - 30 - - to-220 - 10 - - dpak - 17 - - thermal resistance d 2 pak - 10 - c/w - for ld1117a285 (v in 10v, t j =25c, unless otherwise specified) ld1117a285 symbol description min. type. max. unit test conditions 2.822 2.85 2.878 v v in =4.85v, i o =10ma v o output voltage 2.793 2.85 2.907 v 4.25v v in 10v,10ma i o 1a ? v line line regulation - 1 6 mv 1.5v v in -v o 10v, i o =10ma ? v load load regulation - 1 10 mv v in -v o =2v,10ma i o 1a i limit current limit 1.25 1.35 - a v in -v o =2v i q quiescent current - 5 10 ma v in -v o =1.25v - 1.0 1.1 v ? v line , ? v load =1% , i o =100ma - 1.08 1.18 v ? v line , ? v load =1% , i o =500ma v d dropout voltage - 1.15 1.25 v ? v line , ? v load =1% , i o =1a en output noise voltage - 0.003 - % 10hz f 10khz,t a =25c psrr power supply ripple rejection ratio 60 75 - db v in -v o =3v, i o =1a, f=120hz c o =22uf tantalum - temperature stability - 0.5 - % - - long-term temperature stability - 0.3 % t a =125c,1000hrs sot-223 - 25 - - sot-89 - 30 - - to-220 - 10 - - dpak - 17 - - thermal resistance d 2 pak - 10 - c/w - for ld1117a33 (v in 10v, t j =25c, unless otherwise specified) ld1117a33 symbol description min. type. max. unit test conditions 3.267 3.3 3.333 v v in =5.0v, i o =10ma v o output voltage 3.235 3.3 3.365 v 4.75v v in 10v,10ma i o 1a ? v line line regulation - 1 6 mv 1.5v v in -v o 10v, i o =10ma ? v load load regulation - 1 10 mv v in -v o =2v,10ma i o 1a i limit current limit 1.25 1.35 - a v in -v o =2v i q quiescent current - 5 10 ma v in -v o =1.25v free datasheet http:///
1a low dropout positive voltage regulator rev. a/lx LD1117A12/adj -ld1117a50/adj www.taitroncomponents.com page 12 of 21 - 1.0 1.1 v ? v line , ? v load =1% , i o =100ma - 1.08 1.18 v ? v line , ? v load =1% , i o =500ma v d dropout voltage - 1.15 1.25 v ? v line , ? v load =1% , i o =1a en output noise voltage - 0.003 - % 10hz f 10khz,t a =25c psrr power supply ripple rejection ratio 60 75 - db v in -v o =3v, i o =1a, f=120hz c o =22uf tantalum - temperature stability - 0.5 - % - - long-term temperature stability - 0.3 % t a =125c,1000hrs sot-223 - 25 - - sot-89 - 30 - - to-220 - 10 - - dpak - 17 - - thermal resistance d 2 pak - 10 - c/w - for ld1117a50 (v in 10v, t j =25c, unless otherwise specified) ld1117a50 symbol description min. type. max. unit test conditions 4.95 5.0 5.05 v v in =7.0v, i o =10ma v o output voltage 4.9 5.0 5.1 v 6.5v v in 12v,10ma i o 1a ? v line line regulation - 1 10 mv 1.5v v in -v o 10v, i o =10ma ? v load load regulation - 1 15 mv v in -v o =2v,10ma i o 1a i limit current limit 1.25 1.35 - a v in -v o =2v i q quiescent current - 5 10 ma v in -v o =1.25v - 1.0 1.1 v ? v line , ? v load =1% , i o =100ma - 1.08 1.18 v ? v line , ? v load =1% , i o =500ma v d dropout voltage - 1.15 1.25 v ? v line , ? v load =1% , i o =1a en output noise voltage - 0.003 - % 10hz f 10khz,t a =25c psrr power supply ripple rejection ratio 60 75 - db v in -v o =3v, i o =1a, f=120hz c o =22uf tantalum - temperature stability - 0.5 - % - - long-term temperature stability - 0.3 % t a =125c,1000hrs sot-223 - 25 - - sot-89 - 30 - - to-220 - 10 - - dpak - 17 - - thermal resistance d 2 pak - 10 - c/w - free datasheet http:///
1a low dropout positive voltage regulator rev. a/lx LD1117A12/adj -ld1117a50/adj www.taitroncomponents.com page 13 of 21 typical application free datasheet http:///
1a low dropout positive voltage regulator rev. a/lx LD1117A12/adj -ld1117a50/adj www.taitroncomponents.com page 14 of 21 typical characteristics curves drop output voltage v d ( v ) load regulation ? v load ( % ) reference voltage v ref ( v ) fi g .1 v d -i o fig.2 v d -t j operation junction temperature t j (c) fi g -3 ? v load -t j o p eration junction tem p erature t j ( c ) o p eration junction tem p erature t j ( c ) fig-4 v ref -t j out p ut current i o ( a) drop output voltage v d ( v ) free datasheet http:///
1a low dropout positive voltage regulator rev. a/lx LD1117A12/adj -ld1117a50/adj www.taitroncomponents.com page 15 of 21 fig.7 i adj -t j fig.8 i short -t j minimum load current i load (ma) adjust pin current ( ua ) output voltage v o ( v ) o p eration junction tem p erature t j ( c ) fi g .5 v o -t j fi g .6 i load -t j operation junction temperature t j (c) o p eration junction tem p erature t j ( c ) o p eration junction tem p erature t j ( c ) short-circuit current i short ( a ) free datasheet http:///
1a low dropout positive voltage regulator rev. a/lx LD1117A12/adj -ld1117a50/adj www.taitroncomponents.com page 16 of 21 power supply rejection ratio psrr ( db ) ? vl ine (20 mv /d iv ) time ( 20us/div ) time ( 10us/div ) v in (0.5 v/ d iv ) ? vl oad (1 v /d iv ) i o (200 ma/ d iv ) ld1117a33 v in =4.8 to5.8v i o =100ma c in =1uf c out =10uf v in =4.8v i o =100ma to 500ma c in =10uf c out =10uf power dissipation p d ( w ) fi g .10 psrr-f fre q uenc y f ( hz ) o p eration case tem p erature t c ( c ) fi g .9 p d -t c ld1117a33 fi g .11 line transient res p onse fi g .12 load transient res p onse free datasheet http:///
1a low dropout positive voltage regulator rev. a/lx LD1117A12/adj -ld1117a50/adj www.taitroncomponents.com page 17 of 21 dimensions in mm (inch) sot-223 free datasheet http:///
1a low dropout positive voltage regulator rev. a/lx LD1117A12/adj -ld1117a50/adj www.taitroncomponents.com page 18 of 21 sot-89 free datasheet http:///
1a low dropout positive voltage regulator rev. a/lx LD1117A12/adj -ld1117a50/adj www.taitroncomponents.com page 19 of 21 to-220 free datasheet http:///
1a low dropout positive voltage regulator rev. a/lx LD1117A12/adj -ld1117a50/adj www.taitroncomponents.com page 20 of 21 d 2 pak  to-263  dpak  to-252  free datasheet http:///
1a low dropout positive voltage regulator rev. a/lx LD1117A12/adj -ld1117a50/adj www.taitroncomponents.com page 21 of 21 how to contact us: us headquarters 28040 west harrison parkaway, valencia, ca 91355-4162 tel: (800) taitron (800) 824-8766 (661) 257-6060 fax: (800) taitfax (800) 824-8329 (661) 257-6415 email: taitron@taitroncomponents.com http:// www.taitroncomponents.com taitron components mexico, s.a .de c.v. boulevard central 5000 interior 5 parque industrial atitalaquia, hidalgo c.p. 42970 mexico tel: +52-55-5560-1519 fax: +52-55-5560-2190 taitron componets incorporated e representa??es do brasil ltda rua domingos de morais, 2777, 2.andar, sala 24 sade - s?o paulo-sp 04035-001 brazil tel: +55-11-5574-7949 fax: +55-11-5572-0052 taitron componets incorporated, shanghai representative office metrobank plaza, 1160 west yan? an road, suite 1503, shanghai, 200052, china tel: +86-21-5424-9942 fax: +86-21-5424-9931 free datasheet http:///


▲Up To Search▲   

 
Price & Availability of LD1117A12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X