Part Number Hot Search : 
RN5VL22A TME0505S AMS385AN 2M100 41200 A3187ELT AT24WC HER108G
Product Description
Full Text Search
 

To Download L4008NH356 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  75 revised: june 24, 2011 04:57 pm ?2011 littelfuse, inc teccor ? brand thyristors specifcations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 8 amp sensitive, standard & alternistor (high commutation) triacs lxx08xx & qxx08xx & qxx08xhx series lxx08xx & qxx08xx & qxx08xhx series main features description 8 amp bi-directional solid state switch series is designed for ac switching and phase control applications such as motor speed and temperature modulation controls, lighting controls, and static switching relays. sensitive type devices guarantee gate control in quadrants i & iv needed for digital control circuitry. standard type devices normally operate in quadrants i & iii triggered from ac line. alternistor type devices only operate in quadrants i, ii, & iii and are used in circuits requiring high dv/dt capability. symbol value unit i t(rms) 8 a v drm /v rrm 400 to 1000 v i gt (q1) 5 to 50 ma features & benefts ? rohs compliant ? glass C passivated junctions ? voltage capability up to 1000 v ? surge capability up to 100 a ? electrically isolated l-package is ul recognized for 2500vrms ? solid-state switching eliminates arcing or contact bounce that create voltage transients ? no contacts to wear out from reaction of switching events ? restricted (or limited) rfi generation, depending on activation point of sine wave ? requires only a small gate activation pulse in each half-cycle applications excellent for ac switching and phase control applications such as heating, lighting, and motor speed controls. typical applications are ac solid-state switches, light dimmers, power tools, home/brown goods and white goods appliances. alternistor triacs (no snubber required) are used in applications with extremely inductive loads requiring highest commutation performance. internally constructed isolated packages are offered for ease of heat sinking with highest isolation voltage. schematic symbol mt2 mt1 g agency approval agency agency file number ? l package: e71639 ?
76 revised: june 24, 2011 04:57 pm ?2011 littelfuse, inc teccor ? brand thyristors specifcations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 8 amp sensitive, standard & alternistor (high commutation) triacs lxx08xx & qxx08xx & qxx08xhx series absolute maximum ratings sensitive triac (4 quadrants) symbol parameter value unit i t(rms) rms on-state current (full sine wave) lxx08ly t c = 80c 8 a lxx08ry / lxx08vy / lxx08dy t c = 85c i tsm non repetitive surge peak on-state current (full cycle, t j initial = 25c) f = 50 hz t = 20 ms 65 a f = 60 hz t = 16.7 ms 85 i 2 t i 2 t value for fusing t p = 8.3 ms 26.5 a 2 s di/dt critical rate of rise of on-state current i g = 50ma with 0.1s rise time f = 120 hz t j = 110c 70 a/s i gtm peak gate trigger current t p 10 s t j = 110c 1. 6 a p g(av) average gate power dissipation t j = 110c 0.4 w t stg storage temperature range -40 to 150 c t j operating junction temperature range -40 to 110 c note: xx = voltage, y = sensitivity absolute maximum ratings standard triac symbol parameter value unit i t(rms) rms on-state current (full sine wave) qxx08ry / qxx08ny t c = 95c 8 a qxx08ly t c = 90c i tsm non repetitive surge peak on-state current (full cycle, t j initial = 25c) f = 50 hz t = 20 ms 83 a f = 60 hz t = 16.7 ms 100 i 2 t i 2 t value for fusing t p = 8.3 ms 41 a 2 s di/dt critical rate of rise of on-state current i g = 200ma with 0.1s rise time f = 120 hz t j = 125c 70 a/s i gtm peak gate trigger current t p 10 s; i gt t gtm t j = 125c 1. 8 a p g(av) average gate power dissipation t j = 125c 0.5 w t stg storage temperature range -40 to 150 c t j operating junction temperature range -40 to 125 c note: xx = voltage, y = sensitivity
77 revised: june 24, 2011 04:57 pm ?2011 littelfuse, inc teccor ? brand thyristors specifcations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 8 amp sensitive, standard & alternistor (high commutation) triacs lxx08xx & qxx08xx & qxx08xhx series absolute maximum ratings alternistor (3 quadrants) symbol parameter value unit i t(rms) rms on-state current (full sine wave) qxx08lhy t c = 90c 8 a qxx08rhy / qxx08nhy qxx08vhy / qxx08dhy t c = 95c i tsm non repetitive surge peak on-state current (full cycle, t j initial = 25c) f = 50 hz t = 20 ms qxx08vhy / qxx08dhy 80 a qxx08lhy / qxx08rhy / qxx08nhy 83 f = 60 hz t = 16.7 ms qxx08vhy / qxx08dhy 85 qxx08lhy / qxx08rhy / qxx08nhy 100 i 2 t i 2 t value for fusing t p = 8.3 ms qxx08vhy / qxx08dhy 30 a 2 s qxx08lhy / qxx08rhy / qxx08nhy 41 di/dt critical rate of rise of on-state current f = 120 hz t j = 125c 70 a/s i gtm peak gate trigger current t p 10 s; i gt i gtm t j = 125c qxx08vhy / qxx08dhy 1. 6 a qxx08lhy / qxx08rhy / qxx08nhy 2.0 p g(av) average gate power dissipation t j = 125c i gt = 10ma qxx08vhy / qxx08dhy 0.4 w i gt = 35ma qxx08lhy / qxx08rhy / qxx08nhy 0.5 t stg storage temperature range -40 to 150 c t j operating junction temperature range -40 to 125 c note: xx = voltage, y = sensitivity electrical characteristics (t j = 25c, unless otherwise specifed) sensitive triac (4 quadrants) symbol test conditions quadrant lxx08x6 lxx08x8 unit i gt v d = 12v r l = 60 i C ii C iii iv max. 5 10 10 20 ma v gt all max. 1. 3 v v gd v d = v drm r l = 3.3 k t j = 110c all min. 0.2 v i h i t = 100ma max. 10 20 ma dv/dt v d = v drm gate open t j = 100c 400v typ. 30 40 v/s 600v 20 30 (dv/dt)c (di/dt)c = 4.3 a/ms t j = 110c typ. 2 2 v/s t gt i g = 100ma pw = 15s i t = 11.3 a(pk) typ. 3.0 3.2 s note: xx = voltage, x = package, y = sensitivity
78 revised: june 24, 2011 04:57 pm ?2011 littelfuse, inc teccor ? brand thyristors specifcations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 8 amp sensitive, standard & alternistor (high commutation) triacs lxx08xx & qxx08xx & qxx08xhx series electrical characteristics (t j = 25c, unless otherwise specifed) standard triac symbol test conditions quadrant qxx08x4 qxx08x5 unit i gt v d = 12v r l = 60 i C ii C iii iv max. typ. 25 50 50 75 ma v gt i C ii C iii max. 1. 3 v v gd v d = v drm r l = 3.3 k t j = 125c all min. 0.2 v i h i t = 200ma max. 50 50 ma dv/dt v d = v drm gate open t j = 125c 400v min. 150 v/s 600v 125 800v 100 1000v 80 (dv/dt)c (di/dt)c = 4.3 a/ms t j = 125c typ. 4 4 v/s t gt i g = 100ma pw = 15s i t = 11.3 a(pk) typ. 3.0 3.0 s electrical characteristics (t j = 25c, unless otherwise specifed) alternistor triac (3 quadrants) symbol test conditions quadrant qxx08xh3 qxx08xh4 unit i gt v d = 12v r l = 60 i C ii C iii max. 10 35 ma v gt i C ii C iii max. 1. 3 v v gd v d = v drm r l = 3.3 k t j = 125c i C ii C iii min. 0.2 v i h i t = 100ma max. 15 35 ma dv/dt v d = v drm gate open t j = 125c qxx08lhy / qxx08rhy / qxx08nhy min. 400v 75 400 v/s 600v 50 300 800v 200 1000v 100 qxx08vhy / qxx08dhy 400v 75 450 600v 50 350 800v 250 1000v 150 (dv/dt)c (di/dt)c = 4.3 a/ms t j = 125c min. 20 25 v/s t gt i g = 100ma pw = 15s i t = 11.3 a(pk) typ. 4.0 4.0 s note : xx = voltage, x = package, y = sensitivity
79 revised: june 24, 2011 04:57 pm ?2011 littelfuse, inc teccor ? brand thyristors specifcations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 8 amp sensitive, standard & alternistor (high commutation) triacs lxx08xx & qxx08xx & qxx08xhx series static characteristics symbol test conditions value unit v tm i tm = 11.3a t p = 380 s max. 1.60 v i drm i rrm v drm = v rrm lxx08xy t j = 25c 400 - 600v max. 20 a t j = 110c 400 - 600v 0.5 ma qxx08xy t j = 25c 400 - 1000v 50 a t j = 125c 400 - 800v 2 ma t j = 100c 1000v 3 qxx08xhy t j = 25c 400 - 800v 10 a 1000v 20 t j = 125c 400 - 800v 2 ma t j = 100c 1000v 3 thermal resistances symbol parameter value unit r (j-c) junction to case (ac) l/qxx08ryy / l/qxx08nyy 1. 5 c/w l/qxx08lyy 2.8 l/qxx08vyy 2.1 r (j-a) junction to ambient l/qxx08ryy 45 c/w l/qxx08lyy 50 l/qxx08vyy 64 note: xx = voltage, x = package, y = sensitivity, yy = type & sensitivity figure 2: normalized dc gate trigger current for all quadrants vs. junction temperature junction temperature (t j )- oc -65 -40 -15 10 35 60 85 110 125 0.0 ratio of i gt i gt (t j = 25c) 0.5 1.0 1.5 2.0 2.5 3.0 3.5 figure 1: defnition of quadrants note: alternistors will not operate in qiv mt 2 positive (p ositi ve half cycle) mt 2 ne ga tive (neg ati ve half cycle) no te: alternistor s will no t operate in qi v mt 1 mt 2 + i gt ref qii mt 1 i gt ga te mt 2 ref mt 1 mt 2 ref mt 1 mt 2 ref qi qiv qiii all polarities are referenced to mt1 ( - ) i gt ga te (+) i gt - i gt ga te ( - ) i gt ga te (+) + -
80 revised: june 24, 2011 04:57 pm ?2011 littelfuse, inc teccor ? brand thyristors specifcations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 8 amp sensitive, standard & alternistor (high commutation) triacs lxx08xx & qxx08xx & qxx08xhx series figure 3: normalized dc holding current vs. junction temperature figure 4: normalized dc gate trigger voltage for all quadrants vs. junction temperature junction te mper at ur e (t j )- oc -65 -40 -1 51 03 56 08 51 10 12 5 0.0 ratio of i h i h (t j = 25c) 0.5 1. 0 1. 5 2.0 2.5 3.0 3.5 junction t emper at ur e (t j )- oc ratio of v gt v gt (t j = 25c) -65 -40 -1 51 03 56 08 51 10 12 5 0.0 0.5 1. 0 1. 5 2.0 figure 7: maximum allowable case temperature vs. on-state current (standard / alternistor triac) figure 8: on-state current vs. on-state voltage (typical) 0.6 0.8 1. 01 .2 1. 41 .6 20 16 12 8 4 0 t c = 25c p ostitiv e or neg ativ e instantaneous on-stat e vo ltag e (v t ) - vo lts p ostitiv e or neg ativ e instantaneous on-stat e cur r ent (i t ) - amps rms on-state current (i t(rms) ) - amps 0246 81 0 0 2 4 6 8 10 12 14 16 18 average on-state power dissipation (p d(av) ) - watts figure 5: power dissipation (typical) vs. rms on-state current figure 6: maximum allowable case temperature vs. on-state current (sensitive triac) rms on-stat e cur r ent (i t(rms) ) - amps 012345678 60 65 70 75 80 85 90 95 10 0 10 5 11 0 maximum allowable case t emper at ur e (t c ) - c lxx08vy lxx08dy lxx08ry lxx08l y current wa veform: sinusoidal lo ad: resistiv e or inductiv e conduction angle: 360 ca se tempera ture: measur ed as sho wn on dimensional drawings rms on-stat e cur r ent (i t(rms) ) - amps 60 70 80 90 10 0 11 0 12 0 13 0 maximum allowable case t emper at ur e (t c ) - c 01234567 8 qxx08l yy qxx08ryy qxx08nyy qxx08vyy qxx08dyy note: xx = voltage, x = package, y = sensitivity, yy = type & sensitivity
81 revised: june 24, 2011 04:57 pm ?2011 littelfuse, inc teccor ? brand thyristors specifcations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 8 amp sensitive, standard & alternistor (high commutation) triacs lxx08xx & qxx08xx & qxx08xhx series sur ge cur r ent dur ation- fu ll cy cles 1 pe ak surg e (non-repetitiv e) on-stat e curr ent (i tsm ) - amps 11 01 00 1 000 10 10 0 l/qxx08ryy l/qxx08l yy l/qxx08nyy l/qxx08vyy l/qxx08dyy figure 10: surge peak on-state current vs. number of cycles supply frequency: 60 hz sinusoidal load: resistive rms on-state current: [i t(rms) ]: maximum rated value at specifed case temperature notes: 1. gate control may be lost during and immediately following surge current interval. 2. overload may not be repeated until junction temperature has returned to steady-state rated value. figure 9: maximum allowable ambient temperature vs. on-state current rms on-stat e cur r ent (i t(rms) ) - amps 20 40 60 80 10 0 12 0 maximum allowable ambient t emper at ur e (t a ) - c 0.0 0.2 0.4 0.6 0.8 1. 01 .2 1. 41 .6 1. 8 current wa veform: sinusoidal lo ad: resistiv e or inductiv e conduction angle: 360 free air ra ting - no hea tsink l/qxx08ly y l/qxx08ryy l/qxx08vyy note: xx = voltage, x = package, y = sensitivity, yy = type & sensitivity
82 revised: june 24, 2011 04:57 pm ?2011 littelfuse, inc teccor ? brand thyristors specifcations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 8 amp sensitive, standard & alternistor (high commutation) triacs lxx08xx & qxx08xx & qxx08xhx series soldering parameters refow condition pb C free assembly pre heat - temperature min (t s(min) ) 150c - temperature max (t s(max) ) 200c - time (min to max) (t s ) 60 C 180 secs average ramp up rate (liquidus temp) (t l ) to peak 5c/second max t s(max) to t l - ramp-up rate 5c/second max refow - temperature (t l ) (liquidus) 217c - temperature (t l ) 60 C 150 seconds peak temperature (t p ) 260 +0/-5 c time within 5c of actual peak temperature (t p ) 20 C 40 seconds ramp-down rate 5c/second max time 25c to peak temperature (t p ) 8 minutes max. do not exceed 280c physical specifcations environmental specifcations test specifcations and conditions ac blocking (v drm ) mil-std-750, m-1040, cond a applied peak ac voltage @ 125c for 1008 hours temperature cycling mil-std-750, m-1051, 100 cycles; -40c to +150c; 15-min dwell-time temperature/ humidity eia / jedec, jesd22-a101 1008 hours; 320v - dc: 85c; 85% rel humidity high temp storage mil-std-750, m-1031, 1008 hours; 150c low-temp storage 1008 hours; -40c thermal shock mil-std-750, m-1056 10 cycles; 0c to 100c; 5-min dwell- time at each temperature; 10 sec (max) transfer time between temperature autoclave eia / jedec, jesd22-a102 168 hours (121c at 2 atms) and 100% r/h resistance to solder heat mil-std-750 method 2031 solderability ansi/j-std-002, category 3, test a lead bend mil-std-750, m-2036 cond e terminal finish 100% matte tin-plated body material ul recognized epoxy meeting fammability classifcation 94v-0 terminal material copper alloy design considerations careful selection of the correct device for the applications operating parameters and environment will go a long way toward extending the operating life of the thyristor. good design practice should limit the maximum continuous current through the main terminals to 75% of the device rating. other ways to ensure long life for a power discrete semiconductor are proper heat sinking and selection of voltage ratings for worst case conditions. overheating, overvoltage (including dv/dt), and surge currents are the main killers of semiconductors. correct mounting, soldering, and forming of the leads also help protect against component damage. ti me te mperature t p t l t s(max) t s(min) 25 t p t l t s time to peak temperature preheat p r e h eat ramp-up ramp-up ramp-down r am p - do
83 revised: june 24, 2011 04:57 pm ?2011 littelfuse, inc teccor ? brand thyristors specifcations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 8 amp sensitive, standard & alternistor (high commutation) triacs lxx08xx & qxx08xx & qxx08xhx series dimensions to-220ab (r-package) non-isolated mounting tab common with center lead dimension inches millimeters min max min max a 0.380 0.420 9.65 10.67 b 0.105 0.115 2.67 2.92 c 0.230 0.250 5.84 6.35 d 0.590 0.620 14.99 15.75 e 0.142 0.147 3.61 3.73 f 0.110 0.130 2.79 3.30 g 0.540 0.575 13.72 14.61 h 0.025 0.035 0.64 0.89 j 0.195 0.205 4.95 5.21 k 0.095 0.105 2.41 2.67 l 0.060 0.075 1.52 1.91 m 0.085 0.095 2.16 2.41 n 0.018 0.024 0.46 0.61 o 0.178 0.188 4.52 4.78 p 0.045 0.060 1. 14 1.52 r 0.038 0.048 0.97 1.22 dimensions to-220ab (l-package) isolated mounting tab dimension inches millimeters min max min max a 0.380 0.420 9.65 10.67 b 0.105 0.115 2.67 2.92 c 0.230 0.250 5.84 6.35 d 0.590 0.620 14.99 15.75 e 0.142 0.147 3.61 3.73 f 0.110 0.130 2.79 3.30 g 0.540 0.575 13.72 14.61 h 0.025 0.035 0.64 0.89 j 0.195 0.205 4.95 5.21 k 0.095 0.105 2.41 2.67 l 0.060 0.075 1.52 1.91 m 0.085 0.095 2.16 2.41 n 0.018 0.024 0.46 0.61 o 0.178 0.188 4.52 4.78 p 0.045 0.060 1. 14 1.52 r 0.038 0.048 0.97 1.22 k j a h g b f e c d l r t c mea suring poin t area (ref .) 0.1 7 in 2 mt2 o p n m mt1 ga te .320 8.1 3 .526 1 3.36 .27 6 7. 01 k j a h g b f e c d l r t c mea suring poin t mt2 mt2 o p n m mt1 .27 6 7. 01 .526 1 3.36 .320 8.1 3 ga te area (ref .) 0.1 7 in 2 no tch in ga te lead to id. non-isola ted ta b note: maximum torque to be applied to mounting tab is 8 in-lbs. (0.904 nm). note: maximum torque to be applied to mounting tab is 8 in-lbs. (0.904 nm).
84 revised: june 24, 2011 04:57 pm ?2011 littelfuse, inc teccor ? brand thyristors specifcations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 8 amp sensitive, standard & alternistor (high commutation) triacs lxx08xx & qxx08xx & qxx08xhx series dimensions to-263ab (n-package) d 2 -pak surface mount dimensions to-251aa (v-package) v-pak through hole dimension inches millimeters min typ max min typ max a 0.040 0.044 0.050 1.02 1. 11 1.27 b 0.235 0.242 0.245 5.97 6.15 6.22 c 0.350 0.361 0.375 8.89 9.18 9.53 d 0.205 0.208 0.213 5.21 5.29 5.41 e 0.255 0.262 0.265 6.48 6.66 6.73 f 0.027 0.031 0.033 0.69 0.80 0.84 g 0.087 0.090 0.093 2.21 2.28 2.36 h 0.085 0.092 0.095 2.16 2.34 2.41 i 0.176 0.180 0.184 4.47 4.57 4.67 j 0.018 0.020 0.023 0.46 0.51 0.58 k 0.038 0.040 0.044 0.97 1. 01 1. 12 l 0.018 0.020 0.023 0.46 0.52 0.58 p 0.042 0.047 0.052 1.06 1.20 1.32 q 0.034 0.039 0.044 0.86 1. 0 0 1. 11 r 0.034 0.039 0.044 0.86 1. 0 0 1. 11 s 0.074 0.079 0.084 1.86 2.00 2.11 dimension inches millimeters min max min max a 0.360 0.370 9.14 9.40 b 0.380 0.420 9.65 10.67 c 0.178 0.188 4.52 4.78 d 0.025 0.035 0.64 0.89 e 0.045 0.060 1. 14 1.52 f 0.060 0.075 1.52 1.91 g 0.095 0.105 2.41 2.67 h 0.092 0.102 2.34 2.59 j 0.018 0.024 0.46 0.61 k 0.090 0.110 2.29 2.79 s 0.590 0.625 14.99 15.88 v 0.035 0.045 0.89 1. 14 u 0.002 0.010 0.05 0.25 w 0.040 0.070 1.02 1.78 g b a w v s mt1 mt2 t c mea suring poin t c e k h j u .320 8.1 3 .27 6 7. 01 .331 8.41 ga te .460 11 .68 .665 1 6.89 .260 6.60 .1 50 3.81 .080 2.03 .085 2.1 6 .055 1 .40 .350 8.89 .27 6 7. 01 .27 6 7. 01 area: 0.1 1 in 2 d f area: 0.040 in 2 t c mea suring poin t ga te g i e d a b c f j h k l 5.28 .208 5.34 .21 0 mt2 mt1 mt2 p q r s
85 revised: june 24, 2011 04:57 pm ?2011 littelfuse, inc teccor ? brand thyristors specifcations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 8 amp sensitive, standard & alternistor (high commutation) triacs lxx08xx & qxx08xx & qxx08xhx series dimensions to-252aa (d-package) d-pak surface mount dimension inches millimeters min typ max min typ max a 0.040 0.043 0.050 1.02 1.09 1.27 b 0.235 0.243 0.245 5.97 6.16 6.22 c 0.106 0.108 0.113 2.69 2.74 2.87 d 0.205 0.208 0.213 5.21 5.29 5.41 e 0.255 0.262 0.265 6.48 6.65 6.73 f 0.027 0.031 0.033 0.69 0.80 0.84 g 0.087 0.090 0.093 2.21 2.28 2.36 h 0.085 0.092 0.095 2.16 2.33 2.41 i 0.176 0.179 0.184 4.47 4.55 4.67 j 0.018 0.020 0.023 0.46 0.51 0.58 k 0.038 0.040 0.044 0.97 1.02 1. 12 l 0.018 0.020 0.023 0.46 0.51 0.58 m 0.000 0.000 0.004 0.00 0.00 0.10 n 0.021 0.026 0.027 0.53 0.67 0.69 o 0 0 5 0 0 5 p 0.042 0.047 0.052 1.06 1.20 1.32 q 0.034 0.039 0.044 0.86 1. 0 0 1. 11 m o n h j l k .1 18 3 .063 1 .60 .071 1 .80 .264 6.71 .264 6.71 .1 81 4.60 ga te mt2 mt1 mt2 t c mea suring poin t g i d e a b c f 5.28 .208 5.34 .21 0 : 0.040 in 2 area p q
86 revised: june 24, 2011 04:57 pm ?2011 littelfuse, inc teccor ? brand thyristors specifcations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 8 amp sensitive, standard & alternistor (high commutation) triacs lxx08xx & qxx08xx & qxx08xhx series product selector part number voltage (xx) gate sensitivity quadrants type package 400v 600v 800v 1000v i C ii C iii iv lxx08l6 x x 5 ma 10 ma sensitive triac to-220l lxx08d6 x x 5 ma 10 ma sensitive triac to-252 d-pak lxx08r6 x x 5ma 10ma sensitive triac to-220r lxx08v6 x x 5 ma 10 ma sensitive triac to-251 v-pak lxx08l8 x x 10 ma 20 ma sensitive triac to-220l lxx08d8 x x 10 ma 20 ma sensitive triac to-252 d-pak lxx08r8 x x 10ma 20ma sensitive triac to-220r lxx08v8 x x 10 ma 20 ma sensitive triac to-251 v-pak qxx08rh3 x x 10 ma alternistor triac to-220r qxx08vh3 x x 10 ma alternistor triac to-251 v-pak qxx08dh3 x x 10 ma alternistor triac to-252 d-pak qxx08l4 x 25 ma triac to-220l qxx08r4 x 25 ma triac to-220r qxx08n4 x 25 ma triac to-263 d2-pak qxx08lh4 x x x x 35 ma alternistor triac to-220l qxx08rh4 x x x x 35 ma alternistor triac to-220r qxx08vh4 x x x x 35 ma alternistor triac to-251 v-pak qxx08dh4 x x x x 35 ma alternistor triac to-252 d-pak qxx08nh4 x x x x 35 ma alternistor triac to-263 d2-pak qxx08l5 x x x 50 ma triac to-220l qxx08r5 x x x 50 ma triac to-220r qxx08n5 x x x 50 ma triac to-263 d2-pak packing options part number marking weight packing mode base quantity l/qxx08l/ryy l/qxx08l/ryy 2.2 g bulk 500 l/qxx08l/ryytp l/qxx08l/ryy 2.2 g tube pack 500 (50 per tube) qxx08nyytp qxx08nyy 1.6 g tube 500 (50 per tube) qxx08nyyrp qxx08nyy 1.6 g embossed carrier 500 l/qxx08dyytp l/qxx08dyy 0.3 g tube 750 (75 per tube) l/qxx08dyyrp l/qxx08dyy 0.3 g embossed carrier 2500 l/qxx08vyytp l/qxx08vyy 0.4 g tube 750 (75 per tube) note: xx = voltage, x = package, y = sensitivity, yy = type & sensitivity
87 revised: june 24, 2011 04:57 pm ?2011 littelfuse, inc teccor ? brand thyristors specifcations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 8 amp sensitive, standard & alternistor (high commutation) triacs lxx08xx & qxx08xx & qxx08xhx series 0.512 (13.0) arbor hole dia. dc xxxxxx xxxxxx dc xxxxxx dc xxxxxx xx xx xx gate mt 1 mt 2 0.63 (16.0) 0.157 (4.0) 0.64 (16.3) 12.99 (330.0) 0.524 (13.3) 0.315 (8.0) 0.059 dia (1.5) * * co v er tape direction of f eed dimensions are in inches (and millimeters). gate mt1 mt2 0.512 (13.0) arbor hole dia. 0.945 (24.0) 0.63 (16.0) 1.01 (25.7) 12.99 (330.0) 0.827 (21.0) 0.157 (4.0) direc tion of f eed dimensions are in inches (and millimeters). * * cov er tape 0.059 dia (1.5) to-252 embossed carrier reel pack (rp) specifcations meets all eia-481-2 standards to-263 embossed carrier reel pack (rp) specifcations meets all eia-481-2 standards
88 revised: june 24, 2011 04:57 pm ?2011 littelfuse, inc teccor ? brand thyristors specifcations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 8 amp sensitive, standard & alternistor (high commutation) triacs lxx08xx & qxx08xx & qxx08xhx series current 08: 8a sensitivity & type sensitive triac: 6 : 5 ma (qi, ii, iii) 10 ma (qiv) 8 : 10 ma (qi, ii, iii) 20 ma (qiv) standard triac: 4 : 25 ma (qi, ii, iii) 5 : 50 ma (qi, ii, iii) alternistor triac: h3 : 10 ma (qi, ii, iii) h4 : 35 ma (qi, ii, iii) package type l : to-220 isolated r : to-220 non-isolated n : to-263 (d 2 pak) v : to-251 (vpak) d : to-252 (dpak) voltage rating 40 : 400v 60 : 600v 80 : 800v k0 : 1000v lead form dimensions xx : lead form option q 60 08 l 5 56 device type l : sensitive triac q : triac or alternistor part numbering system part marking system ? ? ? ? my m y q60 08r5 q60 08l5 l6008v5 ymldd to-252aa ?( d package) to-251aa ?( v package) ?


▲Up To Search▲   

 
Price & Availability of L4008NH356

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X