Part Number Hot Search : 
1N4777A 208GA ML1XX6 SMCJ28 CD4044 C3796V B2000 83120
Product Description
Full Text Search
 

To Download L2SA812QLT3G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general purpose transistors maximum ratings symbol l 2sa812 unit collector-emitter voltage v ceo -50 v collector-base voltage v cbo -60 v emitter-base voltage v ebo -6 v collector current-continuoun i c -150 madc thermal charateeristics symbol max unit total device dissipation fr-5 board, (1) p d 200 mw 1.8 mw/ o c thermal resistance, junction to ambient r ja 556 o c / w p d 200 mw 2.4 mw/ o c thermal resistance, junction to ambient r ja 417 o c / w junction and storage temperature tj ,tstg -55 to +150 o c total device dissipation derate above 25 o c rating t a =25 o c derate above 25 o c alumina substrate, (2) t a =25 o c characteristic leshan radio company, ltd. 1 3 2 l2sa812qlt1g series sot-23 2 emitter 3 collector 1 base feature ? high voltage: v ceo = -50 v. ? epitaxial planar type. ? npn complement: l2sc1623 ? device marking and ordering information device marking l2sa812qlt1g m8 L2SA812QLT3G m8 l2sa812rlt1g m6 l2sa812rlt3g m6 l2sa812slt1g m7 l2sa812slt3g m7 3000/tape&reel 10000/tape&reel 10000/tape&reel shipping 3000/tape&reel 10000/tape&reel 3000/tape&reel we declare that the material of product compliance with rohs requirements. rev.o 1/5
leshan radio company, ltd. characteristic symbol min typ max unit on characteristics dc current gain h fe 120 - 560 (i c = - 1ma,v ce = - 6.0v) collector-emitter saturation voltage (i c = - 100ma,i b = - 10ma) v ce(sat) - -0.18 -0.3 v base -emitter on voltage i e = - 1.0ma,v ce = - 6.0v) v be -0.58 -0.62 -0.68 v small-signal characteristics current-gain-bandwidth product f t - 180 - mhz (v ce = - 6.0v,i e = - 10ma) output capacitance(v ce = - 10v, i e =0, f=1.0mhz) c obo - 4.5 - pf h fe values are classified as followes note: * q r s h fe 120~270 180~390 270~560 electrical characteristics (t a =25 o c unless otherwise noted) off characteristics collector-emitter breakdown voltage v (br)ceo -50 - - v (i c =-1ma) emitter-base breakdown voltage v (br)ebo -6 - - v (i e =-50  ) collector-base breakdown voltage v (br)cbo -60 - - v (i c =-50 a) collector cutoff current (v cb =-50v) i cbo - - -0.1 a emitter cutoff current (v be =-6v) i ebo -0.1 a l2sa812qlt1g series rev.o 2/5
leshan radio company, ltd. ?0.2 ?0.4 ?0.6 ?0.8 ?1.0 ?1.2 ?1.4 ?1.6 t a = 100c 25c ? 40c ?50 ?20 ?10 ?50 ?2 ?1 ?0.5 ?0.2 ?0.1 0 ?0.4 ?0.8 ?1.2 ?1.6 ?2.0 t a = 25c ?10 ?8 ?6 ?4 ?2 0 i c , collector current (ma) fig.1 grounded emitter propagation characteristics fig.2 grounded emitter output characteristics( ) fig.3 grounded emitter output characteristics( ) fig.4 dc current gain vs. collector current ( ) fig.5 dc current gain vs. collector current ( ) fig.6 collector-emitter saturation voltage vs. collector current ( ) v ce = ?10 v v be , base to emitter voltage(v) i c , collector current (ma) v ce , collector to emitter voltage (v) ?35.0 ?31.5 ?28.0 ?24.5 ?21.0 ?17.5 ?14.0 ?10.5 ?7.0 ?3.5 a i b =0 0 ?1?2 ?3 ?4?5 t a = 25c ?100 ?80 ?60 ?40 ?20 0 i c , collector current (ma) v ce , collector to emitter voltage (v) ?250 ?200 ?150 500 450 400 350 300 ?100 ?50 a i b =0 t a = 25c 500 200 100 50 h fe , dc current gain v ce = ?5 v ?3v ?1v i c , collector current (ma) ?0.2 ?0.5 ?1 ?2 ?5 ?10 ?20 ?50 ?100 t a = 100c 500 200 100 50 h fe , dc current gain v ce = ? 6v i c , collector current (ma) ?0.2 ?0.5 ?1 ?2 ?5 ?10 ?20 ?50 ?100 25c ?40c ?1 ?0.5 ?0.2 ?0.1 ?0.05 v ce(sat) , collector saturation voltage(v) i c , collector current (ma) ?0.2 ?0.5 ?1 ?2 ?5 ?10 ?20 ?50 ?100 t a = 25c i c /i b = 50 20 10 l2sa812qlt1g series rev.o 3/5
leshan radio company, ltd. fig.7 collector-emitter saturation voltage vs. collector current ( ) ?1 ?0.5 ?0.2 ?0.1 ?0.05 v ce(sat ) , collec t or s a tur a tion vo l t age(v) i c , collec t or current (ma) ?0.2 ?0.5 ? 1 ? 2 ? 5 ?10 ?20 ?50 ? 100 t a = 100c 25c ?40c i c /i b = 10 fig.8 gain bandwidth product vs. emitter current 1000 500 200 100 50 f r , transition frequency(mhz) i e , emitter current (ma) ?0.2 ?0.5 ?1 ?2 ?5 ?10 ?20 ?50 ?100 t a = 25c v ce = ?12v fig.9 collector output capacitance vs.collector-base voltage emitter inputcapacitance vs. emitter-base voltage 20 10 5 2 c ob , collector output capacitance( pf) c ib , emitter input capacitance (pf) v cb , collector to base voltage (v) v eb , emitter to base voltage (v) ?0.5 ?1 ?2 ?5 ?10 ?20 t a = 25c f =1mhz i e = 0a i c = 0a c ib c ob l2sa812qlt1g series rev.o 4/5
notes: 1. dimensioning and tolerancing per ansi y14.5m,1982 2. controlling dimension: inch. inches millimeters dim min max min max a 0.1102 0.1197 2.80 3.04 b 0.0472 0.0551 1.20 1.40 c 0.0350 0.0440 0.89 1.11 d 0.0150 0.0200 0.37 0.50 g 0.0701 0.0807 1.78 2.04 h 0.0005 0.0040 0.013 0.100 j 0.0034 0.0070 0.085 0.177 k 0.0140 0.0285 0.35 0.69 l 0.0350 0.0401 0.89 1.02 s 0.0830 0.1039 2.10 2.64 v 0.0177 0.0236 0.45 0.60 sot - 23 d j k l a c b s h g v 12 3 mm inches 0.037 0.95 0.037 0.95 0.079 2.0 0.035 0.9 0.031 0.8 leshan radio company, ltd. l2sa812qlt1g series rev.o 5/5


▲Up To Search▲   

 
Price & Availability of L2SA812QLT3G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X