Part Number Hot Search : 
2SK2312F E103M CT4060 YV26A YV26A LTC3112 BAR64 MTD1N60E
Product Description
Full Text Search
 

To Download IRFP240 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 IRFP240, sihfp240 features ? dynamic dv/dt rating ? repetitive avalanche rated ? isolated central mounting hole ? fast switching ? ease of paralleling ? simple drive requirements ? lead (pb)-free available description third generation power mosfet s from vishay provide the designer with the best combi nation of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. the to-247 package is preferred for commercial-industrial applications where higher power levels preclude the use of to-220 devices. the to-247 is similar but superior to the earlier to-218 package because its isolated mounting hole. it also provides greater creepage distances between pins to meet the requirements of mo st safety specifications. notes a. repetitive rating; pulse width limited by maximum junction temperature (see fig. 11). b. v dd = 50 v, starting t j = 25 c, l = 1.9 mh, r g = 25 , i as = 20 a (see fig. 12). c. i sd 18 a, di/dt 150 a/s, v dd v ds , t j 150 c. d. 1.6 mm from case. product summary v ds (v) 200 r ds(on) ( )v gs = 10 v 0.18 q g (max.) (nc) 70 q gs (nc) 13 q gd (nc) 39 configuration single n -channel mosfet g d s to-247 g d s a v aila b le rohs* compliant ordering information package to-247 lead (pb)-free IRFP240pbf sihfp240-e3 snpb IRFP240 sihfp240 absolute maximum ratings t c = 25 c, unless otherwise noted parameter symbol limit unit drain-source voltage v ds 200 v gate-source voltage v gs 20 continuous drain current v gs at 10 v t c = 25 c i d 20 a t c = 100 c 12 pulsed drain current a i dm 80 linear derating factor 1.2 w/c single pulse avalanche energy b e as 510 mj repetitive avalanche current a i ar 20 a repetitive avalanche energy a e ar 15 mj maximum power dissipation t c = 25 c p d 150 w peak diode recovery dv/dt c dv/dt 5.0 v/ns operating junction and storage temperature range t j , t stg - 55 to + 150 c soldering recommendations (p eak temperature) for 10 s 300 d mounting torque 6-32 or m3 screw 10 lbf in 1.1 n m www.kersemi.com
2 IRFP240, sihfp240 notes a. repetitive rating; pulse width limited by maximum junction temper ature (see fig. 11). b. pulse width 300 s; duty cycle 2 %. thermal resistance ratings parameter symbol typ. max. unit maximum junction-to-ambient r thja -40 c/w case-to-sink, flat, greased surface r thcs 0.24 - maximum junction-to-case (drain) r thjc -0.83 specifications t j = 25 c, unless otherwise noted parameter symbol test conditions min. typ. max. unit static drain-source breakdown voltage v ds v gs = 0 v, i d = 250 a 200 - - v v ds temperature coefficient v ds /t j reference to 25 c, i d = 1 ma - 0.29 - v/c gate-source threshold voltage v gs(th) v ds = v gs , i d = 250 a 2.0 - 4.0 v gate-source leakage i gss v gs = 20 v - - 100 na zero gate voltage drain current i dss v ds = 200 v, v gs = 0 v - - 25 a v ds = 160 v, v gs = 0 v, t j = 125 c - - 250 drain-source on-state resistance r ds(on) v gs = 10 v i d = 12 a b --0.18 forward transconductance g fs v ds = 50 v, i d = 12 a b 6.9 - - s dynamic input capacitance c iss v gs = 0 v, v ds = 25 v, f = 1.0 mhz, see fig. 5 - 1300 - pf output capacitance c oss - 400 - reverse transfer capacitance c rss - 130 - total gate charge q g v gs = 10 v i d = 18 a, v ds = 160 v, see fig. 6 and 13 b --70 nc gate-source charge q gs --13 gate-drain charge q gd --39 turn-on delay time t d(on) v dd = 100 v, i d = 18 a, r g = 9.1 , r d = 5.4 , see fig. 10 b -14- ns rise time t r -51- turn-off delay time t d(off) -45- fall time t f -36- internal drain inductance l d between lead, 6 mm (0.25") from package and center of die contact -5.0- nh internal source inductance l s -13- drain-source body diode characteristics continuous source-drain diode current i s mosfet symbol showing the integral reverse p - n junction diode --20 a pulsed diode forward current a i sm --80 body diode voltage v sd t j = 25 c, i s = 20 a, v gs = 0 v b --2.0v body diode reverse recovery time t rr t j = 25 c, i f = 18 a, di/dt = 100 a/s b - 300 610 ns body diode reverse recovery charge q rr -3.47.1c forward turn-on time t on intrinsic turn-on time is neglig ible (turn-on is dominated by l s and l d ) d s g s d g www.kersemi.com
3 IRFP240, sihfp240 fig. 1 - typical output characteristics, t c = 25 c fig. 2 - typical output characteristics, t c = 150 c fig. 3 - typical transfer characteristics fig. 4 - normalized on-resistance vs. temperature www.kersemi.com
4 IRFP240, sihfp240 fig. 5 - typical capacita nce vs. drain-to-source voltage fig. 6 - typical gate charge vs. gate-to-source voltage fig. 7 - typical source-drain diode forward voltage fig. 8 - maximum safe operating area www.kersemi.com
5 IRFP240, sihfp240 fig. 9 - maximum drain current vs. case temperature fig. 10a - switching time test circuit fig. 10b - switching time waveforms fig. 11 - maximum effective transient thermal impedance, junction-to-case p u lse w idth 1 s d u ty factor 0.1 % r d v gs r g d.u.t. 10 v + - v ds v dd v ds 90 % 10 % v gs t d(on) t r t d(off) t f www.kersemi.com
6 IRFP240, sihfp240 fig. 12a - unclamped inductive test circuit fig. 12b - unclamped inductive waveforms fig. 12c - maximum avalanche energy vs. drain current fig. 13a - basic gate charge waveform fig. 13b - gate charge test circuit r g i as 0.01 t p d.u.t l v ds + - v dd 10 v v ary t p to o b tain re qu ired i as i as v ds v dd v ds t p q gs q gd q g v g charge 10 v d.u.t. 3 ma v gs v ds i g i d 0.3 f 0.2 f 50 k 12 v c u rrent reg u lator c u rrent sampling resistors same type as d.u.t. + - www.kersemi.com
7 IRFP240, sihfp240 fig. 14 - for n-channel p. w . period di/dt diode reco v ery d v /dt ripple 5 % body diode for w ard drop re-applied v oltage re v erse reco v ery c u rrent body diode for w ard c u rrent v gs = 10 v * v dd i sd dri v er gate dri v e d.u.t. i sd w a v eform d.u.t. v ds w a v eform ind u ctor c u rrent d = p. w . period + - + + + - - - * v gs = 5 v for logic le v el de v ices peak diode recovery dv/dt test circuit v dd ? d v /dt controlled b y r g ? dri v er same type as d.u.t. ? i sd controlled b y d u ty factor "d" ? d.u.t. - de v ice u nder test d.u.t. circ u it layo u t considerations ? lo w stray ind u ctance ? gro u nd plane ? lo w leakage ind u ctance c u rrent transformer r g www.kersemi.com


▲Up To Search▲   

 
Price & Availability of IRFP240

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X