Part Number Hot Search : 
PST8436N LC72135M BTS771 HB02110 STK2240 M2015 PC236 HB02110
Product Description
Full Text Search
 

To Download HS250FR05E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ohmite mfg. co. 1-866-9-ohmite ? intl 1-847-258-0300 ? fax 1-847-574-7522 ? www.ohmite.com ? info@ohmite.com 27 the hs/hsn series offers greater power capacity (100 and 250 watts) in the same design format as ohmites 89 series. hs/hsn series maintains the same construction, materi - als, and manufacturing tech - niques as the 89 series. as a made-to-order product, it is recommended for higher vol - ume applications. features ? standard winding (model hs) ? non-inductive winding (model hsn) ? molded construction for total environmental protection ? complete welded construction ? mounts on chassis to utilize heat-sink effect ? high stability at conventional power ratings ? flat marking surface for easy identification ? rohs compliant; add e suffix to part number to specify. hs/hsn series a luminum housed axial t erminal wirewound, industrial/commercial grade specific ations material housing: aluminum with hard anodic coating. internal coating: silicone. core: ceramic. terminals: solder-coated axial derating : linearly from 100% @ +25c to 0% @ +275c. electrical tolerance: 1% and 5% (other tolerances available). power rating: rating is based on chassis mounting area and temperature stability. proper heat sink: 12 x 12 x 0.125 aluminum panel. maximum ohmic values: see chart. overload: 5 times rated wattage for 5 seconds. temperature coefficient: under 1 : 90 ppm/c 1 to 9.99 : 50 ppm/c 10 and over: 30 ppm/c. dielectric withstanding voltage: 4500vac. power rating resistance r ange max. working s eries (watts) (ohms) voltage hs100 100 .05 - 29.4k 1900 hsn100 100 1.0 - 14.7k 1350 hs250 250 .10 - 35.7k 2300 hsn250 250 1.0 - 17.4k 1625 a c d n b f e i h g m k j l a c d n b f e i h g k j l m nickel-plated brass nut, stainless steel stud 25 & 50 watt 100 & 250 watt 100 percent rated watts ambient te mperature, c 60 20 0 0 150 50 275 80 40 25 100 200 250 175 75 125 225 unmounted mounted to aluminum chassis derating curve dimensions hs 100 / hsn100 hs 250 / hsn250 in. (mm) 100 watt 250 watt dim. a 2.75 .010 (69.85 .254) 3.875 .010 (98.425 .254) dim. b 2.25 .010 (57.15 .254) 2.5 .010 (63.50 .254) dim. c 3.50 .031 (88.90 .787) 4.5 .031 (114.30 .787) dim. d 5.478 .093 (139.14 2.36) 6.73 .093 ( 170.94 2.36) dim. e 1.812 .031 (46.02 .787) 2.125 .031 (53.98 .787) dim. f 2.812 .031 (71.42 .787) 3.0 .031 (76.20 .787) dim. g 1.75 .031 (44.45 .787) 2.188 .031 (55.58 .787) dim. h 1.88 .031 (4.78 .787) 0.250 .031 (6.35 .787) dim. i 0.770 .015 (19.56 .381) 0.955 .015 (24.26 .381) dim. j 0.375 .031 (9.52 .787) 0.312 .031 (7.92 .787) dim. k 0.188 .010 (4.78 .254) 0.188 .010 (4.78 .254) dim. l 0.219 .031 (5.56 .787) 0.25 .031 (6.35 .787) dim. m 12 - 24 unc - 2a thd 1/4 - 20 unc - 2a thd dim. n 0.989 .031 (25.12 .787) 1.25 .031 (31.75 .787) ordering inf ormation hsn 100jr05e series ohms r05 = 0.05? 1r0 = 1.0 ? 10r =1 0? 100 = 100 ? 10k = 10,000 ? 14k7 = 14,700? rohs compliant tolerance f = 1% j = 5% k=10% non-inductive winding optional (blank = std. winding) wattage 100 250 check product availability at www.ohmite.com t o see the latest in resistor technology click on the whats n ew tab at ohmite.com
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: ohmite: ? hs100f1r0e? hs250j1r0e? hs250jr05e? hs250f10re? hs100f14k7e? hs100f10re? hs100fr05e? hs100j100e? hs100j1r0e? hs250j100e? hs250j10re? hs250j10ke? hs100j14k7e? hs250f14k7e? hs100j10re ? hs100f10ke? hs250f100e? hs250f1r0e? hs100f100e? hs100jr05e? hs250f10ke? HS250FR05E? hs100j10ke ? hs250j14k7e? hs250f20r? hs250f135e? hsn250f2r5e


▲Up To Search▲   

 
Price & Availability of HS250FR05E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X