GEP-1020 ???? ??: 1 8 ge poe-plus + 2 ge sfp ???, 150w levelone GEP-1020 provides 8 x 10/100/1000base-t poe-plus ports and 2 x 1000base-x sfp (small form factor pluggable) slots. this switch is ieee 802.3af/at compliant, providing power and data over a single ethernet cable to any poe device, with total power budget of 150w, up to 30w per port. together with energy efficient ethernet (ieee 802.3az) standard compliant, it substantially lower power consumption during periods of low-link utilization. moreover, supports gigabit ethernet connectivity with 9k jumbo frames for network performing enhancement. ideal for small businesses that prefers an affordable solution for poe deploying infrastructure. key features - 8 poe-plus gigabit ethernet ports and 2 gigabit sfp slots - 1000mbps-full-duplex, 10/100mbps-full/half-duplex, auto-negotiation, auto-mdi/mdix - ?? ? ??? ????? ?? ieee 802.3af / at poe ??? ?? - ??? ?? ??? ????? 9k ?? ??? - 8k mac ?? ?? ?? ? ?? ??? ?? - ??? poe ??? ?? ?? ? ?? - ??? ?? ??? ??? ?? ieee 802.3x ??? ??? ?? ??? ?? - ?? ??? ?? ??? ?? ???? ???(ieee 802.3az) - 19 ?? ??? ?? ?? - ? poe ?? ??: 150w, ??? ?? 30w www.level1.com page 1 of 4
highlight cost effectiveness and enhanced flexibility featuring power over ethernet plus (poe+) technology (ieee 802.3at), which nearly doubles the power delivery comparing to the ieee 802.3af poe technology. furthermore, it ensures that the power is used more efficiently due to the maximum power will only be requested when it is needed. thus providing great cost savings by reducing power bills and eliminating the need for additional power cables and outlets. eco-conscious design levelone is always committed to providing significant energy savings products. with the implementation of the advanced energy efficiency technology (ieee 802.3az), allowing for monitoring the link status of each port. therefore reducing power consumption if a connected device is not active at a certain period of time. in this way, the power can be saved and utilized more effectively. ?? ?? fcs-5061 ??/??? 5-???? poe-plus ?? ???? ??? wap-6013 300mbps wireless access point ???? system specifications buffer memory (kb): 512kb connectors and cabling: - 8 x 10/100/1000base-t rj-45 poe-plus ports - 2 x 100/1000base-x sfp slots indicator: power; link/active; poe transmission method: store-and-forward power: power consumption: < 150w power input: 100-240v ac, 50-60 hz, internal power supply standards & protocols: ieee 802.3 10-base-t, ethernet ieee 802.3u 100-base-tx, fast ethernet ieee 802.3ab 1000base-t, gigabit ethernet ieee 802.3x flow control (full-duplex flow control) ieee 802.3af power over ethernet (poe) ieee 802.3at power over ethernet plus (poe+) ieee 802.3az energy-efficient ethernet physical specifications dimensions (w x d x h mm): 280 x 215 x 44 mm www.level1.com page 2 of 4
weight (g): 2300g performance backplane (gbps): 16gbps mac address table: 8k data transfer rate: 10/100/1000mbps packet forwarding rate: 1000mbps port - 1,488,000pps 100mbps port - 148,000pps 10mbps port - 14,880pps jumbo frame (k): 9kb features general: flow control: half duplex - backpressure; full duplex - pause frame poe: power budget: max. 140w power output: up to 30w per port protection: circuit protection to prevent power interference between ports pin assignment: 1/2(+), 3/6(-) environment power saving: ieee 802.3az energy efficient ethernet: - automatically turns power off on rj-45 port when detecting link down or idle of client - cable length detection: adjusts the signal strength based on the cable length - reduces the power consumption for cables shorter temperature (c): operating: 0c ~ 40c storage: -40c ~ 70c humidity (non-condensing): storage: 5% ~ 90% operating: 5% ~ 90% others approval and compliance: fcc part 15 class a, ce deployment: 19-inch rack-mountable www.level1.com page 3 of 4
?? order information GEP-1020 package contents power cord 19" rackmount kit quick installation guide no responsibility for any errors or omissions. all mentioned brand names are registered trademarks and property of their owners. copyright ? digital data communications gmbh, germany. all rights reserved. powered by tcpdf (www.tcpdf.org) www.level1.com page 4 of 4
|