Part Number Hot Search : 
T87C5101 2SD2461 BCM8022 LTC24 8018SA LT1017CS HD1A4M 000AE
Product Description
Full Text Search
 

To Download FTS-105-02-S-SV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  do not scale from this print .034 ref 0.86 no of positions -02 thru -50 tail option -s: single row through hole (see fig. 1) -sv: single row vertical surface mount (see fig. 2) lead style -01: .120 [3.05] post height -02: .075 [1.91] post height -03: .065 [1.65] post height plating specification -l: light selective, 10 au / 50 ni min on contact, matte tin tail -f: flash selective, 3 au / 50 ni min on contact, matte tin tail -h: heavy gold, 30 au /50 ni min on contact, 3 au / 50 ni min on tail -s: selective, 30 au / 50 ni min on contact, matte tin tail fts-1xx-xx-x-xx (see table 1) 'a' .005 [.13] .090 2.29 (see note 3) .016 sq ref 0.41 (see note 6) contact area -.0500 [1.27] (no. of pos x .0500 [1.27]) (no. of pos x .0500 [1.27]) -.0500 [1.27] 2 max sway any direction fig. 2 (different as shown, otherwise same as fig. 1) t-1s15-02-x fig. 1 02 03 01 see note 8 .180 .010 4.57 0.25 (see note 3) .050 - .000 + .005 1.27 0.00 + 0.13 (see note 4) 90 3 2 max sway any direction c3 c4 fig.3 (see note 5) pt-1-24-01-57 pt-1-24-02-57 c2 .004 [.10] .085 ref 2.16 (no. of pos x .0500 [1.27] ) .010 [.25] .050 ref 1.27 01 50 fts-xx-sv c1 v notes: 1. represents a critical dimension. 2. parts may be cut to position. 3. shear tails to dimension shown. 4. measured at bend radius, not at end of pin. 5. tube only -05 through -50 positions; layer package -02 through -04 positions 6. gold plating to be on post, tin plating to be on tail. 7. maximum cut flash: .015 [.38] 8. use t-1s26-03-x for machine fill and t-1s15-03-x for hand fill. 9. minimum pin retention: .5 lb 10. fill body so that the lead in on the core is on the tail side. c sheet of unless otherwise specified, dimensions are in inches. tolerances are: decimals angles .xx: .01 [.3] 2 .xxx: .005 [.13] .xxxx: .0020 [.051] material: .050 c.l. low profile terminal strip assembly by: fts-1xx-xx-x-xx dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing bratcher 6-8-95 1 1 sheet scale: 5:1 insulator: lcp, ul 94 vo color: black terminal: phos bronze f:\dwg\misc\mktg\fts-1xx-xx-x-xx-mkt.slddrw 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail info@samtec.com code 55322 revision v


▲Up To Search▲   

 
Price & Availability of FTS-105-02-S-SV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X