Part Number Hot Search : 
BCX41 M6321 MK316B H2613 KBU25 LT100 HS1DA HZ5A1
Product Description
Full Text Search
 

To Download FQU2N60CTU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 www.fairchildsemi.com ?2009 fairchild semiconductor corporation fqd2n60c / fqu2n60c rev. c0 fqd2n60c / fqu2n60c n-channel qfet ? mosfet fqd2n60c / fqu2n60c n-channel qfet ? mosfet 600 v, 1.9 a, 4.7 ? features ? 1.9 a, 600 v, r ds(on) = 4.7 ? (max .) @ v gs = 10 v, i d = 0.95 a ? low gate charge (typ. 8.5 nc) ? low crss (typ. 4.3 pf) ? 100% avalanche tested ? rohs compliant description this n-channel enhancement mode power mosfet is produced using fairchild semiconductor ? s proprietary planar stripe and dmos technology. this advanced mosfet technology has been especially tailored to reduce on-state resistance, and to provide superior switching performance and high avalanche energy strength. these devices are suitable for switched mode power supplies, active power factor correction (pfc), and electronic lamp ballasts. absolute maximum ratings thermal characteristics * when mounted on the minimum pad size recommended (pcb mount) ! !! ! ! !! ! ! !! ! ? ?? ? ! !! ! ! !! ! ! !! ! ? ?? ? s d g i-pak d-pak symbol parameter fqd2n60c / fqu2n60c unit v dss drain-source voltage 600 v i d drain current - continuous (t c = 25c) 1.9 a - continuous (t c = 100c) 1.14 a i dm drain current - pulsed (note 1) 7.6 a v gss gate-source voltage 30 v e as single pulsed avalanche energy (note 2) 120 mj i ar avalanche current (note 1) 1.9 a e ar repetitive avalanche energy (note 1) 4.4 mj dv/dt peak diode recovery dv/dt (note 3) 4.5 v/ns p d power dissipation (t a = 25c)* 2.5 w power dissipation (t c = 25c) 44 w - derate above 25c 0.35 w/c t j , t stg operating and storage temperature range -55 to +150 c t l maximum lead temperature for soldering purposes, 1/8 " from case for 5 seconds 300 c symbol parameter fqd2n60c / fqu2n60c unit r jc thermal resistance, junction-to-case , max. 2.87 c / w r ja thermal resistance, junction-to-ambient* 50 c / w r ja thermal resistance, junction-to-ambient , max. 110 c / w april 2013 g s d g d s
2 package marking and ordering information electrical characteristics t c = 25c unless otherwise noted notes: 1. repetitive rating : pulse width limited by maximum junction temperature 2. l = 56mh, i as = 2a, v dd = 50v, r g = 25 ?, starting t j = 25c 3. i sd 2a, di/dt 200a/ s, v dd bv dss, starting t j = 25c 4. pulse test : pulse width 300 s, duty cycle 2% 5. essentially independent of operating temperature device marking device package reel size tape width quantity fqd2n60c fqd2n60c d-pak - - fdu2n60c fdu2n60c i-pak - - symbol parameter test conditions min typ max unit off characteristics bv dss drain-source breakdown voltage v gs = 0 v, i d = 250 a 600 -- -- v ? bv dss / ? t j breakdown voltage temperature coefficient i d = 250 a, referenced to 25c -- 0.6 -- v/c i dss zero gate voltage drain current v ds = 600 v, v gs = 0 v -- -- 1 a v ds = 480 v, t c = 125c -- -- 10 a i gssf gate-body leakage current, forward v gs = 30 v, v ds = 0 v -- -- 100 na i gssr gate-body leakage current, reverse v gs = -30 v, v ds = 0 v -- -- -100 na on characteristics v gs(th) gate threshold voltage v ds = v gs , i d = 250 a2 . 0- -4 . 0v r ds(on) static drain-source on-resistance v gs = 10 v, i d = 0.95 a -- 3.6 4.7 ? g fs forward transconductance v ds = 40 v, i d = 0.95 a (note 4) -- 5.0 -- s dynamic characteristics c iss input capacitance v ds = 25 v, v gs = 0 v, f = 1.0 mhz -- 180 235 pf c oss output capacitance -- 20 25 pf c rss reverse transfer capacitance -- 4.3 5.6 pf switching characteristics t d(on) turn-on delay time v dd = 300 v, i d = 2 a, r g = 25 ? (note 4, 5) -- 9 28 ns t r turn-on rise time -- 25 60 ns t d(off) turn-off delay time -- 24 58 ns t f turn-off fall time -- 28 66 ns q g total gate charge v ds = 480 v, i d = 2 a, v gs = 10 v (note 4, 5) -- 8.5 12 nc q gs gate-source charge -- 1.3 -- nc q gd gate-drain charge -- 4.1 -- nc drain-source diode characteristics and maximum ratings i s maximum continuous drain-source diode forward current -- -- 1.9 a i sm maximum pulsed drain-source diode forward current -- -- 7.6 a v sd drain-source diode forward voltage v gs = 0 v, i s = 1.9 a -- -- 1.4 v t rr reverse recovery time v gs = 0 v, i s = 2 a, di f / dt = 100 a/ s (note 4) -- 230 -- ns q rr reverse recovery charge -- 1.0 -- c fqd2n60c / fqu2n60c n-channel qfet ? mosfet www.fairchildsemi.com ?2009 fairchild semiconductor corporation fqd2n60c / fqu2n60c rev. c0
3 typical performance characteristics figure 1. on-region characteristics figure 2. transfer characteristics figure 3. on-resistance variation vs. figure 4. body diode forward voltage drain current and gate voltage variation vs. source current and temperatue figure 5. capacitance characteristics figure 6. gate charge characteristics 10 -1 10 0 10 1 10 -2 10 -1 10 0 v gs top : 15.0 v 10.0 v 8.0 v 7.0 v 6.5 v 6.0 v 5.5 v 5.0 v bottom : 4.5 v notes : 1. 250 s pulse test 2 . t c = 25 i d , drain current [a] v ds , drain-source voltage [v] 24681 0 10 -1 10 0 10 1 150 o c 25 o c -55 o c notes : 1. v ds = 40v 2. 250 s pulse test i d , drain current [a] v gs , gate-source voltage [v] 012345 0 2 4 6 8 10 12 v gs = 20v v gs = 10v note : t j = 25 r ds(on) [? ], drain-source on-resistance i d , drain current [a] 0.2 0.4 0.6 0.8 1.0 1.2 1.4 10 -1 10 0 150 notes : 1. v gs = 0v 2. 250 s pulse test 25 i dr , reverse drain current [a] v sd , source-drain voltage [v] 10 -1 10 0 10 1 0 50 100 150 200 250 300 350 400 450 500 c iss = c gs + c gd (c ds = shorted) c os s = c ds + c gd c rss = c gd notes ; 1. v gs = 0 v 2. f = 1 mhz c rss c oss c iss capacitance [pf] v ds , drain-source voltage [v] 024681 0 0 2 4 6 8 10 12 v ds = 300v v ds = 120v v ds = 480v note : i d = 2a v gs , gate-source voltage [v] q g , total gate charge [nc] fqd2n60c / fqu2n60c n-channel qfet ? mosfet www.fairchildsemi.com ?2009 fairchild semiconductor corporation fqd2n60c / fqu2n60c rev. c0
4 typical performance characteristics (continued) figure 7. breakdown voltage variation figure 8. on-resistance variation vs. temperature vs. temperature figure 9. maximum safe operating area figure 10. maximum drain current vs. case temperature figure 11. typical drain current slope figure 12. typical drain-source voltage vs. gate resistance slope vs. gate resistance -100 -50 0 50 100 150 200 0.8 0.9 1.0 1.1 1.2 notes : 1. v gs = 0 v 2. i d = 250 a bv dss , (normalized) drain-source breakdown voltage t j , junction temperature [ o c] -100 -50 0 50 100 150 200 0. 0 0. 5 1. 0 1. 5 2. 0 2. 5 3. 0 notes : 1. v gs = 10 v 2. i d = 0.95 a r ds(on) , (normalized) drain-source on-resistance t j , junction temperature [ o c] 10 0 10 1 10 2 10 3 10 -2 10 -1 10 0 10 1 100 ms dc 10 ms 1 ms 100 s operation in this area is limited by r ds(on) notes : 1. t c = 25 o c 2. t j = 150 o c 3. single pulse i d , drain current [a] v ds , drain-source voltage [v] 25 50 75 100 125 150 0.0 0.4 0.8 1.2 1.6 2.0 i d , drain current [a] t c , case temperature [ ] 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 -1 10 0 notes : 1. z jc (t) = 2.87 /w max. 2. d uty factor, d =t 1 /t 2 3. t jm - t c = p dm * z jc (t) single pulse d=0.5 0.02 0.2 0.05 0.1 0.01 z jc (t), thermal response t 1 , square w ave pulse duration [sec] t 1 p dm t 2 fqd2n60c / fqu2n60c n-channel qfet ? mosfet www.fairchildsemi.com ?2009 fairchild semiconductor corporation fqd2n60c / fqu2n60c rev. c0
5 gate charge test circuit & waveform resistive switching test circuit & waveforms unclamped inductive switching test circuit & waveforms charge v gs 10v q g q gs q gd 3ma v gs dut v ds 300nf 50k 200nf 12v same type as dut charge v gs 10v q g q gs q gd 3ma v gs dut v ds 300nf 50k 200nf 12v same type as dut v gs v ds 10% 90% t d( on) t r t on t off t d(off) t f v dd 10v v ds r l dut r g v gs v gs v ds 10% 90% t d( on) t r t on t off t d(off) t f v dd 10v v ds r l dut r g v gs e as =li as 2 ---- 2 1 -------------------- bv dss -v dd bv dss v dd v ds bv dss t p v dd i as v ds (t) i d (t) time 10v dut r g l i d t p e as =li as 2 ---- 2 1 e as =li as 2 ---- 2 1 ---- 2 1 -------------------- bv dss -v dd bv dss v dd v ds bv dss t p v dd i as v ds (t) i d (t) time 10v dut r g l l i d i d t p fqd2n60c / fqu2n60c n-channel qfet ? mosfet www.fairchildsemi.com ?2009 fairchild semiconductor corporation fqd2n60c / fqu2n60c rev. c0
6 peak diode recovery dv/dt test circuit & waveforms dut v ds + _ driver r g same type as dut v gs ? dv/dt controlled by r g ?i sd controlled by pulse period v dd l i sd 10v v gs ( driver ) i sd ( dut ) v ds ( dut ) v dd body diode forward voltage drop v sd i fm , body diode forward current body diode reverse current i rm body diode recovery dv/dt di/dt d = gate pulse width gate pulse period -------------------------- dut v ds + _ driver r g same type as dut v gs ? dv/dt controlled by r g ?i sd controlled by pulse period v dd l l i sd 10v v gs ( driver ) i sd ( dut ) v ds ( dut ) v dd body diode forward voltage drop v sd i fm , body diode forward current body diode reverse current i rm body diode recovery dv/dt di/dt d = gate pulse width gate pulse period -------------------------- d = gate pulse width gate pulse period -------------------------- fqd2n60c / fqu2n60c n-channel qfet ? mosfet www.fairchildsemi.com ?2009 fairchild semiconductor corporation fqd2n60c / fqu2n60c rev. c0
mechanical dimensions dimensions in millimeters d-pak fqd2n60c / fqu2n60c n-channel qfet ? mosfet 7 www.fairchildsemi.com ?2009 fairchild semiconductor corporation fqd2n60c / fqu2n60c rev. c0
mechanical dimensions i-pak dimensions in millimeters fqd2n60c / fqu2n60c n-channel qfet ? mosfet 8 www.fairchildsemi.com ?2009 fairchild semiconductor corporation fqd2n60c / fqu2n60c rev. c0
trademarks the following includes registered and unregistered trademarks and service marks, owned by fairchild semiconductor and/or its gl obal subsidiaries, and is not intended to be an exhaustive list of all such trademarks. *trademarks of system general corporation, used under license by fairchild semiconductor. disclaimer fairchild semiconductor reserves the right to make changes with out further notice to any products herein to improve reliability, function, or design. fairchild does not assume any liability arising out of th e application or use of any product or circuit described herein; neither does it convey an y license under its patent rights, nor the rights of others. these specifications do not expand the terms of fairchild?s worldwide terms and conditio ns, specifically the warranty therein, which covers these products. life support policy fairchild?s products are not authorized fo r use as critical components in life support devices or systems without the express written approval of fa irchild semiconductor corporation. as used here in: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform w hen properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. a critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms 2cool? accupower? ax-cap ? * bitsic? build it now? coreplus? corepower? crossvolt ? ctl? current transfer logic? deuxpeed ? dual cool? ecospark ? efficentmax? esbc? fairchild ? fairchild semiconductor ? fact quiet series? fact ? fast ? fastvcore? fetbench? fps? f-pfs? frfet ? global power resource sm green bridge? green fps? green fps? e-series? g max ? gto? intellimax? isoplanar? marking small speakers sound louder and better? megabuck? microcoupler? microfet? micropak? micropak2? millerdrive? motionmax? mwsaver? optohit? optologic ? optoplanar ? powertrench ? powerxs? programmable active droop? qfet ? qs? quiet series? rapidconfigure? saving our world, 1mw/w/kw at a time? signalwise? smartmax? smart start? solutions for your success? spm ? stealth? superfet ? supersot?-3 supersot?-6 supersot?-8 supremos ? syncfet? sync-lock? ?* tinyboost? tinybuck? tinycalc? tinylogic ? tinyopto? tinypower? tinypwm? tinywire? transic ? trifault detect? truecurrent ? * serdes? uhc ? ultra frfet? unifet? vcx? visualmax? voltageplus? xs? ? ? datasheet identification product status definition advance information formative / in design datasheet contains the design specifications for product development. specifications may change in any manner without notice. preliminary first production datasheet contains preliminary data; supplementary data will be published at a later date. fairchild semiconductor reserves the ri ght to make changes at any time without notice to improve design. no identification needed full production datasheet contains final specifications. fair child semiconductor reserves the right to make changes at any time without notice to improve the design. obsolete not in production datasheet contains specifications on a product that is discontinued by fairchild semiconductor. the datasheet is for reference information only. anti-counterfeiting policy fairchild semiconductor corporation?s anti-counterfeiting policy. fairchild?s anti-counterfeiting policy is also stated on our external website, www.fairchildsemi.com, under sales support . counterfeiting of semiconductor parts is a growing problem in th e industry. all manufactures of semiconductor products are expe riencing counterfeiting of their parts. customers who inadvertently purchase counterfeit parts ex perience many problems such as loss of brand reputation, substa ndard performance, failed application, and increased cost of production and manufacturing dela ys. fairchild is taking strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. fairchild strongly encourages customers to purchase fairchild parts either directly from fa irchild or from authorized fairchild distributors who are listed by country on our web page cited above . products customers buy either from fairchild directly or fr om authorized fairchild distributors are genuine parts, have full traceability, meet fairchild?s quality standards for handing and storage and provide access to fairchild?s full range of up-to-date technical and product information. fairchild and our authorized distributors will stand behind all warranties and wi ll appropriately address and warranty issues that may arise. fairchild will not provide any warranty coverage or other assistance for parts bought from unau thorized sources. fairchild is committed to combat this global problem and encourage our customer s to do their part in stopping th is practice by buying direct or from authorized distributors. rev. i64 tm ? fqd2n60c / fqu2n60c n-channel qfet ? mosfet 9 www.fairchildsemi.com ?2009 fairchild semiconductor corporation  fqd2n60c / fqu2n60c rev. &


▲Up To Search▲   

 
Price & Availability of FQU2N60CTU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X