Part Number Hot Search : 
74AUC PAL16L8A C0201 B66233 K1643 ADG608BN B8806 P315D00
Product Description
Full Text Search
 

To Download ERJP030603 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  design and speci cations are each subject to change without notice. ask factory for the current technical speci cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. anti-surge thick film chip resistors & 1 3 2 + 3 1 4  5  6 % 7  8  9  10  11 7 12 thick film chip resistors product code size, power rating type: inch p03 : 0603 pa3 : 0603 p06 : 0805 p08 : 1206 p14 : 1210 power r. 0.2 w 0.25 w 0.25 w 0.33 w 0.5 w resistance tolerance code d f j tolerance 0.5 % 1 % 5 % the ?rst two or three digits are signi?cant ?gures of resistance and the third or 4th one denotes number of zeros following. three digit type (5%), four digit type (1%, 0.5%) example: 2222.2 k?, 100210 k? resistance value packaging methods code v u type erjp03 erjpa3 erjp06 erjp08 erjp14 packaging punched carrier taping 4 mm pitch, 5,000 pcs. embossed carrier taping 4 mm pitch, 5,000 pcs. & 1 3 2 + 3 1 4  5 8 6 ' 7  8  9  10  11 7 12 thick film chip resistors product code size, power rating type: inch p6w : 0805 power r. 0.5 w resistance tolerance code f j tolerance 1 % 5 % the ?rst two or three digits are signi?cant ?gures of resistance and the third or 4th one denotes number of zeros following. three digit type (5%), four digit type (1%) example: 222 2.2 k? , 1002 10 k? resistance value packaging methods code v packaging punched carrier taping 4 mm pitch, 5,000 pcs. anti-surge thick film chip re sis tors 0603, 0805, 1206, 1210, 0805 type: erj p03, pa3, p06, p08, p14 erj p6w features esd surge characteristics superior to standard metal ? lm resistors high reliability metal glaze thick ? lm resistive el ement and three layers of electrodes suitable for both re? ow and ? ow soldering high power 0.2 w : 1608(0603) size(erjp03) 0.25 w : 1608(0603) size(erjpa3), 2012(0805) size(erjp06) 0.33 w : 3216(1206) size(erjp08) 0.5 w : 3225(1210) size(erjp14), double-sided resistive elements structure 2012(0805) size(erjp6w) reference standards iec 60115-8, jis c 5201-8, eiaj rc-2134b rohs compliant explanation of part numbers  erjp03, pa3, p06, p08, p14  erjp6w(double-sided resistive elements structure)  packaging methods, land pattern, soldering conditions and safety precautions please see data files apr. 2013 04 19
anti-surge thick film chip resistors design and speci cations are each subject to change without notice. ask factory for the current technical speci cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. C40 C20 0 20 40 60 80 100 120 140 160 0 180 C60 70 c C55 c 20 40 60 80 100 rated load (%) ambient temperature (c) 155 c 125 c a b t w l ratings (1) rated continuous working voltage (rcwv) shall be de ter mined from rcwv= power rating re sis tance values, or limiting element voltage list ed above, whichever less. (2) overload (short-time overload) test voltage (sotv) shall be de termined from sotv=2.5 power rating or max. over load volt age list ed above which ev er less. type (inch size) power rating at 70 c (w) limiting ele ment voltage (1) (v) maximum overload voltage (2) (v) resistance tolerance (%) resistance range ( ) t. c.r. ( 10 C6 /c) category t emperature range (c) er jp03 (0603) 0.2 150 200 0.5 10 to 1 m (e24, e96) 15 0 C5 5 to +155 1 10 to 1 m (e24, e96) 200 5 1 to 1 m (e24) r < 10  C150 to +400 10  <  r   200 erjpa3 (0603) 0.25 150 200 0.5, 1 1 0 to 1 m (e24, e96) 10 0 C55 to +155 5 1 t o 1.5 m (e24) 200 erjp06 (0805) 0.25 400 600 0.5, 1 1 0 to 1 m (e24, e96) r < 33   300 33  <  r   100 C55 to +155 5 1 to 3.3 m (e24) r < 10  C100 to +600 10  <  r < 33   300 33  <  r   200 erjp6w (0805) 0.5 150 200 1 10 to 1 m (e24, e96) 200 C5 5 to +155 5 1 to 1 m (e24) r < 10  C100 to +600 10  <  r   200 erjp08 (1206) 0.33 500 1000 0.5, 1 1 0 to 1 m (e24, e96) 10 0 C55 to +155 5 1 t o 10 m (e24) r < 10  C100 to +600 10  <  r  200 erjp14 (1210) 0.5 200 400 0.5, 1 10 to 1 m (e24, e96) 10 0 C55 to +155 5 1 t o 1 m (e24) r < 10  C100 to +600 10  <  r  200 power derating curve for resistors operated in ambient temperatures above 70 c, power rating shall be derated in accordance with the ? gure on the right. ? when the temperature of erjp06/08/14 is 155 c or less, the derating start temperature can be changed to 125 c. (see the dotted line) thick ? lm resistive element electrode (inner) electrode (outer) electrode (between) alumina substrate protective coating construction dimensions in mm (not to scale) type (inch size) dimensions (mm) mass (weight) [g/1000 pcs.] lwa b t erjp03 (0603) 1.60 0.15 0.80 +0.15 0.15 +0.15 0.30 0.15 0.45 0.10 2 erjpa3 (0603) 1.60 0.15 0.80 +0.15 0.15 +0.15 0.25 0.10 0.45 0.10 2 erjp06 (0805) 2.00 0.20 1.25 0.10 0.25 0.20 0.40 0.20 0.60 0.10 4 erjp6w (0805) 2.00 0.20 1.25 0.20 0.35 0.20 0.35 0.20 0.65 0.10 6 erjp08 (1206) 3.20 +0.05 1.60 +0.05 0.40 0.20 0.50 0.20 0.60 0.10 10 erjp14 (1210) 3.20 0.20 2.50 0.20 0.35 0.20 0.50 0.20 0.60 0.10 16 C0.20 C0.15 C0.05 C0.10 C0.05 C0.10 apr. 2013 04 20
design and speci cations are each subject to change without notice. ask factory for the current technical speci cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. anti-surge thick film chip resistors $ibohf3bujppg 3ftjtubodf7bmvf $ibohf3bujppg 3ftjtubodf7bmvf $ibohf3bujppg 3ftjtubodf7bmvf $ibohf3bujppg 3ftjtubodf7bmvf 10? -30% -25% -15% -10% -5% 0% 5% -20% 100? 1k? 10k? 100k? 1m? 10? -30% -25% -15% -10% -5% 0% 5% -20% 100? 1k? 10k? 100k? 1m? 10? -30% -25% -15% -10% -5% 0% 5% -20% 100? erjp03, pa3(1608 (0603) size) erjp08(3216 (1206) size) erjp06, erjp6w (2012 (0805) size) erjp14(3225 (1210) size) 1k? 10k? 100k? 1m? 10? -30% -25% -15% -10% -5% 0% 5% -20% 100? 1k? 10k? 100k? 1m? erj erjp erj erjp erj erjp erj erjp03 erjpa3 esd characteristic r=0?(1.5 k?)/150?(>1.5 k?) c=150pf sample 3.0kv anti-surge thick film chip resistors(erjp type) thick film chip resistors(erj type) apr. 2013 04 21
anti-pulse thick film chip resistors design and speci cations are each subject to change without notice. ask factory for the current technical speci cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. & 1 3 2 + 3 5 4  5  6 + 7  8  9  10 11 7 thick film chip resistors product code size, power rating type: inch t06 : 0805 t08 : 1206 t14 : 1210 power r. 0.25 w 0.33 w 0.5 w resistance tolerance code j tolerance 5 % the ?rst two digits are signi?cant ?gures of resistance and the third one denotes number of zeros following. example: 2222.2 k? resistance value packaging methods code v u type erjt06 erjt08 erjt14 packaging punched carrier taping 4 mm pitch, 5,000 pcs. embossed carrier taping 4 mm pitch, 5,000 pcs. a b t w l anti-pulse thick film chip re sis tors 0805, 1206, 1210 type: erj t06, t08, t14 features anti-pulse characteristics high pulse characteristics achieved by the optimized trimming speci? cations high reliability metal glaze thick ? lm resistive el ement and three layers of electrodes suitable for both re? ow and ? ow soldering high power 0.25 w : 2012(0805) size 0.33 w : 3216(1206) size 0.5 w : 3225(1210) size reference standards iec 60115-8, jis c 5201-8, eiaj rc-2134b rohs compliant explanation of part numbers type (inch size) dimensions (mm) mass (weight) [g/1000 pcs.] lwa b t erjt06 (0805) 2.00 0.20 1.25 0.10 0.25 0.20 0.40 0.20 0.60 0.10 4 erjt08 (1206) 3.20 +0.05 1.60 +0.05 0.40 0.20 0.50 0.20 0.60 0.10 10 erjt14 (1210) 3.20 0.20 2.50 0.20 0.35 0.20 0.50 0.20 0.60 0.10 16 C0.15 thick ? lm resistive element electrode (inner) electrode (outer) electrode (between) alumina substrate protective coating construction dimensions in mm (not to scale) C0.20  packaging methods, land pattern, soldering conditions and safety precautions please see data files aug. 2012 02 22
design and speci cations are each subject to change without notice. ask factory for the current technical speci cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. anti-pulse thick film chip resistors C40 C20 0 20 40 60 80 100 120 140 160 0 180 C60 70 c C55 c 20 40 60 80 100 rated load (%) ambient temperature (c) 155 c pulse duration t (msec) limiting power : pp (w) pulse duration t (msec) pulse duration t (msec) limiting power : pp (w) limiting power : pp (w) 1 10 100 1 10 100 1000 1 10 100 1 10 100 1000 1 10 100 1000 1 10 100 1000 period time : 10 s pulse duration : t 0 pp limiting power "ouj1vmtf5ijdl'jmn$ijq3ftjtupst &3+55zqf
5ijdl'jmn$ijq3ftjtupst &3+5zqf
ratings (1) rated continuous working voltage (rcwv) shall be de ter mined from rcwv= power rating re sis tance values, or limiting element voltage list ed above, whichever less. (2) overload (short-time overload) test voltage (sotv) shall be de termined from sotv=2.5 power rating or max. over load volt age list ed above which ev er less. type (inch size) power rating at 70 c (w) limiting ele ment voltage (1) (v) maximum overload voltage (2) (v) resistance tolerance (%) resistance range ( ) t. c.r. ( 10 C6 /c) category t emperature range (c) er jt06 (0805) 0.25 150 200 5 1 to 1 m (e24) le ss than 10 : C100 to +600 less than 33 : 300 more than 33 : 200 C55 to +155 erjt08 (1206) 0.33 200 400 5 1 to 1 m (e24) less than 10 : C100 to +600 more than 10 : 200 C55 to +155 erjt14 (1210) 0.5 200 400 5 1 to 1 m (e24) less than 10 : C100 to +600 more than 10 : 200 C55 to +155 power derating curve f or resistors operated in ambient temperatures above 70 c, power rating shall be derated in accordance with the ? gure on the right. limiting power curve in rush pulse characteristic erjt06 (2012 (0805) size) erjt08 (3216 (1206) size) erjt14 (3225 (1210) size) t est cycle : 1000 cycles spec : resistance value = within 5% aug. 2012 02 23


▲Up To Search▲   

 
Price & Availability of ERJP030603

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X