Part Number Hot Search : 
SA30A 2SA1689 SF10A400 IN4045R 13130 2SA1689 NTE21 LT450BW
Product Description
Full Text Search
 

To Download ECHU11223JC9 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  design, specifications are subject to change without notice. ask factory for technical specifications before purchase and/or use . whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. '$ plastic film capacitors stacked metallized pps film chip capacitor type: echu(c) stacked metallized pps film as dielectric with simple mold-less construction features small in size low loss and excellent frequency characteristics for reflow soldering rohs directive compliant recommended applications time-constant filtering oscillation and resonance resonance circuit for lcd backlight inverter unit explanation of numbers 1234567891011 e c h u 1 product code dielectric & construction rated voltage capacitance c cap. tol. suffix suffix 1 100 vdc 9 12 mm v 16 mm tape width specifications ? in case of applying voltage in alternating current (50 hz or 60 hz sine wave) to a capacitor with dc rated voltage, please refer to the page of ?ermissible voltage (r.m.s) in alternating current corresponding to dc rated voltage? category temp. range (including temperature-rise on unit surface) 55 ? to 105 ? 100 vdc 0.010 ? to 0.22 ?(e12) 2 %(g), 5 %(j) between terminals : rated volt. (vdc) ? 150 % 60 s tan? 0.6 % (20 ? , 1 khz) ir? 3000 "
(20 ? , 100 vdc, 60 s) reflow soldering : 260 ?c max. and 95 s max. at more than 220 ?c (temp. at cap. surface) rated voltage capacitance range capacitance tolerance withstand voltage dissipation factor (tan ) insulation resistance (ir) soldering conditions g 2 % j 5 % p ? ? ? p1 ?32 12.11.14 20:49 y [ w 18
design, specifications are subject to change without notice. ask factory for technical specifications before purchase and/or use . whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. '$ plastic film capacitors construction dimensions in mm (not to scale) recommended for land dimensions (mm) taping specification for automatic mounting refer to the page of taping specifications. rating, dimensions & quantity/reel capacitance tolerance: 2 % (g), 5 % (j) size code e1 4.8 3.3 1.4 e2 4.8 3.3 2.0 e3a 4.8 3.3 2.4 e3 4.8 3.3 2.8 d1 6.0 4.1 1.8 d2 6.0 4.1 2.0 d3 6.0 4.1 2.4 d4 6.0 4.1 2.8 d5 6.0 4.1 3.2 z 7.1 5.0 ? y 7.1 6.3 ? ? refer to the column rating,dimensions&quantity lwh 0.010 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.10 0.12 0.15 0.18 0.22 echu1103 ?c9 echu1123 ?c9 echu1153 ?c9 echu1183 ?c9 echu1223 ?c9 echu1273 ?c9 echu1333 ?c9 echu1393 ?c9 echu1473 ?c9 echu1563 ?c9 echu1683 ?c9 echu1823 ?c9 echu1104 ?c9 echu1124 ?c9 echu1154 ?cv echu1184 ?cv echu1224 ?cv 4.8 4.8 4.8 4.8 4.8 4.8 6.0 6.0 6.0 6.0 6.0 7.1 7.1 7.1 7.1 7.1 7.1 3.3 3.3 3.3 3.3 3.3 3.3 4.1 4.1 4.1 4.1 4.1 5.0 5.0 5.0 6.3 6.3 6.3 1.4 1.4 2.0 2.0 2.4 2.8 1.8 2.0 2.4 2.8 3.2 2.8 3.0 3.4 3.4 4.0 4.8 e1 e1 e2 e2 e3a e3 d1 d2 d3 d4 d5 z z z y y y 3000 2000 3000 2000 1500 1000 cap.(?) rated volt. 100 vdc part no. dimensions (mm) lwh size code q'ty a cap. tol. code size code land dimensions reflow soldering e1,e2,e3a,e3 2.6 6.6 3.0 d1,d2,d3,d4,d5 3.8 7.8 3.8 z 4.5 9.0 4.6 y 4.5 9.0 5.7 abc ? it is not warrantable that you can mount the capacitor without trouble under all the mounting condition when ?ecommender for land dimensions?is adopted. chip p ? ? ? p1 ?32 12.11.14 20:49 y [ w 19
(stacked metallized film) -10 -5 0 5 10 -60 -40 -20 0 20 40 60 80 100 120 140 0.01uf,0.068uf,0.22uf capacitance change(%) 0 1 2 3 4 5 -60 -40 -20 0 20 40 60 80 100 120 140 0.01uf,0.068uf,0.22uf temperature characteristics frequency characteristics electrical characteristics 1.e+06 1.e+07 1.e+08 1.e+09 1.e+10 1.e+11 1.e+12 -60 -40 -20 0 20 40 60 80 100 120 140 -10 -5 0 5 10 1 10 100 1000 0.22uf 0.068uf 0.01uf 0 2 4 6 8 10 1 10 100 1000 0.22uf 0.068uf 0.01uf 0.01 0.1 1 10 100 100 1000 10000 100000 insulation resistance(ohm) dissipation factor(%) capacitance change(%) impedance(ohm) dissipation factor(%) at 1khz at 1khz at dc100v frequency(khz) temperature(degree c) frequency(khz) temperature(degree c) echu (c) type dc100v series frequency(khz) temperature(degree c) 0.22uf 0.068uf 0.01uf 0.22uf 0.068uf 0.01uf
(stacked metallized film) effective value (arms) permissible current permissible voltage applicable specifications dc rated voltage (v) frequency(khz) frequency(khz) echu (c) type dc100v series *please consult panasonic if y our condition exceeds the abov e *the current ( 0-p ) value is calculated usin g nominal ca p acitance. *permissible volta g e g ra p h is the case of sine waveform. when y ou use this p roduct , p eak volta g e must not exceed dc rated volta g e. effective value (vrms) 0 50 100 150 200 -60 -40 -20 0 20 40 60 80 100 120 140 voltage derating by temperature surface temperature of capacitor(degreec) pulse handling capability (dv/dt) (max 10000cycles) rating voltage capacitance value(uf) code dv/dt (v/us) current (0-p) (a) 0.010 103 1.80 0.012 123 2.16 0.015 153 2.70 0.018 183 3.24 0.022 223 3.96 0.027 273 4.86 0.033 333 4.29 0.039 393 5.07 0.047 473 6.11 0.056 563 7.28 0.068 683 8.84 0.082 823 8.20 0.10 104 10.00 0.12 124 12.00 0.15 154 15.00 0.18 184 18.00 0.22 224 22.00 130 100 dc 100v 180 0.0 0.5 1.0 1.5 2.0 2.5 10 100 0.22uf 0.18uf 0.15uf 0.12uf 0.1uf 0.082uf 0.068uf 0.056uf 0.047uf 0.039uf 0.033uf 0.027uf 0.022uf 0.018uf 0.015uf 0.012uf 0.01uf 10 100 10 100 0.22uf 0.18uf 0.15uf 0.12uf 0.1uf 0.082uf 0.068uf 0.033uf to 0.056uf 0.01uf to 0.027uf (at sine wave) 0.01uf to 0.22uf


▲Up To Search▲   

 
Price & Availability of ECHU11223JC9

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X