Part Number Hot Search : 
FRM450H V140LA2 A102J 42100 PST573D HF21FF WH2002A 20FIB
Product Description
Full Text Search
 

To Download DRA1-CMX200D3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dra1 cmx series ? 10mm single channel din rail mount ssr assembly ? dc ratings up to 200 vdc and 10 amps ? 3-10 and 20-28vdc control ? cage style screw terminals for easy connection ? fits standard 35mm din rail ? includes led status indicator product selection description 3 a 5 a 6 a 10 a (5) 10a (5) 3-10 vdc control DRA1-CMX200D3 dra1-cmx60d5 dra1-cmx100d6 dra1-cmx60d10 dra1-cmx100d10 20-28 vdc control dra1-cmxe200d3 dra1-cmxe60d5 dra1-cmxe100d6 dra1-cmxe60d10 dra1-cmxe100d10 output specifications (1) description 3 a 5 a 6 a 10 a (5) 10 a (5) operating voltage [vdc] 1-200 1-60 1-100 1-60 1-100 maximum off-state leakage current @ rated voltage [adc] 100 100 100 100 (2) 100 maximum load current [a] (3) 3 5 6 10 10 minimum load current [a] 0 0 0 0 0 maximum on-state resistence [ohm] 0.2 0.1 0.04 0.018 0.01 maximum surge current (10msec) [apk] 30 60 100 100 100 maximum on-state voltage drop @ rated current [vdc] 0.6 0.5 0.24 0.18 0.1 input specifications (1) description dra1-cmx dra1-cmxe control voltage range 3.0-10.0 vdc 20.0-28.0 vdc must turn on voltage 3.0 vdc 20.0 vdc must turn off voltage 1 .0 vdc 1 .0 vdc typycal input current 15 madc @ 5vdc 12 madc @ 20 vdc nominal input impedance 300 ohm 780 ohm maximum turn-on time [msec] 1 1 maximum turn-off time [sec] 300 300 general specifications description parameters dielectric strength (4) 2500 vrms minimum insulation resistance (@ 500 vdc)(4) 10 9 ohms maximum capacitance, input/output 15 pf ambient operating temperature range -30 to 80c ambient storage temperature range -30 to 125c weight (typical) 0.063 oz. (28.6g) encapsulation thermally conductive epoxy general notes 1) all parameters at 25c unless otherwise specified. 2) at 55 vdc 3) see derating chart on page 3 4) dielectric and insulation resistance is measured between input and output 5) steady state load current exceedi ng 10 amps will damage socket.
mechanical specifications wiring diagram
thermal derate information agency approvals designed in accordance with the requirements of iec 62314 e116950 3,6 and 10a cmx relays only rev. 110811

annex - enviromental information


▲Up To Search▲   

 
Price & Availability of DRA1-CMX200D3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X