Part Number Hot Search : 
A1512 M38026M5 S3540 FAN8060 FAN8060 BY9416 HUN2114 C1500
Product Description
Full Text Search
 

To Download CSNE151-100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  past, future, and current excellence. honeywell sensing and control (s&c) offers a wide variety of current sensors to monitor alternating (ac) or direct (dc) current. from digital output detectors sensing a few hundred milliamps to linear sensors monitoring over one thousand amps, our comprehensive line provides superior, often accurate performance at a reduced cost. as well as the advantages youd expect from an experienced provider offering decades of engineering expertise: thru-hole design, fast response times, output voltage isolation from input, minimum energy dissipation, and enhanced reliability with adjustable performance and built-in temperature compensation. features digital/inductive current sensors csda series. features: open collector output ? digital output ? ac or dc currents ? thru-hole design ? output voltage isolation from input ? minimum energy dissipation ? maximum current limited only by conductor size ? enhanced accuracy, low- cost sensing ? rohs compliant benefts: single digital (ttl logic level, open collector) output that will sink 20 ma of output current. provides logic level output that changes from vcc to 0.4 v when sensed current exceeds the operate point. will not be damaged by overcurrent in the sensed conductor. potential applications include variable speed drives, overcurrent protection, ground fault detectors, current feedback control systems, robotics, ups and telecommunication power supplies, welding power supplies, battery management systems, and wattmeters. continued on back page closed loop current sensors csnb, csna, csnc, csne, csnf, csng, csnj, csnk, csnl, csnm, csnp, csnr, csns, csnt, and csnx series. features: current sensing up to 1275 a ? ac, dc, and impulse currents ? in-line or thru-hole design ? competitive cost/ performance ratio ? rapid response ? reduced overshoot ? high overload capability ? high level of electrical isolation between primary and secondary circuits ? industrial operating temperature range ? small size and weight ? rohs compliant ? ce, ul approvals benefts: based on the principles of the magnetoresistive or hall effects, and the null balance or zero magnetic fux method (feedback system). magnetic fux in the sensor core is constantly controlled at zero. potential applications include variable speed drives, overcurrent protection, ground fault detectors, current feedback control systems, robotics, ups and telecommunication power supplies, welding power supplies, battery management systems, and wattmeters. open loop current sensors csca-a series. features: ac, dc, and impulse currents ? competitive cost/performance ratio ? low power consumption ? compact size ? high level of electrical isolation between primary and secondary circuits ? large primary aperture ? rohs compliant ? ce, ul approvals benefts: based on the principles of the hall-effect wherein a hall-effect device (hed) produces an output voltage linearly related to the amplitude and phase of a magnetic feld applied to it. hed output is directly proportional to the amplitude and phase of the primary current. potential applications include variable speed drives, overcurrent protection, ground fault detectors, current feedback control systems, robotics, ups and telecommunication power supplies, welding power supplies, battery management systems, and wattmeters. current sensors line guide
csda series operate current 0.5 a.t. nom., 3.5 a.t. nom. sensed current type ac or dc output voltage response time 100 s accuracy better than 0.5 % mounting pcb mounting pins or screw mount pinout style 3-pin pcb or 3-pin amp connector operating temperature -25 c to 85 c [-13 f to 185 f] supply voltage 6 vdc to 16 vdc 2 www.honeywell.com/sensing current sensors line guide digital/inductive current sensors common sense. global leadership. honeywell sc offers linear analog open loop, digital, or closed-loop current sensors. when any of these sensors detect predetermined signals, the system then performs the designated tas. for instance, the digital signals logic level output may sound an alarm, start a motor, or open a valve. the linear signal duplicates with magnetoresistive (mr) csnx series csna series csnf series sensed current range 56 a 70 a, 90 a, 100 a 150 a, 180 a, 200 a sensed current type ac, dc, impulse ac, dc, impulse ac, dc, impulse output current current current coil turns 2000 (50 ohm coil) 1000 (90 or 50 ohm coil) 2000 (160 or 130 ohm coil) 1000 (30 ohm coil) 2000 (100 ohm coil) response time < 0.2 s < 1 s < 0.5 s accuracy 0.24 % 0.5 % 0.5 % mounting pcb on 11-pins pcb on 3-pins pcb on 3-pins pinout style unipolar offset center operating temperature -40 c to 85 c [-40 f to 185 f] 0 c to 70 c [32 f to 158 f] -40 c to 85 c [-40 f to 185 f] supply voltage 4.75 vdc to 5.25 vdc 13 vdc, 15 vdc 12 vdc to 15 vdc closed loop current sensors
www.honeywell.com/sensing 3 csnb series csnc series csne series sensed current range 100 a 90 a 36 a, 90 a sensed current type ac, dc ac, dc ac, dc, impulse output current current current coil turns 2000 1000 (50 ohm coil) 1000 (110 ohm or 66 ohm coil) response time < 1 s < 1 s < 1 s accuracy 0.5 % 0.5 % 0.5 % mounting pcb on 3 pins pcb on 3 pins pcb on 13 pins pinout style offset offset 5-pin operating temperature 0 c to 70 c [32 f to 158 f] -25 c to 85 c [-13 f to 185 f] 0 c to 70 c [32 f to 158 f] supply voltage 15.0 vdc 13.0 vdc 12 vdc to 15 vdc closed loop current sensors csng series csnj series csnk series sensed current range 180 a, 200 a 600 a 1200 a sensed current type ac, dc ac, dc, impulse ac, dc, impulse output current current current coil turns 2000 2000 5000 (50 ohm coil) response time < 0.5 s < 0.5 s < 1 s accuracy 0.5 % 0.5 % 0.5 % mounting pcb on 3 pins panel panel pinout style offset spade terminals (x 3) molex (3-way) operating temperature -40 c to 85 c [-40 f to 185 f] -40 c to 85 c [-40 f to 185 f] -40 c to 85 c [-40 f to 185 f] supply voltage 15.0 vdc 12.0 vdc to 18.0 vdc 15 vdc to 18 vdc closed loop current sensors
4 www.honeywell.com/sensing current sensors line guide csnl series csnm series csnp series sensed current range 600 a 1000 a 90 a sensed current type ac, dc ac, dc ac, dc output current current current coil turns 2000 3000 1000 response time < 0.5 s < 1 s < 0.5 s accuracy 0.5 % 0.5 % 0.5 % mounting panel panel pcb on 3 pins pinout style molex (3-way) molex (3-way) offset operating temperature -40 c to 85 c [-40 f to 185 f] -40 c to 85 c [-40 f to 185 f] -40 c to 85 c [-40 f to 185 f] supply voltage 12.0 vdc to 18.0 vdc 12.0 vdc to 18.0 vdc 12.0 vdc to 15.0 vdc closed loop current sensors csns series csnr series csnt series sensed current range 320 a, 600 a 200 a 150 a sensed current type ac, dc, impulse ac, dc ac, dc output current current current coil turns 2000 1000, 2000 2000 response time < 0.5 s < 0.5 s < 0.5 s accuracy 0.5 % 0.5 % 0.5 % mounting panel pcb on 3 pins pcb on 3 pins pinout style molex (3-way) center, offset offset operating temperature -40 c to 85 c [-40 f to 185 f] -40 c to 85 c [-40 f to 185 f] -40 c to 85 c [-40 f to 185 f] supply voltage 12 vdc to 18 vdc 12.0 vdc to 15.0 vdc 12.0 vdc to 15.0 vdc closed loop current sensors
csls series cslt series cslw series sensed current range 60 a 100 a 1 a, 5 a, 40 ma, 200 ma sensed current type ac, dc ac, dc ac, dc output sink/source sink/source sink/source coil turns C C 12, 60, 300, 1500 response time 3 s 3 s 3 s sensitivity 15 mv/at 2 mv/at @ 5 vdc 15 mv/at 2 mv/at @ 5 vdc various mounting pcb pcb pcb pinout style 3-pin 3-pin 5-pin operating temperature -25 c to 100 c [-13 f to 212 f] -25 c to 100 c [-13 f to 212 f] -25 c to 100 c [-13 f to 212 f] supply voltage 4.5 vdc to 10.5 vdc 4.5 vdc to 10.5 vdc 4.5 vdc to 10.5 vdc open loop current sensors csca-a series csla series cslh series sensed current range 150 a, 300 a 600 a, 900 a 57 a to 950 a 9 a, 45 a sensed current type ac, dc, impulse ac, dc ac, dc output voltage voltage sink/source response time 3 s to 7 s 3 s, 8 s 3 s sensitivity C various 18.5 mv n* 3.5 mv n* @ 5 vdc or 282 mv n* -42, +82 mv n* @ 10 vdc mounting molex connector gallant connector pcb on 3-pins pcb on 3-pins pinout style C 3-pin 3-pin operating temperature -10 c to 80 c [14 f to 176 f] -25 c to 85 c [-13 f to 185 f] -25 c to 85 c [-13 f to 185 f] supply voltage 15 vdc 5 % 8 vdc to 16 vdc 6 vdc to 12 vdc 4.5 vdc to 10.5 vdc n = number of turns open loop current sensors
csla series. features: linear output ? ac or dc currents ? thru-hole design ? enhanced response time ? output voltage isolation from input ? minimum energy dissipation ? maximum current limited only by conductor size ? adjustable performance and built-in temperature compensation assures reliable operation ? enhanced accuracy, low-cost sensing ? rohs compliant benefts: incorporates honeywells 91ss12-2 and ss94a1 linear output hall- effect transducter (lohet?). sensing element is assembled in a printed circuit board mountable housing, available in four confgurations. potential applications include variable speed drives, overcurrent protection, ground fault detectors, current feedback control systems, robotics, ups and telecommunication power supplies, welding power supplies, battery management systems, and wattmeters. cslh series. features: ac or dc currents ? miniature ? linear ratiometric output ? current sinking or sourcing output for interfacing fexibility ? no insertion loss ? enhanced response time ? low-cost sensing ? minimum energy dissipation ? maximum current limited only by conductor size ? built-in temperature compensation promotes reliable operation ? rohs compliant benefts: open-loop sensor incorporates honeywells ss490 series miniature ratiometric linear hall-effect sensor. element is encapsulated in a pcb- mountable plastic package. combination of sensor, fux collector, and housing comprises the current sensor assembly. potential applications include motor control, hvac and consumer tools, current monitoring of electronic circuits, overcurrent protection, ground fault detectors, robotics, industrial process control, ups and telecommunication power supplies, welding current monitoring, battery management systems in mobile equipment, watt meters, and variable speed drives. csls, cslt, cslw series. features: ac or dc currents ? linear ratiometric output ? current sinking or sourcing output for interfacing fexibility ? no insertion loss ? enhanced response time ? compact size for applications with limited space ? enhanced accuracy, low-cost sensing ? minimum energy dissipation ? maximum current limited only by conductor size ? built-in temperature compensation promotes reliable operation ? rohs compliant benefts: incorporate honeywells ss490 series miniature ratiometric linear hall- effect sensor. element is encapsulated in a printed circuit board-mountable plastic package. sensors are ratiometric. potential applications include motor control in hvac and consumer tools, current monitoring of electronic circuits, overcurrent protection, ground fault detectors, robotics, industrial process control, ups and telecommunication power supplies, welding current monitoring, battery management systems in mobile equipment, watt meters, and variable speed drives. warranty. honeywell warrants goods of its manufacture as being free of defective materials and faulty workmanship. honeywells standard product warranty applies unless agreed to otherwise by honeywell in writing; please refer to your order acknowledgement or consult your local sales offce for specifc warranty details. if warranted goods are returned to honeywell during the period of coverage, honeywell will repair or replace, at its option, without charge those items it fnds defective. the foregoing is buyers sole remedy and is in lieu of all warranties, expressed or implied, including those of merchantability and ftness for a particular purpose. in no event shall honeywell be liable for consequential, special, or indirect damages. while we provide application assistance personally, through our literature and the honeywell web site, it is up to the customer to determine the suitability of the product in the application. specifcations may change without notice. the information we supply is believed to be accurate and reliable as of this printing. however, we assume no responsibility for its use. for more information about sensing and control products, visit www.honeywell. com/sensing or call +1-815-235-6847 email inquiries to info.sc@honeywell.com sensing and control automation and control solutions honeywell 1985 douglas drive north golden valley, mn 55422 usa +1-815-235-6847 www.honeywell.com/sensing 005895-1-en il50 glo june 2008 copyright ? 2008 honeywell international inc. all rights reserved. warning personal injury ? do not use these products as safety or emergency stop devices or in any other application where failure of the product could result in personal injury. failure to comply with these instructions could result in death or serious injury. warning misuse of documentation ? the information presented in this catalogue is for reference only. do not use this document as product installation information. ? complete installation, operation and maintenance information is provided in the instructions supplied with each product. failure to comply with these instructions could result in death or serious injury.


▲Up To Search▲   

 
Price & Availability of CSNE151-100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X