Part Number Hot Search : 
PESD5 4KE20 TLP3041F ST10F273 OL5155 SZ5227 5KP30 20035
Product Description
Full Text Search
 

To Download CS422YTA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cs www.vishay.com vishay dale thin film revision: 20-oct-11 1 document number: 60081 for technical questions, contact: thinfilm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ceramic sandwich, single-in-line thin film resistor, through hole network (low profile 0.20 custom) vishay dale thin film present s a design concept in precision thin film resistor networks. th e essence of this new concept is the marriage of two principle design elements . . . a unique resistive film, having electr ical properties comparable to those of wire-wound resistors, and a rugged, low cost, ceramic package and an almost limitless variety of sizes and configurations. features ? gold-to-gold termination s. external leads are attached directly to gold pads on the ceramic substrate by thermo-compression bonding (no internal solder) ? low profile (0.200 min.) ? custom pin-outs available ? compliant to rohs directive 2002/95/ec ? halogen-free according to iec 61249-2-21 definition note * pb containing terminations are not rohs compliant, exemptions may apply typical performance schematic actual size absolute tracking tcr 25 2 absolute ratio tol. 0.05 0.01 standard electrical specifications test specifications conditions material passivated nichrome tantalum nitride - pin/lead number 3 to 10 - resistance range 20 ? to 2000 k ? (total) 20 ? to 500 k ? (total) - tcr: absolute 10 ppm/c to 25 ppm/c 50 ppm/c to 100 ppm/c - 55 c to + 125 c tcr: tracking 2 ppm/c 5 ppm/c - 55 c to + 125 c tolerance: absolute 0.05 % to 1.0 % + 25 c tolerance: ratio 0.01 % to 0.5 % 0.02 % to 0.5 % + 25 c power rating: resistor 100 mw (per element) typical at + 25 c power rating: package -- stability: absolute ? r 0.05 % ? r 0.1 % 2000 h at + 70 c stability: ratio ? r 0.015 % ? r 0.02 % 2000 h at + 70 c voltage coefficient < 0.1 ppm/v < 0.1 ppm/v - working voltage 100 v - operating temperature range - 55 c to + 125 c - storage temperature range - 55 c to + 150 c - noise < - 30 db - thermal emf < 0.08 v/c - shelf life stability: absolute ? r 0.01 % 1 year at + 25 c shelf life stability: ratio ? r 0.002 % 1 year at + 25 c cu s tom s chematic s available. plea s e con s ult factory.
cs www.vishay.com vishay dale thin film revision: 20-oct-11 2 document number: 60081 for technical questions, contact: thinfilm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes (1) non-accum. (2) resistance value and sche matic dependent. by occupying more than one 0.100 inch square, higher values are available. dimensions and imprinting in inches and millimeters dimension inches millimeters a 0.100 typ. (1) 2.54 typ. b 0.020 0.002 typ. 0.51 0.05 typ. c 0.125 min. 3.17 min. d 0.100 max. 2.54 max. e 0.010 0.25 l (3 pins) 0.320 8.13 l (4 pins) 0.420 10.67 l (5 pins) 0.520 13.21 l (6 pins) 0.620 15.75 l (7 pins) 0.720 18.25 l (8 pins) 0.820 20.83 l (9 pins) 0.920 23.37 l (10 pins) 1.020 25.91 h (3 pins) 0.200 (2) 7.11 (2) h (4 pins) h (5 pins) h (6 pins) h (7 pins) h (8 pins) h (9 pins) h (10 pins) mechanical specifications resistive element passivated nichrome or tantalum nitride substrate material alumina body ceramic terminals copper alloy plating gold tin/lead option sn63 lead (pb)-free option sn96.5, ag3.0, cu0.5 tin/lead and lead (pb)-free finish hot solder dip ordering information check list special requirements should be identified in advance, but as a minimum, you should have the following information ready. electrical mechanical 1. resistors, by value and tolerance 2. reference resist or(s) and matching of wh ich resistors to which reference resistors 3. resistance by ratio 4. absolute temperature coefficient of resistivity 5. temperature tracking of subordinate resistors to reference resistor(s) 6. maximum operating voltage 7. resistor power ratings 8. operating temperature range 1. maximum allowable seated heig ht (from pc bo ard to top of network) 2. special marking concerns 3. schematic pin out of package 4. specify if lead (pb)-free for additional assistance refer to vishay dale thin films guide to understanding thin film precision. resistor networks or application engineering. all standard products may be ordered directly from vishay dale thin film. h l max. b c part number vi s hay logo pin 1 date code a
cs www.vishay.com vishay dale thin film revision: 20-oct-11 3 document number: 60081 for technical questions, contact: thinfilm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 global part number information new global part numbering: cs1xx-xxxbx global model (2 or 3 digits) custom part number (7 or 9 digits) packaging cs 1xx-xxx or 1xx-xxx-x bx = boxed historical part number example: 1xx-xxx (for reference purposes only) 1xx-xxx custom part number 1xx - xx x-xbx c1xx-xx xbx s c s
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of CS422YTA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X