Part Number Hot Search : 
FAN1539 30210 TK75003 DLS3C1 HCT40 UPC4744C 2222A TDA8315T
Product Description
Full Text Search
 

To Download ABM3-FREQ3-S-R060-N-3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ||||||||||||||| abm3 5.0 x 3.2 x 1.30mm applications: ? cellular telephones, pagers. ? communication and test equipment. ? pcmcia and wireless applications. features: ? suitable for reflow. ? tight stability available. rohs compliant miniature ceramic smd crystal abracon is iso 9001 / qs 9000 certified abracon is iso 9001 / qs 9000 certified standard specifications: options and part identification: frequency stability over the operating temperature (ref to + 25c) equivalent series resistance shunt capacitance c0 load capacitance cl drive level aging (first year) @ 25c 3c insulation resistance frequency range abracon p/n operation mode operating temperature storage temperature frequency tolerance @ 25c parameters 8.0 mhz - 50.0 mhz (50 mhz - 125 mhz :3rd overtone) fundamental or 3rd overtone abm3 series - 10c to + 60c (see options) - 40c to + 90c 50 ppm max. (see options) 50 ppm max. (see options) see table 1 7 pf max. 18 pf (see options) 100 w max., 10 w typical 5ppm max. 500 m min at 100vdc 15 v 30332 esperanza, rancho santa margarita, california 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com revised: 03.06.08 visit www.abracon.com for terms & conditions of sale e 0c to +70c blank bulk b -20c to +70c c -30c to +70c n -30c to +85c d -40c to +85c u** 10 ppm g*** 15 ppm x 20 ppm w 25 ppm 7 15 ppm y 30 ppm 2 20 ppm h 35 ppm 3 25 ppm ** standard temp or options e and b only 4 30 ppm *** standard temp or options e, b, c and n only. please specify cl in pf or s for series rxxx (value in ). if it is custom packaging freq. stability abm3 - frequency - - r - - - - custom esr load capacitance (pf) operating temp. freq. tolerance tape and reel t table 1- standard esr 80.001 - 125.00 fundamental 50.001 - 80.000 operational mode fundamental fundamental fundamental 9.000 - 9.999 10.000 - 15.999 frequency (mhz) 8.000 - 8.999 esr () max 16.000 - 50.000 50 500 200 60 80 60 3rd overtone 3rd overtone *g = pb in glass (exempt per rohs 2002/95/ec annex (5)) ? ceramic package hermetically glass sealed assures high precision and reliability. ? at-cut fundamental and 3rd ot mode ir reflow capable
tape & reel: abracon is iso 9001 / qs 9000 certified abracon is iso 9001 / qs 9000 certified 30332 esperanza, rancho santa margarita, california 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com revised: 03.06.08 visit www.abracon.com for terms & conditions of sale dimensions: mm dimensions: inch (mm) outline drawing: ||||||||||||||| abm3 5.0 x 3.2 x 1.30mm rohs compliant miniature ceramic smd crystal *g = pb in glass (exempt per rohs 2002/95/ec annex (5))


▲Up To Search▲   

 
Price & Availability of ABM3-FREQ3-S-R060-N-3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X