Part Number Hot Search : 
166AXI SP8127DG CMS0306 APED3 AHC1G AHC1G 7824ACP 12N50
Product Description
Full Text Search
 

To Download 7344-15UBGC-S400-A6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data sheet 5.0mm round type led lamps features : choice of various viewing angles available on tape and reel. reliable and robust pb free the product itself will remain within rohs compliant version. descriptions : the series is specially designed for applications requiring higher brightness the led lamps are available with different colors, intensities. applications : tv set monitor telephone computer 7344-15ubgc/s400-a6 ingan/sic bluish green water clear everlight electronics co.,ltd. http : //www.everlight.com rev.: 1 page: 1 of 6 device number : cdle-734-085 prepared date: 2006/4/24 pr epared by: xiuzhen feng cg0604268 7344-15ubgc/s400-a6 lens color part no. material emitted color
technical data sheet 5.0mm round type led lamps package dimensions notes: 1. all dimensions are in millimetres 2. the height of flange must be less than 1.5mm(0.059"). 3. without special declared,the tolerance is 0.25mm. absolute maximum ratings at ta = 25 parameter symbol rating unit forward current i f 25 ma operating temperature topr -40 to +85 storage temperature tstg -40 to +100 esd 1000 v soldering temperature tsol 260 5 power dissipation pd 110 mw reverse voltage v r 5v note: *1:soldering time Q 5 seconds. everlight electronics co.,ltd. http : //www.everlight.com rev.: 1 page: 2 of 6 device number : cdle-734-085 prepared date: prepared by: xiuzhen f eng 7344-15ubgc/s400-a6 electrostatic discharge 2006/4/24
technical data sheet 5.0mm round type led lamps electro-optical characteristics (ta=25) symbol min. typ. max. unit vf i f = 20 ma 3.5 4.3 v ir v r = 5 v 50 a iv i f = 20 ma 2500 5000 mcd 21/2 i f = 20 ma 15 deg p i f = 20 ma 502 nm d i f = 20 ma 505 nm i f = 20 ma 25 nm everlight electronics co.,ltd. http : //www.everlight.com rev. : 1 page: 3 of 6 device number : cdle-734-085 prepared date: pre pared by: xiuzhen feng 7344-15ubgc/s400-a6 condition parameter 2006/4/24 peak wavelength dominant wavelength spectrum radiation bandwidth forward voltage reverse current luminous intensity viewing angle
technical data sheet 5.0mm round type led lamps typical electro-optical characteristic curves: everlight electronics co.,ltd. http : //www.everlight.com rev.: 1 page: 4 of 6 device number : cdle-734-085 prepared date: 2006/4/24 prepared by : xiuzhen feng 7344-15ubgc/s400-a6
technical data sheet 5.0mm round type led lamps reliability test items and conditions: the reliability of products shall be satisfied with items l isted below. confidence level97% ltpd3% no item test conditions sample size failure judgment criteria 1 solder heat temp : 260 5 76 pcs h : +100 15min 2 temperature cycle 5 min 76 pcs l : -40 15min h : +100 5min 3 thermal shock 10 sec 76 pcs l : -10 5min 4 high temperature storage temp : 100 76 pcs 5 low temperature storage temp : -40 76 pcs temp : 25 i f = 20ma 7 high temperature / high humidity 85 / 85% rh 76 pcs n oteivtto test iv value of the chip before the reliablility t est ivthe test value of the chip that has completed the reliablili ty test uupper specification limit l lower specification limit everlight electronics co. , http : //www.everlight.com rev.: 1 page: 5 of 6 device number : cdle-734-085 prepared by: xiuzhen feng prepared date: 2006/4/24 test hours/cycle 10 sec 0/1 76 pcs 300 cycles 300 cycles 1000 hrs 6 dc operating life ac/re 0/1 0/1 0/1 0/1 0/1 0/1 ivQivt*0.5 or vfRu or vfQl 1000 hrs 1000 hrs 1000 hrs 7344-15ubgc/s400-a6
technical data sheet 5.0mm round type led lamps packing quantity specification 1. 500pcs/1bag5bags/1box 2. 10boxes/1carton label form specification cpn: customer's production number p/n : production number qty: packing quantity cat: ranks hue: dominant wavelength ref: reference lot no: lot number notes 1. above specification may be changed without notice. everlight will reserve authority on material change for above specification. 2. when using this product, please observe the absolute maximum ratings and the instructions for using outlined in these specification sheets. everlight ass umes no responsibility for any damage resulting from use of the product which does not com ply with the absolute maximum ratings and the instructions included in these specific ation sheets. 3. these specification sheets include materials protected under copyright of everlight corporatio please dont reproduce or cause anyone to reproduce them withou t everlightsconsent. everlight electronics co.,ltd. http : //www.everlight.com rev.: 1 device number : cdle-734-085 prepared date: 2006/4/24 prepared by: page: 6 of 6 xiuzhen feng 7344-15ubgc/s400-a6 e verlight electronics co., ltd. tel: 886-2-2267-2000, 2267-9936 office: no 25, lane 76, sec 3, chung yang rd, fax: 886-2267-6244, 2267-6189, 2267-6306 tucheng, taipei 236, taiwan, r.o.c http:\\www.everlight.com 7344-15ubgc/s400-a 6


▲Up To Search▲   

 
Price & Availability of 7344-15UBGC-S400-A6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X