Part Number Hot Search : 
C1330HA MPIL60 TND308TD OM1055 15KP150 P2N60 2SD428 SFF1606G
Product Description
Full Text Search
 

To Download 2SC4511 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2SC4511 d escription with to-220f package complement to type 2sa1725 applications audio and general purpose pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings (ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 120 v v ceo collector-emitter voltage open base 80 v v ebo emitter-base voltage open collector 6 v i c collector current 6 a i b base current 3 a p c collector dissipation t c =25 30 w t j junction temperature 150  t stg storage temperature -55~150  fig.1 simplified outline (to-220f) and symbol
savantic semiconductor product specification 2 silicon npn power transistors 2SC4511 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =25ma ; i b =0 80 v v cesat collector-emitter saturation voltage i c =2a; i b =0.2a 0.5 v i cbo collector cut-off current v cb =120v; i e =0 10 a i ebo emitter cut-off current v eb =6v; i c =0 10 a h fe dc current gain i c =2a ; v ce =4v 50 180 c ob output capacitance i e =0; v cb =10v;f=1mhz 110 pf f t transition frequency i e =-0.5a ; v ce =12v 20 mhz switching times t on turn-on time 0.16 s t s storage time 2.60 s t f fall time i c =3.0a i b1 =-i b2 =0.3a v cc =30v ,r l =10 a 0.34 s  h fe classifications o p y 50-100 70-140 90-180
savantic semiconductor product specification 3 silicon npn power transistors 2SC4511 package outline fig.2 outline dimensions
savantic semiconductor product specification 4 silicon npn power transistors 2SC4511


▲Up To Search▲   

 
Price & Availability of 2SC4511

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X