Part Number Hot Search : 
DTC143 LH28F 17S30LVI W78LE516 263373 HDBL155G SB102 3055L
Product Description
Full Text Search
 

To Download 2SC4510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2SC4510 d escription with to-3pml package high voltage ,high speed switching low collector saturation voltage applications switching regulators dc-dc convertors solid state relay general purpose power amplifiers pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings(tc=25  ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 500 v v ceo collector-emitter voltage open base 400 v v ebo emitter-base voltage open collector 10 v i c collector current 15 a i b base current 5 a p c collector power dissipation t c =25 80 w t j junction temperature 150  t stg storage temperature -55~150  thermal characteristics symbol parameter max unit r th j-c thermal resistance junction case 1.56 /w fig.1 simplified outline (to-3pml) and symbol
savantic semiconductor product specification 2 silicon npn power transistors 2SC4510 c haracteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)cbo collector-base breakdown voltage i c =1ma; i e =0 500 v v ceo(sus) collector-emitter sustaining voltage i c =0.2a; i b =0 400 v v (br)ebo emitter-base breakdown voltage i e =1ma; i c =0 10 v v cesat collector-emitter saturation voltage i c =6a; i b =1.2a 0.8 v v besat base-emitter saturation voltage i c =6a; i b =1.2a 1.2 v i cbo collector cut-off current v cb =450v; i e =0 100 a i ebo emitter cut-off current v eb =10v; i c =0 100 a h fe dc current gain i c =2a ; v ce =5v 25 65 switching times t on turn-on time 1.0 s t stg storage time 2.5 s t f fall time i c =7.5a;r l =20 b i b1 =0.75a; i b2 =-1.5a pw = 20s; duty c 2% 0.5 s
savantic semiconductor product specification 3 silicon npn power transistors 2SC4510 package outline fig.2 outline dimensions
savantic semiconductor product specification 4 silicon npn power transistors 2SC4510


▲Up To Search▲   

 
Price & Availability of 2SC4510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X