Part Number Hot Search : 
HEF45 HA178M06 FJX3015R L1010 HMC43210 D7220D KMOC3051 1N4763AP
Product Description
Full Text Search
 

To Download 2SC4505 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smd type transistors 2SC4505 features high breakdown voltage. (b vceo = 400v) low saturation voltage, typically v ce (sat) = 0.05v at i c /i b = 10ma / 1ma. high switching speed, typically tf = 1.7s at ic =100ma. absolute maximum ratings ta = 25 parameter symbol rating unit collector-base voltage v cbo 400 v collector-emitter voltage v ceo 400 v emitter-base voltage v ebo 7v 0.1 a 0.2 a *1 0.5 w *2 2w junotion temperature t j 150 storage temperature t stg -55 to 150 *1 single pulse pw=20ms,duty=1/2 *2 when mounted on a 40x40x0.7 mm ceramic board. p c collectorpower dissipation collector current i c smd type transistors smd type smd type smd type product specification sales@twtysemi.com 1 of 2 http://www.twtysemi.com 4008-318-123
smd type transistors electrical characteristics ta = 25 parameter symbol testconditons min typ max unit collector-base breakdown voltage b vcbo i c =50a 400 v collector-emitter breakdown voltage b vceo i c =1ma 400 v emitter-base breakdown voltage b vebo i e =50a 7 v collector cutoff current i cbo v cb =400v 10 a emitter cutoff current i ebo v eb =6v 10 a collector-emitter saturation voltage v ce(sat) i c /i b =10ma/1ma 0.05 0.5 v base-emitter saturation voltage v be(sat) i c /i b =10ma/1ma 1.5 v dc current transfer ratio h fe v ce =10v , i c =10ma 82 270 transition frequency f t v ce =10v , i e =-10ma , f=10mhz 20 mhz output capacitance c ob v cb =10v , i e =0a , f=1mhz 7 pf turn-on time t on i c =-100ma r l =1.5k 1 s storage time t stg i b1 =-i b2 =10ma 5.5 s fall time t f v cc =-150v 1.7 s h fe classification type cep ceq rank p q marking 82to180 120to270 smd type transistors 2SC4505 smd type transistors smd type smd type smd type product specification sales@twtysemi.com 2 of 2 http://www.twtysemi.com 4008-318-123


▲Up To Search▲   

 
Price & Availability of 2SC4505

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X