features gdt/tbu ? high-speed protector technology low impulse let-through high surge current rating available in isolated and grounded versions 10/100/1000 data compatibility 5 kv isolation listed per ul 497b (file: e153537) applications data communications highly exposed ethernet 1000 base-t gigabit ethernet indoor/controlled environment installations telecommunications and industrial installations 1500 series gigabit ethernet spd speci? cations are subject to change without notice. the device characteristics and parameters in this data sheet can and do vary in different applications and actual device perfor mance may vary over time. users should verify actual device performance in their speci? c applications. the 1500 series ethernet surge protective device (spd) incorporates multiple bourns ? circuit protection te chnologies. these technolo gies are designed to work together to provide an unmatched level of surge protection for exposed ethernet applications. the 1500 ser ies is designed to meet key surge and ac power cross requirements of gr-1089-core issue 6. the isolated model is designed to withstand voltages up to 5 kv. the 1500 series is available as a wall mount unit with optional din rail hardware. characteristics test methods per ul 497b, gr-1089 issue 6, and csa c22.2. parameter isolated version grounded version dc breakdown line to line 5 v to 360 v dc breakdown line to ground n/a 150 v typ. line series resistance (loop) 12 typ. line series balance 0.5 typ. / 1.0 max capacitance line to line @ 1 mhz n/a 10 pf typ. time-to-block (t block ) <1 s first level surge 1 kv C 10/1000 s, 100 a 2.5 kv C 2/10 s, 500 a 800 v C 1.2/50 s, 8/20 s combo wave >10 operations >10 operations >10 operations second level surge 2.5 kv C 2/10 s, 500 a, inductive kick 6 kv / 3 ka C 1.2/50 s, 8/20 s combo wave > 1 operation > 1 operation first level power fault 220 ma below protection threshold 600 v / 1 a / 1 second 1000 v / 1 a / 1 second 425 v / 0.5 a / 4 seconds 15 minutes > 60 operations > 60 operations > 1 operation second level power fault 120 v / 25 a 1 425 v / 40 a / 1.5 second 1 425 v / 7 a / 5 seconds 1 425 v / 2.2 a 15 minutes 1 operation 1 operation 15 minutes ber performance testing 10/100 mbps 1 gbps > 100 meters up to 100 meters storage and operating temperature -40 to +65 c ground connection screw lug or din rail clip notes: isolated version does not require a ground connection. 1) fuse may fail open and disconnect from circuit. asia-paci c: tel: +886-2 2562-4117 ? fax: +886-2 2562-4116 europe: tel: +41-41 768 5555 ? fax: +41-41 768 5510 the americas: tel: +1-951 781-5500 ? fax: +1-951 781-5700 www.bourns.com
product dimensions how to order dimensions: mm (inches) 1500 - x y - w model number designator con guration 1 = isolated* 2 = grounded hardware options s = screw lug d = din rail ground wire (optional) w = #14 awg ground wire, 3 ft. * isolated unit requires no ground. din rail hardware dimensions 65.10 (2.563) 25.12 (0.989) 107.01 (4.213) 15.75 (0.62) 40.64 (1.60) 16.25 (0.65) 46.48 (1.83) rev. a 05/13 ?bourns? is a registered trademark of bourns, inc. in the united states and other countries. ?tbu? is a registered trademark of bourns, inc. in the u.s. and other countries, except japan. all references to tbu ? in this document for use in japan shall be deemed to be replaced with bourns ? tbu?. speci? cations are subject to change without notice. the device characteristics and parameters in this data sheet can and do vary in different applications and actual device perfor mance may vary over time. users should verify actual device performance in their speci? c applications. 1500 series gigabit ethernet spd
|