Part Number Hot Search : 
XFGIB IUGC0198 AD9752 HSM11PT NTE3032 KF13N60N 2SB834 ML4426IS
Product Description
Full Text Search
 

To Download 107HSM025M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3757 w. touhy ave., lincolnwood, il 60712 ?(847) 675-1760 ?fax (847) 673-2850 ?www.illcap.com operating temperature range 2 minutes 1 minute load life 1,000 hours at 125? with rated wvdc < 20% of initial measured value <200% of initial specified value <100%initial specified value capacitance change dissipation factor leakage current specifications features hsm +125? standard radial lead aluminum electrolytic capacitors for automotive and telecommunication applications capacitance tolerance ?0% at 120hz, 20? leakage current shelf life .03 cv or 4 ? .01 cv or 3 ? whichever is greater 1,000 hours at 105? with no voltage applied. units will meet load life specification. dissipation factor 120hz, 20? tan wvdc note: for above d.f. specifications, add .02 for every 1,000 ? above 1,000 ? impedance ratio (max.) @120hz -25/20? -40/20? 10 3 4 16 2 4 25 2 4 35 2 4 50 2 4 63 2 4 wvdc 63wvdc special order options special tolerances: ?0% (k), -10% + 30% (q) tape and reel/ammo pack cut, formed, cut and formed, and snap in leads 125? temperature rating extended life voltage range: 10 wvdc to 63wvdc capacitance range: 1.0? to 4,700? time wvdc (see pages 33 thru 37) ripple current multipliers c47 47470 +105 1.00 +85 1.4 +70 1.65 frequency(hz) temperature(?) capacitance (?) 1.00 1.00 1.4 1.4 1.65 1.65 10 16 25 35 50 63 .2 .16 .14 .12 .1 .1 -40? to +125?
3757 w. touhy ave., lincolnwood, il 60712 ?(847) 675-1760 ?fax (847) 673-2850 ?www.illcap.com d 8.0 10.0 12.5 16 s 3.5 5.0 5.0 7.5 d 0.6 0.6 0.6 0.8 b 0.5 0.5 0.8 0.5 hsm + 125? standard radial lead aluminum electrolytic capacitors physical dimensions convert to inches, divide by 25.4. - + pvc sleeve d s 1 d 1 l 1 19.0 min 15.0 min (?) l 1 =l+2.0mm max. d 1 =d+b max. s 1 =s0.5mm note: case vent is standard on all diameter 8.0mm dxl(mm) 10 16 25 35 50 63 (13) (20) (32) (44) (63) (79) 1 8x11.5 2.2 8x11.5 3.3 8x11.5 4.7 8x11.5 10 8x11.5 22 8x11.5 33 8x11.5 47 8x11.5 10x12.5 100 8x11.5 10x12.5 10x16 220 8x11.5 10x12.5 10x16 10x20 12.5x20 330 10x12.5 10x16 10x20 12.5x20 12.5x25 470 10x12.5 10x16 10x20 12.5x20 12.5x25 16x25 1000 10x20 12.5x20 12.5x25 16x25 16x31.5 2200 12.5x25 16x25 16x31.5 3300 16x25 16x31.5 4700 16x31.5 wvdc (sv) lead information v.s. case diameter
hsm +125c, 2000 hours capacitance (f) wvdc ic part number maximum esr (m) 120 hz, +20c maximum rms ripple current (a) 120 hz, +105c dims dxl (mm) 1 50 105hsm050m 165.786 10 8x11.5 2.2 50 225hsm050m 75.357 22 8x11.5 3.3 50 335hsm050m 50.238 27 8x11.5 4.7 50 475hsm050m 35.274 32 8x11.5 10 50 106hsm050m 16.579 47 8x11.5 22 50 226hsm050m 7.536 70 8x11.5 33 50 336hsm050m 5.024 85 8x11.5 47 50 476hsm050m 3.527 105 8x11.5 47 63 476hsm063m 3.527 120 10x12.5 100 25 107HSM025M 2.321 125 8x11.5 100 50 107hsm050m 1.658 180 10x12.5 100 63 107hsm063m 1.658 200 10x16 220 10 227hsm010m 1.507 155 8x11.5 220 25 227hsm025m 1.055 220 10x12.5 220 35 227hsm035m 0.904 260 10x16 220 50 227hsm050m 0.754 320 10x20 220 63 227hsm063m 0.754 360 12.5x20 330 16 337hsm016m 0.804 250 10x12.5 330 25 337hsm025m 0.703 300 10x16 330 35 337hsm035m 0.603 350 10x20 capacitance (f) wvdc ic part number maximum esr (m) 120 hz, +20c maximum rms ripple current (a) 120 hz, +105c dims dxl (mm) 330 50 337hsm050m 0.502 430 12.5x20 330 63 337hsm063m 0.502 480 12.5x25 470 10 477hsm010m 0.705 270 10x12.5 470 16 477hsm016m 0.564 330 10x16 470 25 477hsm025m 0.494 390 10x20 470 35 477hsm035m 0.423 470 12.5x20 470 50 477hsm050m 0.353 570 12.5x25 470 63 477hsm063m 0.353 650 16x25 1000 10 108hsm010m 0.332 470 10x20 1000 16 108hsm016m 0.265 590 12.5x20 1000 25 108hsm025m 0.232 700 12.5x25 1000 35 108hsm035m 0.199 850 16x25 1000 50 108hsm050m 0.166 1030 16x31.5 2200 10 228hsm010m 0.181 820 12.5x25 2200 16 228hsm016m 0.151 1030 16x25 2200 25 228hsm025m 0.136 1210 16x31.5 3300 10 338hsm010m 0.131 1090 16x25 3300 16 338hsm016m 0.111 1330 16x31.5 4700 10 478hsm010m 0.099 1390 16x31.5


▲Up To Search▲   

 
Price & Availability of 107HSM025M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X