Part Number Hot Search : 
UB2421 80C196KC SE567N D8103 BFXXXX 7EREH601 Z5221B C1411EPA
Product Description
Full Text Search
 

To Download YFW-20-12-E-08-MSB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  do not scale from this print .105 ref 2.667 .035 ref 0.889 (no of pos x .0500[1.270]) + .100[2.54] .155 ref 3.937 (no of rows x .0500[1.270]) + .120[3.05] (no of rows -1) x .050[1.27] [tol non- accum] (no of pos -1) x .050[1.27] [tol non-accum] .040 ref 1.02 c2 c4 c3 01 02 11 ( pin # = no of rows + 1) yfw-xx-xx-x-xx-xsb-xx no of positions -20 thru -50 (multiples of 10 only) row specification solder balls plating specification -h: heavy gold (use t-1r2x-xxb-h-1) -e: extra gold (use t-1r2x-xxb-e-1) mated stack height w/ yfs -07: 7mm -09: 9mm -12: 12mm -19: 19mm (see fig. 2) -25: 25mm (see fig. 2) -05: five rows -08: eight rows (available on -07, -09 & -12 mated stacks only) -10: ten rows option -k: kapton pad (see fig. 3) (available on -07, -09 & -12 mated stacks only) -tr: tape & reel [stack height -07 & -09: all positions -12: positions up to 40x10 -19 & -25: not available] -p: pick and place pad (see fig 4) -sb: solder balls (use sdb-030-6337) -msb: modified solder balls- pb free (use sdb-030-9653) * ** ** do not design in for 10-row version. only existing customers, as of 2/10/06, will be supported. -p option should be used for 10-row version. "a" ref see table 1 "a" "a" c5 fig 1 yfw-20-07-x-10-sb shown [stack height -09 & -12 similar] yfths-xx-xx-x yfts-xx-xx-xx .083 ref 2.11 .100 ref 2.54 "b" ref "c" ref (see table 2) "d" 2.75 max sway (any direction) 'a' section "a-a" c7 t-1r2x-xxb-x-1 (see table 3) c6 sdb-030-xxxx .0100 0.254 .016 ref 0.41 detail 'a' scale 10 : 1 [solder ball removed for clarity] c8 c c1 = not release for production. * x sheet of unless otherwise specified, dimensions are in inches. tolerances are: decimals angles .xx: .01[.3] 2 .xxx: .005[.13] .xxxx: .0020[.051] material: flex, y, z, .050 centerline terminal assembly by: yfw-xx-xx-x-xx-xsb-xx dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. dean p 5/11/2001 4 1 sheet scale: 1.875:1 insulator: lcp, color: black terminal: brass solder ball: 63% tin/ 37% lead f:\dwg\misc\mktg\yfw-xx-xx-x-xx-xsb-xx-mkt.slddrw notes: 1. represents a critical dimension. 2. burr allowance: .0015[.038] max. 3. minimum pushout force; pre-process: 8 oz, post-process: 5 oz. 4. maximum allowable bow; top/bottom: .006[.15], side/side: .003[.08]. 5. all dims to be symmetrical about centerline within .002[.05]. 6. body retention between welded bodies to be 4 lbs minimum total. 7. weld flash: .020[.51] max. 8. -h plating may be substituted for -g plating. 9. note deleted. do not scale drawing 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail: info@samtec.com code: 55322 revision x
"a" ref see table 1 "b" "b" c9 fig 2 yfw-20-19-x-10-sb shown [stack height -25 similar] (different as shown, otherwise same as fig 1) yfts-xx-01-xx yftm-xx-xx-xx yfths-xx-xx-x .083 ref 2.11 "b" ref .100 ref 2.54 "c" ref "d" (see table 2) section "b"-"b" t-1r27-xxb-x-1 sdb-030-6337 'a' (see sheet 1) c10 "e" ref .008 .002 0.20 0.05 in-process 1 stack height -07, -09 & -12 t-1rxx-xxb-x-1 yfths-xx-xx-x see detail 'a' (sheet 1) .138 ref 3.51 "f" stack height -19 & -25 yfths-xx-xx-x yftm-xx-xx-xx see in-process 4 t-1r27-xxb-x-1 "d" (see table 2) stack height -19 & -25 .008 .002 0.20 0.05 detail 'a' scale 10 : 1 [solder ball removed for clarity] in-process 1 & 2 in-process 3 in-process 4 re-press stack height -19 & -25 sheet of flex, y, z, .050 centerline terminal assembly by: yfw-xx-xx-x-xx-xsb-xx dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing dean p 5/11/2001 4 2 sheet scale: 1.875:1 revision x f:\dwg\misc\mktg\yfw-xx-xx-x-xx-xsb-xx-mkt.slddrw 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail: info@samtec.com code: 55322
"r" ref "e" .015 0.38 "s" .020 [.51] fig 3 -k: kapton pad option yfw-20-xx-x-10-sb-k shown [kapton = .005 thick] "r" = (no of positions x .0500[1.270]) + .100[2.54] "s" = ("r" - "e" / 2) yfw-xx-09-x-08-sb shown -08 row user direction of un-reeling pocket not detailed 'n' 'n' pos 1 large notch to top round holes oblong holes section 'n'-'n' scale 1 : 1 -08 row yfw-xx-09-x-08-sb-p shown (parts to have position #1 loaded in same direction as arrow on tube) tape and reel view ** do not design in for 10-row version. only existing customers, as of 2/10/06, will be supported. -p option should be used for 10-row version. sheet of flex, y, z, .050 centerline terminal assembly by: yfw-xx-xx-x-xx-xsb-xx dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing dean p 5/11/2001 4 3 sheet scale: 1.875:1 revision x f:\dwg\misc\mktg\yfw-xx-xx-x-xx-xsb-xx-mkt.slddrw 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail: info@samtec.com code: 55322
.025 0.64 fig 4 -p: pick and place option -08 row .025 0.64 .420 ref 10.67 ppp-61 -05 row "r" ref "s" .020 [.51] "r" = (no of positions x .0500) + .100 "s" = ("r" - .670) / 2 .050 1.27 .670 ref 17.02 .076 1.94 -10 row sheet of flex, y, z, .050 centerline terminal assembly by: yfw-xx-xx-x-xx-xsb-xx dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing dean p 5/11/2001 4 4 sheet scale: 2:1 revision x f:\dwg\misc\mktg\yfw-xx-xx-x-xx-xsb-xx-mkt.slddrw 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail: info@samtec.com code: 55322


▲Up To Search▲   

 
Price & Availability of YFW-20-12-E-08-MSB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X