Part Number Hot Search : 
EC6A24S CZ8320 0201142 C1625 1EA103D EMA212 M6621WS1 T50N60
Product Description
Full Text Search
 

To Download TLJP107M0042700 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  32  september 2013 tlj type w case size see table above 157 capacitance code pf code: 1st two digits represent significant figures, 3rd digit represents multiplier (number of zeros to follow) m tolerance m = 20% 010 rated dc voltage 002 = 2.5vdc 004 = 4vdc 006 = 6.3vdc 010 = 10vdc 016 = 16vdc 020 = 20vdc how to order r packaging r = pure tin 7" reel s = pure tin 13" reel technical data: all technical data relate to an ambient temperature of +25c capacitance range: 10 f to 680 f capacitance tolerance: 20% rated voltage (v r ) -55c +40c: 2.5 4 6.3 10 16 20 category voltage (v c ) at 85c: 1.25 2 3.15 5 8 10 category voltage (v c ) at 125c: 0.5 0.8 1.26 2 3.2 4 temperature range: -55c to +125c with category voltage reliability: 0.2% per 1000 hours at 85c, 0.5xv r with 0.1/v series impedance with 60% confidence level technical specifications tlj series tantalum solid electrolytic chip capacitors high cv consumer series 0200 esr in m ? high volumetric efficiency ? 3x reflow 260c compatible ? 13 case sizes available including low profile codes ? environmentally friendly ? consumer applications (e.g. mobiles phones, pda etc.) ? cv range: 10-680f / 2.5-20v case dimensions: millimeters (inches) code eia eia l0.20 w+0.20 (0.008) h+0.20 (0.008) w 1 0.20 a+0.30 (0.012) s min. code metric (0.008) -0.10 (0.004) -0.10 (0.004) (0.008) -0.20 (0.008) a 1206 3216-18 3.20 (0.126) 1.60 (0.063) 1.60 (0.063) 1.20 (0.047) 0.80 (0.031) 1.10 (0.043) b 1210 3528-21 3.50 (0.138) 2.80 (0.110) 1.90 (0.075) 2.20 (0.087) 0.80 (0.031) 1.40 (0.055) f 2312 6032-20 6.00 (0.236) 3.20 (0.126) 2.00 (0.079) max. 2.20 (0.087) 1.30 (0.051) 2.90 (0.114) g 1206 3216-15 3.20 (0.126) 1.60 (0.063) 1.50 (0.059) max 1.20 0.047) 0.80 (0.031) 1.10 (0.043) h 1210 3528-15 3.50 (0.138) 2.80 (0.110) 1.50 (0.059) max 2.20 (0.087) 0.80 (0.031) 1.40 (0.055) k 1206 3216-10 3.20 (0.126) 1.60 (0.063) 1.00 (0.039) max 1.20 (0.047) 0.80 (0.031) 1.10 (0.043) n 0805 2012-10 2.05 (0.081) 1.30 (0.051) 1.00 (0.039) max 1.00 (0.039) 0.50 (0.020) 0.85 (0.033) p 0805 2012-15 2.05 (0.081) 1.35 (0.053) 1.50 (0.059) max 1.000.10 0.50 (0.020) 0.85 (0.033) (0.0390.004) r 0805 2012-12 2.05 (0.081) 1.30 (0.051) 1.20 (0.047) max 1.000.10 0.50 (0.020) 0.85 (0.033) (0.0390.004) s 1206 3216-12 3.20 (0.126) 1.60 (0.063) 1.20 (0.047) max 1.20 (0.047) 0.80 (0.031) 1.10 (0.043) t 1210 3528-12 3.50 (0.138) 2.80 (0.110) 1.20 (0.047) max 2.20 (0.087) 0.80 (0.031) 1.40 (0.033) w 2312 6032-15 6.00 (0.236) 3.20 (0.126) 1.50 (0.059) max 2.20 (0.087) 1.30 (0.051) 2.90 (0.114) y 2917 7343-20 7.30 (0.287) 4.30 (0.169) 2.00 (0.079) max 2.40 (0.094) 1.30 (0.051) 4.40 (0.173) w1 dimension applies to the termination width for a dimensional area only. for part marking see page 157 lead-free compatible component
september 2013  33 tlj series tantalum solid electrolytic chip capacitors high cv consumer series capacitance rated voltage dc to 40c / 0.5dc to 85c / 0.2dc to 125c f code 2.5v (e) 4v (g) 6.3v (j) 10v (a) 16v (c) 20v (d) 35v (v) 6.8 685 10 106 n(2500) s(2200) t(1000) r(2000,3000) 15 156 r(2000) 22 226 n(5400)/r(3500) k(1800)/n(3800) t(1000) r(3800) k(1700)/n(8000) k(1500)/n(9600) 33 336 n(8000)/r(3000) p(3000)/r(3000) p(3500) t(1000) r(3500)/s(1500) k(1500)/n(4000) k(1500)/n(8300) a(600)/g(1500) 47 476 p(3000)/r(3000) p(700,900,1800,2500) p(3200)/r(3200) r(3200)/s(1500) s(1500)/t(600) k(1200)/n(8000) a(500)/g(800) 68 686 p(3000) s(1500)/t(600) a(1500) r(2900)/s(1500) a(500)/g(800) a(500,800)/g(800) a(1400) 100 107 n(5200)/p(2700) p(5400)/t(800) h(900)/t(900) s(1400) 150 157 a(800)/t(800) a(900)/ g(2500) b(500) h(900)/t(1200) w(150,200) 220 227 t(1100) a(1100)/g(3000) b(500)/t(2000) f(300) h(900)/t(1100) w(200) 330 337 t(2700)/w(200) f(300) 470 477 680 687 y(100,150) 1000 108 1500 158 capacitance and rated voltage, vr (voltage code) range (letter denotes case size) available ratings, (esr ratings in mohms in brackets) engineering samples - please contact manufacturer *codes under development - subject to change note: voltage ratings are minimum values. avx reserves the right to supply higher ratings in the same case size, to the same r eliability standards.
34  september 2013 tlj series tantalum solid electrolytic chip capacitors high cv consumer series rated maximum dcl esr 100khz ripple current (ma) 100khz ripple voltage (mv) avx case capacitance voltage surge (a) max. (m) msl part no. size (f) (v) current (a)* max. @100khz 25oc 85oc 125oc 25oc 85oc 125oc 2.5 volt @ 40oc (1.25 volt @ 85oc, 0.5 volt @ 125c) tljt227m002#1200 t 220 2.5 0.8 5.5 1100 3 365 329 146 219 197 88 4 volt @ 40oc (2 volt @ 85oc, 0.8 volt @ 125c) tljn336m004#8000 n 33 4 0.2 1.3 8000 3 79 71 32 632 569 253 tljr336m004#3000 r 33 4 0.6 1.3 3000 3 135 122 54 406 366 162 tljk476m004#1500 k 47 4 1.0 1.9 1500 3 208 187 83 312 281 125 tljn476m004#4000 n 47 4 0.6 1.9 4000 3 112 101 45 447 402 179 tljp476m004#3000 p 47 4 0.6 1.9 3000 3 141 127 57 424 382 170 tljr476m004#3000 r 47 4 0.6 1.9 3000 3 135 122 54 406 366 162 tljk686m004#1200 k 68 4 1.2 2.7 1200 3 233 209 93 279 251 112 tljn686m004#8000 n 68 4 0.2 5.4 8000 3 79 71 32 632 569 253 tljp686m004#3000 p 68 4 1.2 2.7 3000 3 141 127 57 424 382 170 tljr686m004#2900 r 68 4 0.6 2.7 2900 3 138 124 55 399 359 160 tljs686m004#1500 s 68 4 1.0 2.7 1500 3 208 187 83 312 281 125 tlja107m004#0500 a 100 4 2.1 4.0 500 3 387 349 155 194 174 77 tljg107m004#0800 g 100 4 1.6 4.0 800 3 296 266 118 237 213 95 tljn107m004#5200 n 100 4 0.4 8.0 5200 3 98 88 39 510 459 204 tljp107m004#2700 p 100 4 0.6 8.0 2700 3 149 134 60 402 362 161 tljs107m004#1400 s 100 4 1.1 4.0 1400 3 208 187 83 312 281 125 tlja157m004#0800 a 150 4 1.6 6.0 800 3 306 276 122 245 220 98 tljt157m004#0800 t 150 4 1.6 6.0 800 3 316 285 126 253 228 101 tlja227m004#1100 a 220 4 1.3 17.6 1100 3 261 235 104 287 259 115 tljg227m004#3000 g 220 4 0.6 17.6 3000 3 153 137 61 458 412 183 tljh227m004#0900 h 220 4 1.5 8.8 900 3 298 268 119 268 241 107 tljt227m004#1100 t 220 4 1.3 17.6 1100 3 316 285 126 253 228 101 tljt337m004#2700 t 330 4 0.6 26.4 2700 3 172 155 69 465 418 186 tljw337m004#0200 w 330 4 3.1 13.2 200 3 671 604 268 134 121 54 6.3 volt @ 40oc (3.15 volt @ 85oc, 1.26 volt @ 125oc) tljn226m006#5400 n 22 6.3 0.5 1.3 5400 3 96 87 38 520 468 208 tljr226m006#3500 r 22 6.3 0.8 1.3 3500 3 125 113 50 439 395 175 tljk336m006#1700 k 33 6.3 1.5 2.0 1700 3 196 176 78 332 299 133 tljn336m006#8000 n 33 6.3 0.4 2.0 8000 3 79 71 32 632 569 253 tljp336m006#3000 p 33 6.3 0.9 2.0 3000 3 141 127 57 424 382 170 tljr336m006#3000 r 33 6.3 0.9 2.0 3000 3 135 122 54 406 366 162 tljk476m006#1500 k 47 6.3 1.6 2.8 1500 3 208 187 83 312 281 125 tljn476m006#8300 n 47 6.3 0.4 5.6 8300 3 78 70 31 644 580 258 tljp476m006#0700 p 47 6.3 2.7 2.8 700 3 293 263 117 205 184 82 tljp476m006#0900 p 47 6.3 2.3 2.8 900 3 258 232 103 232 209 93 tljp476m006#1800 p 47 6.3 1.4 2.8 1800 3 183 164 73 329 296 131 tljp476m006#2500 p 47 6.3 1.1 2.8 2500 3 155 139 62 387 349 155 tljr476m006#3200 r 47 6.3 0.9 2.8 3200 3 131 118 52 420 378 168 tljs476m006#1500 s 47 6.3 1.6 2.8 1500 3 208 187 83 312 281 125 tlja686m006#0500 a 68 6.3 3.3 4.1 500 3 387 349 155 194 174 77 tljg686m006#0800 g 68 6.3 1.9 4.1 800 3 242 217 97 290 261 116 tljs686m006#1500 s 68 6.3 1.6 4.1 1500 3 208 187 83 312 281 125 tljt686m006#0600 t 68 6.3 3.0 4.1 600 3 365 329 146 219 197 88 tlja107m006#0500 a 100 6.3 3.3 6.0 500 3 387 349 155 194 174 77 tlja107m006#0800 a 100 6.3 2.5 6.0 800 3 306 276 122 245 220 98 tljg107m006#0800 g 100 6.3 2.5 6.0 800 3 296 266 118 237 213 95 tljp107m006#5400 p 100 6.3 0.5 12.0 5400 3 105 95 42 596 512 228 tljt107m006#0800 t 100 6.3 2.5 6.0 800 3 316 285 126 253 228 101 tlja157m006#0900 a 150 6.3 2.3 9.0 900 3 289 260 115 260 234 104 tljg157m006#2500 g 150 6.3 1.1 18.0 2500 3 167 151 67 418 376 167 tljh157m006#0900 h 150 6.3 2.3 9.0 900 3 298 268 119 268 241 107 tljt157m006#1200 t 150 6.3 1.9 9.0 1200 3 316 285 126 253 228 101 tljb227m006#0500 b 220 6.3 3.3 13.2 500 3 412 371 165 206 186 82 tljt227m006#2000 t 220 6.3 1.3 26.4 2000 3 200 180 80 400 360 160 tljw227m006#0200 w 220 6.3 4.8 13.2 200 3 671 604 268 134 121 54 tljf337m006#0300 f 330 6.3 4.2 19.8 300 3 577 520 231 173 156 69 tljy687m006#0100 y 680 6.3 5.7 40.8 100 3 1118 1006 447 112 101 45 tljy687m006#0150 y 680 6.3 5.7 40.8 150 3 913 822 365 137 123 55 ratings & part number reference moisture sensitivity level (msl) is defined according to j-std-020. all technical data relates to an ambient temperature of +25c. capacitance and df are measured at 120hz, 0.5v rms with a maximum dc bias of 2.2 volts. dcl is measured at rated voltage after 5 minutes. esr allowed to move up to 1.25 times catalogue limit post mounting dcl allowed to move up to 2.00 times catalogue limit post mounting for typical weight and composition see page 150. note: avx reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
september 2013  35 tlj series tantalum solid electrolytic chip capacitors high cv consumer series ratings & part number reference rated maximum dcl esr 100khz ripple current (ma) 100khz ripple voltage (mv) avx case capacitance voltage surge (a) max. (m) msl part no. size (f) (v) current (a)* max. @100khz 25oc 85oc 125oc 25oc 85oc 125oc 10 volt @ 40oc (5 volt @ 85oc, 2 volt @ 125oc) tljn106m010#2500 n 10 10 1.7 1.0 2500 3 141 127 57 354 318 141 tljr106m010#2000 r 10 10 2.0 1.0 2000 3 166 149 66 332 298 133 tljr106m010#3000 r 10 10 1.4 1.0 3000 3 135 122 54 406 366 162 tljr156m010#2000 r 15 10 2.0 1.5 2000 3 166 149 66 332 298 133 tljk226m010#1800 k 22 10 2.2 2.2 1800 3 190 171 76 342 308 137 tljn226m010#3800 n 22 10 1.2 2.2 3800 3 115 103 46 436 392 174 tljr226m010#3800 r 22 10 1.2 2.2 3800 3 120 108 48 457 411 183 tljk336m010#1500 k 33 10 2.6 3.3 1500 3 208 187 83 312 281 125 tljn336m010#9600 n 33 10 0.5 6.6 9600 3 72 65 29 693 624 277 tljp336m010#3500 p 33 10 1.3 3.3 3500 3 141 127 57 424 382 170 tljr336m010#3500 r 33 10 1.3 3.3 3500 3 125 113 50 439 395 175 tljs336m010#1500 s 33 10 2.6 3.3 1500 3 208 187 83 312 281 125 tlja476m010#0600 a 47 10 4.8 4.7 600 3 354 318 141 212 191 85 tljg476m010#1500 g 47 10 2.6 4.7 1500 3 216 194 86 324 292 130 tljp476m010#3200 p 47 10 1.4 4.7 3200 3 137 123 55 438 394 175 tljr476m010#3200 r 47 10 1.4 9.4 3200 3 131 118 52 420 378 168 tljs476m010#1500 s 47 10 2.6 4.7 1500 3 208 187 83 312 281 125 tljt476m010#0600 t 47 10 4.8 4.7 600 3 365 329 146 219 197 88 tlja686m010#1500 a 68 10 2.6 6.8 1500 3 224 201 89 335 302 134 tlja107m010#1400 a 100 10 2.7 10.0 1400 3 231 208 93 324 292 130 tljh107m010#0900 h 100 10 3.7 10.0 900 3 298 268 119 268 241 107 tljt107m010#0900 t 100 10 3.7 10.0 900 3 298 268 119 268 241 107 tljb157m010#0500 b 150 10 5.3 15.0 500 3 412 371 165 206 186 82 tljw157m010#0150 w 150 10 8.3 15.0 150 3 775 697 310 116 105 46 tljw157m010#0200 w 150 10 7.7 15.0 200 3 671 604 268 134 121 54 tljf227m010#0300 f 220 10 6.7 22.0 300 3 577 520 231 173 156 69 16 volt @ 40oc (8 volt @ 85oc, 3.2 volt @ 125oc) tljs106m016#2200 s 10 16 3.0 1.6 2200 3 172 155 69 378 340 151 tljt226m016#1000 t 22 16 5.5 3.5 1000 3 283 255 113 283 255 113 tljt336m016#1000 t 33 16 5.5 5.3 1000 3 283 255 113 283 255 113 20 volt @ 40oc (10 volt @ 85oc, 4 volt @ 125oc) tljt106m020#1000 t 10 20 6.9 2.0 1000 3 283 255 113 283 255 113 voltage vs temperature rating 100% 100% 33% 67% 50% 20% 80% 80% 0% 20% 40% 60% 80% 100% 120% -55c 40c 0c 60c 85c 125c 105c rated range recommended derating moisture sensitivity level (msl) is defined according to j-std-020. all technical data relates to an ambient temperature of +25c. capacitance and df are measured at 120hz, 0.5v rms with a maximum dc bias of 2.2 volts. dcl is measured at rated voltage after 5 minutes. esr allowed to move up to 1.25 times catalogue limit post mounting dcl allowed to move up to 2.00 times catalogue limit post mounting for typical weight and composition see page 150. note: avx reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.


▲Up To Search▲   

 
Price & Availability of TLJP107M0042700

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X