|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
october 2007 rev 4 1/13 13 stb40ns15 n-channel 150v - 0.045 ? - 40a - d 2 pa k mesh overlay? power mosfet features exceptional dv /dt capability gate charge minimized very low intrinsic capacitances applications switching application description this power mosfet is designed using the company?s consolidated strip layout-based mesh overlay? process. this technology matches and improves the performances compared with standard parts from various sources. figure 1. internal schematic diagram type v dss r ds(on) (max) i d stb40ns15 150v <0.052 ? 40a d 2 pak 1 3 table 1. device summary part number marking package packaging STB40NS15T4 b40nf15 d 2 pak tape & reel www.st.com obsolete product(s) - obsolete product(s)
contents stb40ns15 2/13 contents 1 electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 2 electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 2.1 electrical characteristics (curves) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 3 test circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 4 package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 5 packing mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 6 revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 obsolete product(s) - obsolete product(s) stb40ns15 electrical ratings 3/13 1 electrical ratings table 2. absolute maximum ratings symbol parameter value unit v ds drain-source voltage (v gs = 0) 150 v v dgr drain-gate voltage (r gs = 20 k ? ) 150 v v gs gate- source voltage 20 v i d drain current (continuous) at t c = 25c 40 a i d drain current (continuous) at t c = 100c 25 a i dm (1) 1. pulse width limited by safe operating area. drain current (pulsed) 160 a p tot total dissipation at t c = 25c 300 w derating factor 2 w/c dv/dt peak diode recovery avalanche energy 7 v/ns t stg storage temperature -65 to 175 c t j max. operating junction temperature table 3. thermal data symbol parameter value unit rthj-case thermal resistance junction-case max 0.5 c/w rthj-amb thermal resistance ju nction-ambient max 62.5 c/w t j maximum lead temperature for soldering purpose 300 c table 4. avalanche characteristics symbol parameter max value unit i ar avalanche current, repetitive or not-repetitive (pulse width limited by tj max) 40 a e as single pulse avalanche energy (starting tj = 25 c, i d = i ar , v dd = 50 v) 350 mj obsolete product(s) - obsolete product(s) electrical characteristics stb40ns15 4/13 2 electrical characteristics (t case =25c unless otherwise specified) table 5. on/off states symbol parameter test conditions min. typ. max. unit v (br)dss drain-source breakdown voltage i d = 250a, v gs =0 150 v i dss zero gate voltage drain current (v gs = 0) v ds = max rating v ds = max rating, t c = 125c 1 10 a a i gss gate-body leakage current (v ds = 0) v gs = 20v 100 na v gs(th) gate threshold voltage v ds = v gs , i d = 250a 2 3 4 v r ds(on) static drain-source on resistance v gs = 10v, i d = 20a 0.045 0.052 ? table 6. dynamic symbol parameter test conditions min. typ. max. unit g fs (1) 1. pulsed: pulse duration = 300 s, duty cycle 1.5 %. forward transconductance v ds = 10v , i d = 20a 29.4 s c iss c oss c rss input capacitance output capacitance reverse transfer capacitance v ds = 25v, f = 1mhz, v gs = 0 2420 380 160 pf pf pf t d(on) t r t d(off) t f turn-on delay time rise time turn-off delay time fall time v dd = 75v, i d = 20a r g =4.7 ? v gs = 10v (see figure 13 ) 25 45 85 35 ns ns ns ns q g q gs q gd total gate charge gate-source charge gate-drain charge v dd = 120v, i d = 40a, v gs = 10v, r g =4.7 ? (see figure 14 ) 100 17 47 110 nc nc nc obsolete product(s) - obsolete product(s) stb40ns15 electrical characteristics 5/13 table 7. source drain diode symbol parameter test conditions min. typ. max. unit i sd i sdm (1) 1. pulse width limited by safe operating area. source-drain current source-drain current (pulsed) 40 160 a a v sd (2) 2. pulsed: pulse duration = 300 s, duty cycle 1.5 % forward on voltage i sd = 40a, v gs = 0 1.5 v t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd = 40a, di/dt = 100a/s, v dd = 100v, t j = 150c (see figure 15 ) 270 200 1.5 ns nc a obsolete product(s) - obsolete product(s) electrical characteristics stb40ns15 6/13 2.1 electrical characteri stics (curves) figure 2. safe operating area figure 3. thermal impedance figure 4. output characterisics figure 5. transfer characteristics figure 6. transconductance figure 7. static drain-source on resistance obsolete product(s) - obsolete product(s) stb40ns15 electrical characteristics 7/13 figure 8. gate charge vs gate-source voltage figure 9. capacitance variations figure 10. normalized gate threshold voltage vs temperature figure 11. normalized on resistance vs temperature figure 12. source-drain diode forward characteristics obsolete product(s) - obsolete product(s) test circuit stb40ns15 8/13 3 test circuit figure 13. switching times test circuit for resistive load figure 14. gate charge test circuit figure 15. test circuit for inductive load switching and diode recovery times figure 16. unclamped inductive load test circuit figure 17. unclamped inductive wavefo rm figure 18. switching time waveform obsolete product(s) - obsolete product(s) stb40ns15 package mechanical data 9/13 4 package mechanical data in order to meet environmental requirements, st offers these devices in ecopack? packages. these packages have a lead-free second level interconnect . the category of second level interconnect is marked on the package and on the inner box label, in compliance with jedec standard jesd97. the maximum ratings related to soldering conditions are also marked on the inner box label. ecopack is an st trademark. ecopack specifications are available at: www.st.com obsolete product(s) - obsolete product(s) package mechanical data stb40ns15 10/13 to-247 mechanical data 1 dim. mm. inch min. typ max. min. typ. max. a 4.4 4.6 0.173 0.181 a1 2.49 2.69 0.098 0.106 a2 0.03 0.23 0.001 0.009 b 0.7 0.93 0.027 0.036 b2 1.14 1.7 0.044 0.067 c 0.45 0.6 0.017 0.023 c2 1.23 1.36 0.048 0.053 d 8.95 9.35 0.352 0.368 d1 8 0.315 e 10 10.4 0.393 e1 8.5 0.334 g 4.88 5.28 0.192 0.208 l 15 15.85 0.590 0.625 l2 1.27 1.4 0.050 0.055 l3 1.4 1.75 0.055 0.068 m 2.4 3.2 0.094 0.126 r0.4 0.015 v2 0o 4o d 2 pak mechanical data 3 obsolete product(s) - obsolete product(s) stb40ns15 packing mechanical data 11/13 5 packing mechanical data tape and reel shipment d 2 pak footprint * on sales type dim. mm inch min. max. min. max. a 330 12.992 b 1.5 0.059 c 12.8 13.2 0.504 0.520 d 20.2 0795 g 24.4 26.4 0.960 1.039 n 100 3.937 t 30.4 1.197 base qty bulk qty 1000 1000 reel mechanical data dim. mm inch min. max. min. max. a0 10.5 10.7 0.413 0.421 b0 15.7 15.9 0.618 0.626 d 1.5 1.6 0.059 0.063 d1 1.59 1.61 0.062 0.063 e 1.65 1.85 0.065 0.073 f 11.4 11.6 0.449 0.456 k0 4.8 5.0 0.189 0.197 p0 3.9 4.1 0.153 0.161 p1 11.9 12.1 0.468 0.476 p2 1.9 2.1 0.075 0.082 r 50 1.574 t 0.25 0.35 0.0098 0.0137 w 23.7 24.3 0.933 0.956 tape mechanical data obsolete product(s) - obsolete product(s) revision history stb40ns15 12/13 6 revision history table 8. document revision history date revision changes 21-jun-2004 2 preliminary version 26-jun-2006 3 new template, no content change 24-oct-2007 4 minor text changes obsolete product(s) - obsolete product(s) stb40ns15 13/13 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by an authorize representative of st, st products are not designed, authorized or warranted for use in military, air craft, space, life saving, or life sustaining applications, nor in products or systems, where failure or malfunction may result in personal injury, death, or severe property or environmental damage. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2007 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com obsolete product(s) - obsolete product(s) |
Price & Availability of STB40NS15T4 |