Part Number Hot Search : 
LC7573N 1202E MEH1XAA 97CFDC T0810 AD7534JP XR17V254 74LVC2
Product Description
Full Text Search
 

To Download SR130 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features  low forward voltage drop  high current capability  high reliability  high surge current capability mechanical data  cases: do-41 molded plastic  epoxy: ul 94v-o rate flame retardant  lead: axial leads, solderable per mil- std-202, method 208 guaranteed  polarity: color band denotes cathode end  high temperature soldering guaranteed: dimensions in inches and (millimeters) m aximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol sr 120 sr 130 sr 140 sr 150 sr 160 sr 190 sr 1100 units maximum recurrent peak reverse voltage v rrm 20 30 40 50 60 90 100 v maximum rms voltage v rms 14 21 28 35 42 63 70 v maximum dc blocking voltage v dc 20 30 40 50 60 90 100 v maximum average forward rectified current see fig. 1 i (av) 1.0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 40 30 a maximum instantaneous forward voltage @ 1.0 a v f 0.55 0.70 0.80 v maximum d.c. reverse current @ t a =25 at rated dc blocking voltage @ t a =100 i r 0.5 10 0.05 - ma ma typical thermal resistance (note 1) r ja 90 /w typical junction capacitance (note 2) cj 80 65 28 pf operating junction temperature range t j - 65 to +125 -65 to +150 storage temperature range t stg -65 to +150 notes: 1. mount on cu-pad size 5mm x 5mm on p.c.b. 2. measured at 1 mhz and applie d reverse voltage of 4.0v d.c. 260c/10sec/0.375"(9.5mm) lead lengths at 5 lbs(2.3kg) tension  weight: 0.33grams do-41 data sheet 1.0 amp schottky rectifiers sr120 series description mechanical dimensions
ratings and characteristic curves (sr1 20 thur sr110) fig.1- forward current derating curve fig.2- typical forward characteristics fig.3- typical reverse characteristics fig.5- maximum non-repetitive forward surge current fig.4- typical junction capacitance average for ward current . (a) junction cap acitance.(pf) current . (a) instantaneous for ward current . (a) instantaneous reverse current .(ma) 0 25 50 75 100 125 150 175 0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 1.7 1.9 2.1 0 20 40 60 80 100 120 140 1 2 4 6 8 10 20 40 100 60 80 0.1 0.4 1 4 10 40 0 0.25 0.50 0.75 1 0.1 1 10 20 0 10 40 30 50 10 20 40 60 100 80 200 400 100 10 1 0.1 0.01 0.001 lead temperature. ( c) o percent of rated peak reverse voltage. (%) reverse voltage. (v) forward voltage. (v) number of cycles at 60hz tj=100 c 0 tj=25 c 0 sr150-sr160 s r 1 5 0-s r 1 60 sr150-sr1 100 sr120-sr140 sr120-sr140 sr120-sr140 tj=75 c 0 tj=25 o c pulse width=300 s 1% duty cycle sr190-sr1 100 s r 1 9 0-s r 1 1 00 sr120-sr160 sr190-sr1 100 20 100 data sheet 1.0 amp schottky rectifiers


▲Up To Search▲   

 
Price & Availability of SR130

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X